Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HN58C65 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HN58C65
Description  8192-word X 8-bit Electrically Erasable and Programmable CMOS ROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HN58C65 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HN58C65 Datasheet HTML 1Page - Hitachi Semiconductor HN58C65 Datasheet HTML 2Page - Hitachi Semiconductor HN58C65 Datasheet HTML 3Page - Hitachi Semiconductor HN58C65 Datasheet HTML 4Page - Hitachi Semiconductor HN58C65 Datasheet HTML 5Page - Hitachi Semiconductor HN58C65 Datasheet HTML 6Page - Hitachi Semiconductor HN58C65 Datasheet HTML 7Page - Hitachi Semiconductor HN58C65 Datasheet HTML 8Page - Hitachi Semiconductor HN58C65 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
HN58C65 Series
8192-word
× 8-bit Electrically Erasable and Programmable CMOS
ROM
ADE-203-374A (Z)
Rev. 1.0
Apr. 12, 1995
Description
The Hitachi HN58C65 is a electrically erasable and programmable ROM organized as 8192-word
× 8-bit. It
realizes high speed, low power consumption, and a high level of reliability, employing advanced MNOS
memory technology and CMOS process and circuitry technology. It also has a 32-byte page programming
function to make its erase and write operations faster.
Features
Single 5 V Supply
On chip latches: address, data, CE, OE, WE
Automatic byte write: 10 ms max
Automatic page write (32 byte): 10 ms max
Fast access time: 250 ns max
Low power dissipation: 20 mW/MHz typ (Active)
2.0 mW typ (Standby)
Data polling and Ready/Busy
Data protection circuity on power on/power off
Conforms to JEDEC byte-wide standard
Reliable CMOS with MNOS cell technology
10
5 erase/write cycles (in page mode)
10 year data retention
Ordering Information
Type No.
Access Time
Package
HN58C65P-25
250 ns
600 mil 28 pin plastic DIP (DP-28)
HN58C65FP-25
250 ns
28 pin plastic SOP
*1 (FP-28D/DA)
Note:
1. T is added to the end of the type no. for a SOP of 3.0 mm (max) thickness.


Similar Part No. - HN58C65

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58C1001 HITACHI-HN58C1001 Datasheet
117Kb / 22P
   1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function
logo
Renesas Technology Corp
HN58C1001 RENESAS-HN58C1001 Datasheet
232Kb / 24P
   1M EEPROM (128-kword 횞 8-bit) Ready/Busy and RES function
logo
Hitachi Semiconductor
HN58C1001FP-15 HITACHI-HN58C1001FP-15 Datasheet
117Kb / 22P
   1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function
logo
Renesas Technology Corp
HN58C1001FP-15 RENESAS-HN58C1001FP-15 Datasheet
232Kb / 24P
   1M EEPROM (128-kword 횞 8-bit) Ready/Busy and RES function
HN58C1001FP-15E RENESAS-HN58C1001FP-15E Datasheet
232Kb / 24P
   1M EEPROM (128-kword 횞 8-bit) Ready/Busy and RES function
More results

Similar Description - HN58C65

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN48016 HITACHI-HN48016 Datasheet
229Kb / 4P
   2048 WORD X 8 BIT ELECTRICALLY ERASABLE AND PROGRAMMABLE ROM
HN27C64FP HITACHI-HN27C64FP Datasheet
227Kb / 5P
   8192-WORD X 8BIR ONE TIME ELECTRICALLY PROGRAMMABLE CMOS ROM
HN27C256G HITACHI-HN27C256G Datasheet
437Kb / 6P
   32768-WORD x 8-BIT CMOS UV ERASABLE AND PROGRAMMABLE ROM
logo
Toshiba Semiconductor
TC57H256D TOSHIBA-TC57H256D Datasheet
692Kb / 13P
   32.768 WORD x 8 BIT CMOS UV ERASABLE AND ELECTRICALLY
logo
Hitachi Semiconductor
HN27C4096HCC HITACHI-HN27C4096HCC Datasheet
459Kb / 18P
   262,144-word x 16-bit CMOS UV Erasable and Programmable ROM
logo
Mitsubishi Electric Sem...
M6M80011 MITSUBISHI-M6M80011 Datasheet
253Kb / 10P
   1024 BIT ELECTRICALLY ERASABLE AND PROGRAMMABLE ROM
M5L2764K MITSUBISHI-M5L2764K Datasheet
328Kb / 7P
   65536-BIT (8192-WORD BY 8-BIT) ERASABLE AND ELECTRICALLT REPROGRAMMABLE ROM
logo
Toshiba Semiconductor
TC57H1000AD TOSHIBA-TC57H1000AD Datasheet
299Kb / 10P
   131,072 WORD x 8 BIT CMOS UV ERASABLE AND ELECTRICALLY PROGRAMMABLE READ ONLY MEMORY
logo
Mitsubishi Electric Sem...
M6M80041 MITSUBISHI-M6M80041 Datasheet
251Kb / 10P
   4096-BIT (256-WORD BY-180 -BIT) ELECTRICALLY ERASABLE AND PROGRAMMABLE ROM
logo
Rohm
BR93L56 ROHM-BR93L56 Datasheet
634Kb / 42P
   128 X 16 bIT Electrically Erasable Programmable ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com