Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCH875NP-222K Datasheet(PDF) 3 Page - Sumida Corporation

Part # RCH875NP-222K
Description  PIN Power Inductor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCH875NP-222K Datasheet(HTML) 3 Page - Sumida Corporation

  RCH875NP-222K Datasheet HTML 1Page - Sumida Corporation RCH875NP-222K Datasheet HTML 2Page - Sumida Corporation RCH875NP-222K Datasheet HTML 3Page - Sumida Corporation RCH875NP-222K Datasheet HTML 4Page - Sumida Corporation RCH875NP-222K Datasheet HTML 5Page - Sumida Corporation RCH875NP-222K Datasheet HTML 6Page - Sumida Corporation RCH875NP-222K Datasheet HTML 7Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Page 3 of 7
Revised: 7-Jan-14
PIN
PIN
PIN
PIN Power Inductor
Power Inductor
Power Inductor
Power Inductor
RCH-875
Electrical Characteristics
※1: Inductance measuring frequency: 2.2μH ~8.2μH
at
7.96MHz
10
μH ~ 82μH at 2.52MHz
100
μH ~10mH
at
1 kHz
※2: Saturation current: The DC current at which the inductance decreases to 90% of it’s initial value.
※3: Temperature rise current: The DC current at which the temperature rise is △t=20℃.(Ta=20℃).
54m
84m
33.0
10
mH ± 10%
103K
RCH875NP-103K
63m
93m
28.7
8.2
mH ± 10%
822K
RCH875NP-822K
67m
0.10
21.8
6.8
mH ± 10%
682K
RCH875NP-682K
69m
0.11
18.7
5.6
mH ± 10%
562K
RCH875NP-562K
74m
0.12
16.7
4.7
mH ± 10%
472K
RCH875NP-472K
81m
0.14
14.2
3.9
mH ± 10%
392K
RCH875NP-392K
95m
0.15
10.6
3.3
mH ± 10%
332K
RCH875NP-332K
0.10
0.16
8.72
2.7
mH ± 10%
272K
RCH875NP-272K
0.13
0.18
6.25
2.2
mH ± 10%
222K
RCH875NP-222K
0.14
0.20
5.05
1.8
mH ± 10%
182K
RCH875NP-182K
0.15
0.22
4.70
1.5
mH ± 10%
152K
RCH875NP-152K
0.16
0.24
4.04
1.2
mH ± 10%
122K
RCH875NP-122K
0.18
0.27
2.94
1.0
mH ± 10%
102K
RCH875NP-102K
0.19
0.30
2.56
820
± 10%
821K
RCH875NP-821K
0.22
0.33
1.96
680
± 10%
681K
RCH875NP-681K
0.23
0.36
1.72
560
± 10%
561K
RCH875NP-561K
0.28
0.41
1.34
470
± 10%
471K
RCH875NP-471K
Temperature
Rise Current
(A)
※3
Saturation Current
(
A) ※2
D.C.R. (
Ω)
[ Max. ]
(at20
℃)
Inductance
(μH)
[ within ]
※1
Stamp
Part Name


Similar Part No. - RCH875NP-222K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH875NP-222K SUMIDA-RCH875NP-222K Datasheet
181Kb / 3P
   Power Inductor< Pin Type: RCH Series>
More results

Similar Description - RCH875NP-222K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH-664 SUMIDA-RCH-664_14 Datasheet
298Kb / 6P
   PIN Power Inductor
RCH4764B SUMIDA-RCH4764B Datasheet
176Kb / 4P
   PIN Power Inductor
RCR1616 SUMIDA-RCR1616_14 Datasheet
239Kb / 5P
   PIN Power Inductor
RCH8011 SUMIDA-RCH8011_14 Datasheet
238Kb / 5P
   PIN Power Inductor
RCH109 SUMIDA-RCH109_14 Datasheet
238Kb / 5P
   PIN Power Inductor
R58 SUMIDA-R58_14 Datasheet
188Kb / 4P
   PIN Power Inductor
RP1315B SUMIDA-RP1315B Datasheet
248Kb / 5P
   PIN Power Inductor
RCH8010 SUMIDA-RCH8010 Datasheet
428Kb / 4P
   PIN Power Inductor
RCR-110D SUMIDA-RCR-110D_14 Datasheet
235Kb / 5P
   PIN Power Inductor
RCH-895 SUMIDA-RCH-895_14 Datasheet
352Kb / 8P
   PIN Power Inductor
RCH-855 SUMIDA-RCH-855_14 Datasheet
315Kb / 7P
   PIN Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com