Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBFP-0420-BLK Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HBFP-0420-BLK
Description  High Performance Isolated Collector Silicon Bipolar Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HBFP-0420-BLK Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HBFP-0420-BLK Datasheet HTML 2Page - Agilent(Hewlett-Packard) HBFP-0420-BLK Datasheet HTML 3Page - Agilent(Hewlett-Packard) HBFP-0420-BLK Datasheet HTML 4Page - Agilent(Hewlett-Packard) HBFP-0420-BLK Datasheet HTML 5Page - Agilent(Hewlett-Packard) HBFP-0420-BLK Datasheet HTML 6Page - Agilent(Hewlett-Packard) HBFP-0420-BLK Datasheet HTML 7Page - Agilent(Hewlett-Packard) HBFP-0420-BLK Datasheet HTML 8Page - Agilent(Hewlett-Packard) HBFP-0420-BLK Datasheet HTML 9Page - Agilent(Hewlett-Packard) HBFP-0420-BLK Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Package Dimensions
SOT-343 (SC-70 4 Lead)
Part Number Ordering Information
Part Number
Devices per Reel
Container
HBFP-0420-TR1
3000
7" Reel
HBFP-0420-TR2
10,000
13" Reel
HBFP-0420-BLK
100
antistatic bag
E
D
A
A1
b TYP
e
E1
1.30 (0.051)
BSC
1.15 (.045) BSC
θ
h
C TYP
L
DIMENSIONS ARE IN MILLIMETERS (INCHES)
DIMENSIONS
MIN.
0.80 (0.031)
0 (0)
0.25 (0.010)
0.10 (0.004)
1.90 (0.075)
2.00 (0.079)
0.55 (0.022)
0.450 TYP (0.018)
1.15 (0.045)
0.10 (0.004)
0
MAX.
1.00 (0.039)
0.10 (0.004)
0.35 (0.014)
0.20 (0.008)
2.10 (0.083)
2.20 (0.087)
0.65 (0.025)
1.35 (0.053)
0.35 (0.014)
10
SYMBOL
A
A1
b
C
D
E
e
h
E1
L
θ
1.15 (.045) REF
1.30 (.051) REF
1.30 (.051)
2.60 (.102)
0.55 (.021) TYP
0.85 (.033)


Similar Part No. - HBFP-0420-BLK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HBFP-0405-BLK ETC-HBFP-0405-BLK Datasheet
85Kb / 10P
   High Performance Isolated Collector Silicon Bipolar Transistor
HBFP-0405-TR1 ETC-HBFP-0405-TR1 Datasheet
85Kb / 10P
   High Performance Isolated Collector Silicon Bipolar Transistor
HBFP-0405-TR2 ETC-HBFP-0405-TR2 Datasheet
85Kb / 10P
   High Performance Isolated Collector Silicon Bipolar Transistor
More results

Similar Description - HBFP-0420-BLK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HBFP0405 ETC-HBFP0405 Datasheet
85Kb / 10P
   High Performance Isolated Collector Silicon Bipolar Transistor
BPT1819E03 ETC1-BPT1819E03 Datasheet
14Kb / 1P
   High Performance Silicon Bipolar Transistor Intended
logo
Broadcom Corporation.
DEMO-AT32063 BOARDCOM-DEMO-AT32063 Datasheet
218Kb / 8P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-31011 BOARDCOM-AT-31011 Datasheet
274Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32011 BOARDCOM-AT-32011 Datasheet
297Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-32032 BOARDCOM-AT-32032 Datasheet
1Mb / 14P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
Agilent(Hewlett-Packard...
AT-30511 HP-AT-30511 Datasheet
101Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
AT-31011 HP-AT-31011 Datasheet
137Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-31011 AVAGO-AT-31011 Datasheet
274Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistor
logo
Agilent(Hewlett-Packard...
AT-32063 HP-AT-32063 Datasheet
86Kb / 8P
   Low Current, High Performance NPN Silicon Bipolar Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com