Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCH654NP-8R2M Datasheet(PDF) 5 Page - Sumida Corporation

Part # RCH654NP-8R2M
Description  PIN Power Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCH654NP-8R2M Datasheet(HTML) 5 Page - Sumida Corporation

  RCH654NP-8R2M Datasheet HTML 1Page - Sumida Corporation RCH654NP-8R2M Datasheet HTML 2Page - Sumida Corporation RCH654NP-8R2M Datasheet HTML 3Page - Sumida Corporation RCH654NP-8R2M Datasheet HTML 4Page - Sumida Corporation RCH654NP-8R2M Datasheet HTML 5Page - Sumida Corporation RCH654NP-8R2M Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Page 5 of 6
Revised: 7-Jan-14
PIN
PIN
PIN
PIN Power Inductor
Power Inductor
Power Inductor
Power Inductor
RCH-654
0
200
400
600
800
1000
1200
0.00
0.05
0.10
0.15
0.20
0
10
20
30
40
50
60
0
150
300
450
600
750
900
0.00 0.05 0.10 0.15 0.20 0.25 0.30
0
10
20
30
40
50
60
0
150
300
450
600
750
900
0.00 0.05 0.10 0.15 0.20 0.25 0.30
0
10
20
30
40
50
60
0
150
300
450
600
750
900
0.00 0.05 0.10 0.15 0.20 0.25 0.30
0
10
20
30
40
50
60
0
100
200
300
400
500
600
0.0
0.1
0.2
0.3
0.4
0
10
20
30
40
50
60
0
80
160
240
320
400
480
0.0
0.1
0.2
0.3
0.4
0
10
20
30
40
50
60
0
60
120
180
240
300
360
0.0
0.1
0.2
0.3
0.4
0
10
20
30
40
50
60
0
60
120
180
240
300
360
0.0
0.1
0.2
0.3
0.4
0.5
0
10
20
30
40
50
60
0
40
80
120
160
200
240
0.0 0.1 0.2 0.3 0.4 0.5 0.6
0
10
20
30
40
50
60
0
40
80
120
160
200
240
0.0 0.1 0.2 0.3 0.4 0.5 0.6
0
10
20
30
40
50
60
0
30
60
90
120
150
180
0.0
0.2
0.4
0.6
0.8
0
10
20
30
40
50
60
0
30
60
90
120
150
180
0.0
0.2
0.4
0.6
0.8
0
10
20
30
40
50
60
Saturation Current & Temperature Rise Graph
25. RCH654NP-121K
△T (℃)
L (
μH)
26. RCH654NP-151K
△T (℃)
L (
μH)
27. RCH654NP-181K
L (
μH)
DC (A)
29. RCH654NP-271K
△T (℃)
L (
μH)
28. RCH654NP-221K
△T (℃)
DC (A)
DC (A)
DC (A)
DC (A)
△T (℃)
L (
μH)
30. RCH654NP-331K
△T (℃)
L (
μH)
DC (A)
L (20
℃)
△T
L (100
℃)
31. RCH654NP-391K
△T (℃)
L (
μH)
32. RCH654NP-471K
△T (℃)
L (
μH)
DC (A)
DC (A)
33. RCH654NP-561K
△T (℃)
L (
μH)
DC (A)
34. RCH654NP-681K
△T (℃)
L (
μH)
35. RCH654NP-821K
△T (℃)
L (
μH)
DC (A)
DC (A)
36. RCH654NP-102K
△T (℃)
L (
μH)
DC (A)


Similar Part No. - RCH654NP-8R2M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH654NP-8R2M SUMIDA-RCH654NP-8R2M Datasheet
168Kb / 2P
   Power Inductor< Pin Type :RCH Series>
More results

Similar Description - RCH654NP-8R2M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH-664 SUMIDA-RCH-664_14 Datasheet
298Kb / 6P
   PIN Power Inductor
RCH4764B SUMIDA-RCH4764B Datasheet
176Kb / 4P
   PIN Power Inductor
RCR1616 SUMIDA-RCR1616_14 Datasheet
239Kb / 5P
   PIN Power Inductor
RCH8011 SUMIDA-RCH8011_14 Datasheet
238Kb / 5P
   PIN Power Inductor
RCH109 SUMIDA-RCH109_14 Datasheet
238Kb / 5P
   PIN Power Inductor
R58 SUMIDA-R58_14 Datasheet
188Kb / 4P
   PIN Power Inductor
RP1315B SUMIDA-RP1315B Datasheet
248Kb / 5P
   PIN Power Inductor
RCH8010 SUMIDA-RCH8010 Datasheet
428Kb / 4P
   PIN Power Inductor
RCR-110D SUMIDA-RCR-110D_14 Datasheet
235Kb / 5P
   PIN Power Inductor
RCH-895 SUMIDA-RCH-895_14 Datasheet
352Kb / 8P
   PIN Power Inductor
RCH-855 SUMIDA-RCH-855_14 Datasheet
315Kb / 7P
   PIN Power Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com