Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GEA-M1003 Datasheet(PDF) 2 Page - General Semiconductor

Part # GEA-M1003
Description  the GE ECM 142 Series Motors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

GEA-M1003 Datasheet(HTML) 2 Page - General Semiconductor

  GEA-M1003 Datasheet HTML 1Page - General Semiconductor GEA-M1003 Datasheet HTML 2Page - General Semiconductor GEA-M1003 Datasheet HTML 3Page - General Semiconductor GEA-M1003 Datasheet HTML 4Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
The GE 142 Series motors offer ECM
performance and great economy.
For air-moving applications that don’t require the full features of the
ECM 2.3 motor, now there’s the ECM 142 Series––the first to offer ECM
efficiency, performance and field-proven reliability for less cost.
ECM 2.3 VS. ECM 142
ECM 2.3 Series
ECM 142 Series
Modes of
Operation
Options
• ratings
1/3, 1/2, 3/4, 1hp
1/3 hp
• mechanicals
single or double shaft
single or double shaft
integral or remote control
integral or remote control
• input voltage
120/240 volt or 277 volt
120 volt or 240 volt
• speed
0-1,500 rpm
0-1,500 rpm
• location
indoor
indoor or outdoor
• variable speed
via pwm control
via pwm control
• thermostat
30 memory settings
15 memory settings
via 24 volt control
via 24 volt or 120/240
volt control
• delay profiles
yes
no
• output signal
yes
no
• slew (ramp) rate
yes, programmable
yes, fixed rate
• soft start
yes
yes
Construction
Note: for complete product design specifications,
go to www.GEindustrial.com
enter keyword: ECM
The ECM 142 Series niche
For more than 10 years, the original ECM 2.3
blower motor has offered manufacturers the
ability to deliver constant airflow in forced-air
systems. Furthermore, it has always provided
dozens of programming options for those
systems in ratings ranging from 1/3 to 1
horsepower. Over time, GE has identified a
number of air-moving applications that
require the same high efficiency, and
precise speed and torque control of the
ECM 2.3 but without its full matrix of
programming and control options. For
those applications, the company has
created a lower-cost alternative to the
ECM 2.3––the ECM 142 Series.


Similar Part No. - GEA-M1003

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
GEA2/IO233PPB5V4 MICROSEMI-GEA2/IO233PPB5V4 Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
logo
TOKYO SEIMITSU CO., LTD
GEARPRO ACCRETECH-GEARPRO Datasheet
235Kb / 1P
   GEAR PRO bevel: Bevel Gear Measuring Program For Hypoid Gear Measuring
More results

Similar Description - GEA-M1003

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C088 HITTITE-HMC-C088 Datasheet
715Kb / 6P
   ECM Systems
logo
PowerVolt Inc.
BVU6000 POWERVOLT-BVU6000 Datasheet
536Kb / 2P
   The Power Supply for Stepping Motors
logo
List of Unclassifed Man...
UL1004-CE-ROHS ETC2-UL1004-CE-ROHS Datasheet
2Mb / 21P
   BRUSH MOTORS THE POWER OF SILENCE
logo
PowerVolt Inc.
STP-35AMP2.5 POWERVOLT-STP-35AMP2.5 Datasheet
562Kb / 2P
   The Power Supply for Stepping Motors
logo
List of Unclassifed Man...
EXO3C ETC-EXO3C Datasheet
121Kb / 2P
   ECM Programmable Oscillator
logo
Micross Components
HMC520 MICROSS-HMC520 Datasheet
886Kb / 9P
   Military Radar and ECM
logo
List of Unclassifed Man...
RC0910 ETC1-RC0910 Datasheet
66Kb / 3P
   ECM Flat Radial Coil
ECM90SMX ETC1-ECM90SMX Datasheet
75Kb / 1P
   ECM Surface Mount Crystal
logo
Canopus Electronics (H....
CO4012 CANOPUS-CO4012 Datasheet
1Mb / 3P
   Electret Condenser Microphone (ECM)
logo
Level One
GEU-0521 LVL1-GEU-0521 Datasheet
313Kb / 3P
   4 GE plus 1 GE SFP Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com