Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM81 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM81
Description  Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM81 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM81_13 Datasheet HTML 4Page - Texas Instruments LM81_13 Datasheet HTML 5Page - Texas Instruments LM81_13 Datasheet HTML 6Page - Texas Instruments LM81_13 Datasheet HTML 7Page - Texas Instruments LM81_13 Datasheet HTML 8Page - Texas Instruments LM81_13 Datasheet HTML 9Page - Texas Instruments LM81_13 Datasheet HTML 10Page - Texas Instruments LM81_13 Datasheet HTML 11Page - Texas Instruments LM81_13 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
LM81
SNAS011E – JUNE 1999 – REVISED FEBRUARY 2002
www.ti.com
DC ELECTRICAL CHARACTERISTICS
(1) (continued)
The following specifications apply for +2.8VDC
≤ V+ ≤ +3.8VDC, RS = 500Ω, unless otherwise specified. Boldface limits
apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25˚C.
SYMBOL
PARAMETER
TEST CONDITIONS
TYPICAL(2)
LIMITS
LIMITS
UNIT
LM81BIM(3)
LM81CIM(3)
VOUT(0)
Logical “0” Output Voltage
IOUT = −3.0 mA
0.4
0.4
V
(min)
IOH
High Level Output Current
VOUT = V+
0.1
100
100
µA
(max)
RESET and Chassis Intrusion
45
20
20
ms
Pulse Width
(min)
DIGITAL INPUTS: VID0–VID4, NTEST_IN, A0/NTEST_OUT, A1, Chassis Intrusion (CI)
VIN(1)
Logical “1” Input Voltage
2.0
2.0
V
(min)
VIN(0)
Logical “0” Input Voltage
0.8
0.8
V
(max)
SMBus DIGITAL INPUTS (SMBCLK, SMBData)
VIN(1)
Logical “1” Input Voltage
2.1
1.4
V
(min)
VIN(0)
Logical “0” Input Voltage
0.8
0.6
V
(max)
Tach Pulse Logic Inputs (FAN1, FAN2)
VIN(1)
Logical “1” Input Voltage
0.7 x V+
0.7 x V+
V
(min)
VIN(0)
Logical “0” Input Voltage
0.3 x V+
0.3 x V+
V
(max)
ALL DIGITAL INPUTS
IIN(1)
Logical “1” Input Current
VIN = V+
−0.005
-1
-1
µA
(min)
IIN(0)
Logical “0” Input Voltage
VIN = 0 VDC
0.005
1
1
µA
(max)
CIN
Digital Input Capacitance
20
pF
8
Submit Documentation Feedback
Copyright © 1999–2002, Texas Instruments Incorporated
Product Folder Links: LM81


Similar Part No. - LM81_13

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM810 NSC-LM810 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
logo
Texas Instruments
LM810 TI-LM810 Datasheet
818Kb / 14P
[Old version datasheet]   LM809/LM810 3-Pin Microprocessor Reset Circuits
LM810 TI1-LM810 Datasheet
1Mb / 18P
[Old version datasheet]   LM809/LM810 3-Pin Microprocessor Reset Circuits
logo
National Semiconductor ...
LM810M3-2.63 NSC-LM810M3-2.63 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
LM810M3-2.93 NSC-LM810M3-2.93 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
More results

Similar Description - LM81_13

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM81 NSC-LM81_02 Datasheet
419Kb / 33P
   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM80 NSC-LM80 Datasheet
435Kb / 29P
   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM80 NSC-LM80_01 Datasheet
440Kb / 29P
   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
logo
Texas Instruments
LM80 TI1-LM80_13 Datasheet
1Mb / 35P
[Old version datasheet]   Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
logo
National Semiconductor ...
LM81 NSC-LM81 Datasheet
412Kb / 32P
   Serial Interface ACPI-Compatible Microprocessor System
LM79 NSC-LM79 Datasheet
481Kb / 31P
   Microprocessor System Hardware Monitor
LM78 NSC-LM78 Datasheet
424Kb / 31P
   Microprocessor System Hardware Monitor
LM96080 NSC-LM96080 Datasheet
623Kb / 30P
   System Hardware Monitor with 2-Wire Serial Interface
logo
Analog Devices
ADM9240 AD-ADM9240 Datasheet
280Kb / 22P
   Low Cost Microprocessor System Hardware Monitor
REV. 0
logo
ON Semiconductor
ADM9240 ONSEMI-ADM9240 Datasheet
5Mb / 22P
   Low Cost Microprocessor System Hardware Monitor
May 2010 - Rev.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com