Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EB-TA2022 Datasheet(PDF) 4 Page - Tripath Technology Inc.

Part # EB-TA2022
Description  CLASS-T DIGITAL AUDIO AMPLIFIER 2 CHANNEL TA2022 EVALUATION BOARD
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

EB-TA2022 Datasheet(HTML) 4 Page - Tripath Technology Inc.

  EB-TA2022 Datasheet HTML 1Page - Tripath Technology Inc. EB-TA2022 Datasheet HTML 2Page - Tripath Technology Inc. EB-TA2022 Datasheet HTML 3Page - Tripath Technology Inc. EB-TA2022 Datasheet HTML 4Page - Tripath Technology Inc. EB-TA2022 Datasheet HTML 5Page - Tripath Technology Inc. EB-TA2022 Datasheet HTML 6Page - Tripath Technology Inc. EB-TA2022 Datasheet HTML 7Page - Tripath Technology Inc. EB-TA2022 Datasheet HTML 8Page - Tripath Technology Inc. EB-TA2022 Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal I n for m ati on
4
EB-TA2022 – Rev. 1.0/03.02
Performing Measurements on the EB-TA2022 Version 4.0
The TA2022 operates by generating a high frequency switching signal based on the audio input. This
signal is sent through a low-pass filter that recovers an amplified version of the audio input. The
frequency of the switching pattern is spread spectrum in nature and typically varies between 100kHz
and 1MHz, which is well above the 20Hz – 20kHz audio band. The pattern itself does not alter or
distort the audio input signal, but it does introduce some inaudible components.
The measurements of certain performance parameters, particularly noise related specifications such
as THD+N, are significantly affected by the design of the low-pass filter used on the output as well as
the bandwidth setting of the measurement instrument used. Unless the filter has a very sharp roll-off
just beyond the audio band or the bandwidth of the measurement instrument is limited, some of the
inaudible noise components introduced by the TA2022 amplifier switching pattern will degrade the
measurement by including out of band (audio) energy.
One feature of the TA2022 is that it does not require large multi-pole filters to achieve excellent
performance in listening tests, usually a more critical factor than performance measurements.
Though using a multi-pole filter may remove high-frequency noise and improve THD+N type
measurements (when they are made with wide-bandwidth measuring equipment), these same filters
degrade frequency response. The EB-TA2022 has a simple two-pole output filter with excellent
performance in listening tests.
(See Application Note 4 for additional information on bench testing)
Contact Information
TRIPATH TECHNOLOGY, INC
2560 Orchard Parkway, San Jose, CA 95131
408.750.3000 - P
408.750.3001 - F
For more Sales Information, please visit us @ www.tripath.com/cont_s.htm
For more Technical Information, please visit us @ www.tripath.com/data.htm


Similar Part No. - EB-TA2022

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
EB-TA2022 TRIPATH-EB-TA2022 Datasheet
420Kb / 31P
   STEREO 90W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
More results

Similar Description - EB-TA2022

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
EB-TK2050 TRIPATH-EB-TK2050 Datasheet
538Kb / 14P
   CLASS-T DIGITAL AUDIO AMPLIFIER 2 CHANNEL TK2050 EVALUATION BOARD
EB-TA1101B TRIPATH-EB-TA1101B Datasheet
543Kb / 9P
   Class-T Digital Audio Amplifier Evaluation Board using Digital Power ProcessingTM Technology
logo
List of Unclassifed Man...
RB-TK2019 ETC-RB-TK2019 Datasheet
408Kb / 11P
   2 X 20W CLASS-T DIGITAL AUDIO AMPLIFIER REFERENCE BOARD
RB-TK2051 ETC-RB-TK2051 Datasheet
594Kb / 14P
   CLASS-T DIGITAL AUDIO AMPLIFIER 6 CHANNEL TK2051 REFERENCE BOARD
RB-TK2050 ETC-RB-TK2050 Datasheet
415Kb / 13P
   CLASS-T DIGITAL AUDIO AMPLIFIER 1 CHANNEL TK2050 REFERENCE BOARD
logo
Zetex Semiconductors
ZXCD50STEVAL ZETEX-ZXCD50STEVAL Datasheet
810Kb / 11P
   50W CLASS D AUDIO AMPLIFIER EVALUATION BOARD
ZXCD100MOEVAL ZETEX-ZXCD100MOEVAL Datasheet
459Kb / 8P
   100W CLASS D AUDIO AMPLIFIER EVALUATION BOARD
logo
Analog Devices
EVAL-SSM2301 AD-EVAL-SSM2301_15 Datasheet
496Kb / 8P
   Evaluation Board for Filterless Class-D Audio Amplifier
EVAL-SSM2306 AD-EVAL-SSM2306_15 Datasheet
671Kb / 8P
   Evaluation Board for 2 W, Filterless, Class-D Stereo Audio Amplifier
logo
Tripath Technology Inc.
RB-TA3020-1 TRIPATH-RB-TA3020-1 Datasheet
831Kb / 20P
   CLASS-T DIGITAL AUDIO AMPLIFIER REFERENCE BOARD USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com