Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54HC652 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN54HC652
Description  OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54HC652 Datasheet(HTML) 2 Page - Texas Instruments

  SN54HC652 Datasheet HTML 1Page - Texas Instruments SN54HC652 Datasheet HTML 2Page - Texas Instruments SN54HC652 Datasheet HTML 3Page - Texas Instruments SN54HC652 Datasheet HTML 4Page - Texas Instruments SN54HC652 Datasheet HTML 5Page - Texas Instruments SN54HC652 Datasheet HTML 6Page - Texas Instruments SN54HC652 Datasheet HTML 7Page - Texas Instruments SN54HC652 Datasheet HTML 8Page - Texas Instruments SN54HC652 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SN54HC652, SN74HC652
OCTAL BUS TRANSCEIVERS AND REGISTERS
WITH 3-STATE OUTPUTS
SCLS151E – DECEMBER 1982 – REVISED MARCH 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description/ordering information (continued)
Data on the A or B data bus, or both, can be stored in the internal D-type flip-flops by low-to-high transitions at
the appropriate clock (CLKAB or CLKBA) terminals, regardless of the select- or output-control terminals. When
SAB and SBA are in the real-time transfer mode, it is possible to store data without using the internal D-type
flip-flops by simultaneously enabling OEAB and OEBA. In this configuration, each output reinforces its input.
When all other data sources to the two sets of bus lines are at high impedance, each set of bus lines remains
at its last state.
To ensure the high-impedance state during power up or power down, OEBA should be tied to VCC through a
pullup resistor, and OEAB should be tied to GND through a pulldown resistor; the minimum value of the resistor
is determined by the current-sinking/current-sourcing capability of the driver.
FUNCTION TABLE
INPUTS
DATA I/O†
OPERATION OR FUNCTION
OEAB
OEBA
CLKAB
CLKBA
SAB
SBA
A1–A8
B1–B8
OPERATION OR FUNCTION
L
H
H or L
H or L
X
X
Input
Input
Isolation
L
H
↑↑
X
X
Input
Input
Store A and B data
X
H
H or L
X
X
Input
Unspecified‡
Store A, hold B
H
H
↑↑
X‡
X
Input
Output
Store A in both registers
L
X
H or L
X
X
Unspecified‡
Input
Hold A, store B
L
L
↑↑
XX‡
Output
Input
Store B in both registers
L
L
X
X
X
L
Output
Input
Real-time B data to A bus
L
L
X
H or L
X
H
Output
Input
Stored B data to A bus
H
H
X
X
L
X
Input
Output
Real-time A data to B bus
H
H
H or L
X
H
X
Input
Output
Stored A data to B bus
H
L
H or L
H or L
H
H
Output
Output
Stored A data to B bus and
stored B data to A bus
† The data-output functions are enabled or disabled by a variety of level combinations at OEAB or OEBA. Data-input functions always are enabled;
i.e., data at the bus terminals is stored on every low-to-high transition on the clock inputs.
‡ Select control = L: clocks can occur simultaneously.
Select control = H: clocks must be staggered to load both registers.


Similar Part No. - SN54HC652

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC652 TI-SN54HC652 Datasheet
163Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54HC652FK TI-SN54HC652FK Datasheet
163Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54HC652JT TI-SN54HC652JT Datasheet
163Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54HC652W TI-SN54HC652W Datasheet
163Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54HC652

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS646 TI-SN74ALS646 Datasheet
1Mb / 29P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646_07 Datasheet
385Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT646 TI-SN54ABT646 Datasheet
344Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT2952A TI-SN54ABT2952A_07 Datasheet
548Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646 Datasheet
337Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT652 TI-SN54BCT652 Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC646A TI-SN54LVC646A Datasheet
197Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS646 TI-SN54ALS646 Datasheet
270Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC652A TI-SN54LVC652A Datasheet
196Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI1-SN54ALS652_15 Datasheet
906Kb / 33P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT652 TI1-SN54ABT652_14 Datasheet
179Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com