Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC365D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC365D
Description  HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC365D Datasheet(HTML) 1 Page - Texas Instruments

  SN74HC365D Datasheet HTML 1Page - Texas Instruments SN74HC365D Datasheet HTML 2Page - Texas Instruments SN74HC365D Datasheet HTML 3Page - Texas Instruments SN74HC365D Datasheet HTML 4Page - Texas Instruments SN74HC365D Datasheet HTML 5Page - Texas Instruments SN74HC365D Datasheet HTML 6Page - Texas Instruments SN74HC365D Datasheet HTML 7Page - Texas Instruments SN74HC365D Datasheet HTML 8Page - Texas Instruments SN74HC365D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SN54HC365, SN74HC365
HEX BUFFERS AND LINE DRIVERS
WITH 3STATE OUTPUTS
SCLS308D − JANUARY 1996 − REVISED OCTOBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D High-Current 3-State Outputs Drive Bus
Lines, Buffer-Memory Address Registers,
or Drive Up To 15 LSTTL Loads
D True Outputs
D Low Power Consumption, 80-µA Max ICC
D Typical tpd = 10 ns
D ±6-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
description/ordering information
These hex buffers and line drivers are designed
specifically to improve both the performance and
density of 3-state memory address drivers, clock
drivers,
and
bus-oriented
receivers
and
transmitters. The ’HC365 devices contain six
independent
buffers/drivers
with
dual-gated
output-enable (OE1 and OE2) inputs. When OE1
and OE2 are both low, the devices pass
noninverted data from the A inputs to the
Y outputs. If either (or both) output-enable
terminal(s) is high, the outputs are in the
high-impedance state.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube of 25
SN74HC365N
SN74HC365N
Tube of 40
SN74HC365D
SOIC − D
Reel of 2500
SN74HC365DR
HC365
−40
°C to 85°C
SOIC − D
Reel of 250
SN74HC365DT
HC365
−40
°C to 85°C
SOP − NS
Reel of 2000
SN74HC365NSR
HC365
Reel of 90
SN74HC365PW
TSSOP − PW
Reel of 2000
SN74HC365PWR
HC365
TSSOP − PW
Reel of 250
SN74HC365PWT
HC365
CDIP − J
Tube of 25
SNJ54HC365J
SNJ54HC365J
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54HC365W
SNJ54HC365W
−55 C to 125 C
LCCC − FK
Tube of 55
SNJ54HC365FK
SNJ54HC365FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
A6
Y6
NC
A5
Y5
Y1
A2
NC
Y2
A3
SN54HC365 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
OE1
A1
Y1
A2
Y2
A3
Y3
GND
VCC
OE2
A6
Y6
A5
Y5
A4
Y4
SN54HC365 ...J OR W PACKAGE
SN74HC365 . . . D, N, NS, OR PW PACKAGE
(TOP VIEW)
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN74HC365D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC365D TI-SN74HC365D Datasheet
443Kb / 14P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74HC365D TI-SN74HC365D Datasheet
696Kb / 21P
[Old version datasheet]   HEX BUS DRIVERS WITH 3-STATE OUTPUTS
SN74HC365DE4 TI-SN74HC365DE4 Datasheet
443Kb / 14P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74HC365DE4 TI-SN74HC365DE4 Datasheet
696Kb / 21P
[Old version datasheet]   HEX BUS DRIVERS WITH 3-STATE OUTPUTS
SN74HC365DR TI-SN74HC365DR Datasheet
443Kb / 14P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74HC365D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT36 TI-SN74AHCT36 Datasheet
398Kb / 1P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT367 TI-SN54AHCT367_08 Datasheet
699Kb / 18P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC367 TI-SN54HC367_08 Datasheet
798Kb / 18P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC365 TI-SN54HC365 Datasheet
443Kb / 14P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74LV367A TI1-SN74LV367A Datasheet
734Kb / 18P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC368 TI-SN54HC368_07 Datasheet
607Kb / 17P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT367 TI-SN74AHCT367 Datasheet
399Kb / 14P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC367 TI-SN54HC367 Datasheet
515Kb / 15P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54AHC367 TI-SN54AHC367 Datasheet
347Kb / 12P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54LV367A TI-SN54LV367A Datasheet
341Kb / 14P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com