Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF5400-DO27 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # UF5400-DO27
Description  3.0Amp High Efficiency Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

UF5400-DO27 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  UF5400-DO27 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD UF5400-DO27 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.0Amp High Efficiency Rectifiers
Single phase half-wave 60Hz,resistive or inductive load,
Ratings at 25 C ambient temperature unless otherwise specified.
Case: JEDEC DO-27 molded plastic body
Terminals
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight : 0.04 ounce, 1.10 grams
for capacitive load current derate by 20%.
Features
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Ultra fast switching for high efficiency
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
Mechanical Data
Maximum Ratings And Electrical Characteristics
UF5400 ~ UF5408
250°C/10 seconds,0.375"(9.5mm) lead length,
5 lbs. (2.3kg) tension
Note:1.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A
2.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
3.Thermal resistance from junction to ambient at 0.375
” (9.5mm)lead length,P.C.B. mounted
: Plated axial leads, solderable per MIL-STD-750, Method 2026
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
3.0
Operating junction and storage temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375
”(9.5mm) lead length at TA=55 C
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 3.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
IR
5.0
150.0
R
θJA
CJ
TJ,TSTG
20.0
45
-65 to +150
pF
C
A
µ
Typical thermal resistance (NOTE 3)
C/W
Typical junction capacitance (NOTE 2)
Maximum reverse recovery time
(NOTE 1)
trr
50
75
ns
UF
5400
1000
700
1000
300
210
300
1.0
1.70
150.0
500
350
500
UF
5401
UF
5402
UF
5403
UF
5404
UF
5405
UF
5406
UF
5407
UF
5408
0.220 (5.6)
0.197(5.0)
DIA.
0.052 (1.3)
0.035(0.9)
DIA.
0.375(9.5)
0.285(7.2)
Dimensions in inches and (millimeters)
1.0 (25.4)
MIN.
1.0 (25.4)
MIN.
DO-27
www.yfwdiode.com


Similar Part No. - UF5400-DO27

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
UF5400-2C3A-2CDO-27 DGNJDZ-UF5400-2C3A-2CDO-27 Datasheet
69Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Gulf Semiconductor
UF5400-E GULFSEMI-UF5400-E Datasheet
218Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER Voltage: 50 to 1000V Current: 3.0A
logo
Frontier Electronics.
UF5400-LFR FRONTIER-UF5400-LFR Datasheet
129Kb / 2P
   3A ULTRA FAST RECOVERY RECTIFIER
logo
Won-Top Electronics
UF5400-T3 WTE-UF5400-T3 Datasheet
52Kb / 4P
   3.0A ULTRAFAST DIODE
UF5400-TB WTE-UF5400-TB Datasheet
52Kb / 4P
   3.0A ULTRAFAST DIODE
More results

Similar Description - UF5400-DO27

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
UF5400 YFWDIODE-UF5400 Datasheet
818Kb / 2P
   3.0Amp High Efficiency Rectifiers
logo
SeCoS Halbleitertechnol...
SEF301C SECOS-SEF301C Datasheet
194Kb / 2P
   3.0AMP High Efficiency Recovery Rectifiers
SEF301B SECOS-SEF301B Datasheet
315Kb / 2P
   3.0AMP High Efficiency Recovery Rectifiers
HER301G SECOS-HER301G Datasheet
338Kb / 2P
   3.0Amp Glass Passivated High Efficiency Rectifiers
logo
Cystech Electonics Corp...
1N540XLD CYSTEKEC-1N540XLD Datasheet
140Kb / 3P
   3.0Amp Rectifiers
logo
Shanghai Lunsure Electr...
HER301 CHENYI-HER301 Datasheet
56Kb / 2P
   3.0Amp high efficient rectifiers 50to1000 volts
logo
Cystech Electonics Corp...
1N540XLA CYSTEKEC-1N540XLA Datasheet
141Kb / 3P
   3.0Amp Silicon Rectifiers
logo
Tak Cheong Electronics ...
1N5400 TAK_CHEONG-1N5400 Datasheet
103Kb / 2P
   3.0AMP. Standard Silicon Rectifiers
logo
PACELEADER INDUSTRIAL
SR320 PACELEADER-SR320 Datasheet
566Kb / 2P
   3.0AMP SCHOTTKY BARRIER RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
SR320-DO27 YFWDIODE-SR320-DO27 Datasheet
267Kb / 2P
   3.0Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com