Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRA1207IG24-F Datasheet(PDF) 2 Page - Exar Corporation

Part # XRA1207IG24-F
Description  16-BIT I2C/SMBUS GPIO EXPANDER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRA1207IG24-F Datasheet(HTML) 2 Page - Exar Corporation

  XRA1207IG24-F Datasheet HTML 1Page - Exar Corporation XRA1207IG24-F Datasheet HTML 2Page - Exar Corporation XRA1207IG24-F Datasheet HTML 3Page - Exar Corporation XRA1207IG24-F Datasheet HTML 4Page - Exar Corporation XRA1207IG24-F Datasheet HTML 5Page - Exar Corporation XRA1207IG24-F Datasheet HTML 6Page - Exar Corporation XRA1207IG24-F Datasheet HTML 7Page - Exar Corporation XRA1207IG24-F Datasheet HTML 8Page - Exar Corporation XRA1207IG24-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
XRA1207
2
16-BIT I2C/SMBUS GPIO EXPANDER WITH INTEGRATED LEVEL SHIFTERS
REV. 1.0.0
FIGURE 1. XRA1207 BLOCK DIAGRAM
I2C/
SM Bu s
In te rfa c e
GP IO
C ontrol
R egis ters
P0
GP IO s
P1
P2
P3
P4
P5
P6
P7
VCC
(1 .6 5V – 3 .6 V )
GN D
P8
GP IO s
P9
P1 0
P1 1
P1 2
P1 3
P1 4
P1 5
Integrated
Lev el
S h ifte rs
(1.65V – 3.6V )
VCC P
A0
SC L
SDA
RESE T #
IR Q #
ORDERING INFORMATION
PART NUMBER
PACKAGE
NUMBER OF
GPIOS
OPERATING TEMPERATURE
RANGE
DEVICE STATUS
XRA1207IL24-F
QFN-24
16
-40°C to +85°C
Active
XRA1207IL24TR-F
QFN-24
16
-40°C to +85°C
Active
XRA1207IG24-F
TSSOP-24
16
-40°C to +85°C
Active
XRA1207IG24TR-F
TSSOP-24
16
-40°C to +85°C
Active
NOTE: TR = Tape and Reel, F = Green / RoHS
FIGURE 2. PIN OUT ASSIGNMENTS
P11
XRA1207
24-Pin
TSSOP
3
5
4
7
6
8
9
10
11
12
1
2
13
14
15
16
17
18
19
20
21
22
23
24
IRQ#
VCC
RESET#
P0
P1
P2
P3
P4
P5
P6
P7
GND
VCCP
SDA
SCL
A0
P15
P14
P13
P12
P11
P10
P9
P8
XRA1207
24-Pin QFN
7 8 9 101112
17
18
13
16
14
15 P13
P14
P15
A0
P12
24 23 22 21 20 19
2
1
6
3
5
4
P3
P2
P1
P0
P4
P5


Similar Part No. - XRA1207IG24-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRA1200 EXAR-XRA1200 Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1200IG16-F EXAR-XRA1200IG16-F Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1200IG16TR-F EXAR-XRA1200IG16TR-F Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1200IL16-F EXAR-XRA1200IL16-F Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1200IL16TR-F EXAR-XRA1200IL16TR-F Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
More results

Similar Description - XRA1207IG24-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRA1201 EXAR-XRA1201 Datasheet
493Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER
XRA1203 EXAR-XRA1203 Datasheet
472Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER WITH RESET
XRA1200 EXAR-XRA1200 Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1206 EXAR-XRA1206 Datasheet
433Kb / 15P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1202 EXAR-XRA1202 Datasheet
155Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER WITH RESET
logo
Nuvoton Technology Corp...
NCT5655Y NUVOTON-NCT5655Y Datasheet
836Kb / 26P
   16-bit I2C-bus and SMBus GPIO controller with interrupt
logo
ON Semiconductor
FXL6408 ONSEMI-FXL6408 Datasheet
805Kb / 17P
   Fully Configurable 8-Bit I2C-Controlled GPIO Expander
October 2012 Rev. 1.0.0
logo
NXP Semiconductors
PCA6416A NXP-PCA6416A Datasheet
2Mb / 42P
   Low-voltage translating 16-bit I2C-bus/SMBus I/O expander
Rev. 1-11 September 2012
logo
Texas Instruments
TCA6418E TI1-TCA6418E Datasheet
853Kb / 30P
[Old version datasheet]   I2C CONTROLLED 18 CHANNEL GPIO EXPANDER
TCA6418EYFPR TI1-TCA6418EYFPR Datasheet
796Kb / 29P
[Old version datasheet]   I2C CONTROLLED 18 CHANNEL GPIO EXPANDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com