Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRA1202IG16TR-F Datasheet(PDF) 3 Page - Exar Corporation

Part # XRA1202IG16TR-F
Description  8-BIT I2C/SMBUS GPIO EXPANDER WITH RESET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRA1202IG16TR-F Datasheet(HTML) 3 Page - Exar Corporation

  XRA1202IG16TR-F Datasheet HTML 1Page - Exar Corporation XRA1202IG16TR-F Datasheet HTML 2Page - Exar Corporation XRA1202IG16TR-F Datasheet HTML 3Page - Exar Corporation XRA1202IG16TR-F Datasheet HTML 4Page - Exar Corporation XRA1202IG16TR-F Datasheet HTML 5Page - Exar Corporation XRA1202IG16TR-F Datasheet HTML 6Page - Exar Corporation XRA1202IG16TR-F Datasheet HTML 7Page - Exar Corporation XRA1202IG16TR-F Datasheet HTML 8Page - Exar Corporation XRA1202IG16TR-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
XRA1202/1202P
3
REV. 1.0.1
8-BIT I2C/SMBUS GPIO EXPANDER WITH RESET
PIN DESCRIPTIONS
Pin type: I=Input, O=Output, I/O= Input/output, OD=Output Open Drain.
Pin Description
NAME
QFN-16
PIN#
TSSOP-16
PIN#
TYPE
DESCRIPTION
I2C INTERFACE
SDA
13
15
I/O
I2C-bus data input/output (open-drain).
SCL
12
14
I
I2C-bus serial input clock.
IRQ#
11
13
OD
Interrupt output (open-drain, active LOW).
A0
A1
15
16
1
2
I
I
These pins select the I2C slave address. See
Table 1.
RESET#
1
3
I
Reset (active LOW) - A longer than 40 ns LOW pulse on this pin will reset the
internal registers and all GPIOs will be configured as inputs.
GPIOs
P0
P1
P2
P3
P4
P5
P6
P7
2
3
4
5
7
8
9
10
4
5
6
7
9
10
11
12
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
General purpose I/Os P0-P7. All GPIOs are configured as inputs upon power-
up or after a reset. After power-up or reset, the internal pull-up resistors are
enabled for the XRA1202P. After power-up or reset, the internal pull-up resis-
tors are disabled for the XRA1202.
ANCILLARY SIGNALS
VCC
14
16
Pwr
1.65V to 3.6V VCC supply voltage.
GND
6
8
Pwr
Power supply common, ground.
GND
Center
Pad
-
Pwr
The exposed pad at the bottom surface of the package is designed for thermal
performance. Use of a center pad on the PCB is strongly recommended for ther-
mal conductivity as well as to provide mechanical stability of the package on the
PCB. The center pad is recommended to be solder masked defined with open-
ing size less than or equal to the exposed thermal pad on the package bottom to
prevent solder bridging to the outer leads of the device. Thermal vias must be
connected to GND plane as the thermal pad of package is at GND potential.


Similar Part No. - XRA1202IG16TR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRA1200 EXAR-XRA1200 Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1200IG16-F EXAR-XRA1200IG16-F Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1200IG16TR-F EXAR-XRA1200IG16TR-F Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1200IL16-F EXAR-XRA1200IL16-F Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1200IL16TR-F EXAR-XRA1200IL16TR-F Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
More results

Similar Description - XRA1202IG16TR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRA1203 EXAR-XRA1203 Datasheet
472Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER WITH RESET
XRA1200 EXAR-XRA1200 Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1206 EXAR-XRA1206 Datasheet
433Kb / 15P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1201 EXAR-XRA1201 Datasheet
493Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER
XRA1207 EXAR-XRA1207 Datasheet
464Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER
logo
ON Semiconductor
FXL6408 ONSEMI-FXL6408 Datasheet
805Kb / 17P
   Fully Configurable 8-Bit I2C-Controlled GPIO Expander
October 2012 Rev. 1.0.0
logo
Exar Corporation
XRA1403 EXAR-XRA1403 Datasheet
440Kb / 16P
   16-BIT SPI GPIO EXPANDER WITH RESET INPUT
XRA1402IG16-0B EXAR-XRA1402IG16-0B Datasheet
409Kb / 14P
   8-BIT SPI GPIO EXPANDER
logo
NXP Semiconductors
PCA9574 NXP-PCA9574 Datasheet
180Kb / 32P
   8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 02-27 July 2009
PCA9574 NXP-PCA9574_V01 Datasheet
412Kb / 29P
   8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 6.0 - 31 May 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com