Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRA1202IL16-F Datasheet(PDF) 1 Page - Exar Corporation

Part # XRA1202IL16-F
Description  8-BIT I2C/SMBUS GPIO EXPANDER WITH RESET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRA1202IL16-F Datasheet(HTML) 1 Page - Exar Corporation

  XRA1202IL16-F Datasheet HTML 1Page - Exar Corporation XRA1202IL16-F Datasheet HTML 2Page - Exar Corporation XRA1202IL16-F Datasheet HTML 3Page - Exar Corporation XRA1202IL16-F Datasheet HTML 4Page - Exar Corporation XRA1202IL16-F Datasheet HTML 5Page - Exar Corporation XRA1202IL16-F Datasheet HTML 6Page - Exar Corporation XRA1202IL16-F Datasheet HTML 7Page - Exar Corporation XRA1202IL16-F Datasheet HTML 8Page - Exar Corporation XRA1202IL16-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
XRA1202/1202P
8-BIT I2C/SMBUS GPIO EXPANDER WITH RESET
APRIL 2013
REV. 1.0.1
GENERAL DESCRIPTION
The XRA1202/1202P is an 8-bit GPIO expander with
an
I2C/SMBus interface.
After power-up, the
XRA1202 has internal 100K ohm pull-up resistors on
each I/O pin that can be individually enabled. The
XRA1202P has the internal pull-up resistors enabled
upon power-up in case it is necessary for the inputs
to be in a known state.
In addition, the GPIOs on the XRA1202/1202P can
individually be controlled and configured. As outputs,
the GPIOs can be outputs that are high, low or in
three-state mode.
The three-state mode feature is
useful for applications where the power is removed
from the remote devices, but they may still be
connected to the GPIO expander.
As inputs, the internal pull-up resistors can be
enabled or disabled and the input polarity can be
inverted.
The interrupt can be programmed for
different
behaviors.
The
interrupts
can
be
programmed to generate an interrupt on the rising
edge, falling edge or on both edges. The interrupt
can be cleared if the input changes back to its original
state or by reading the current state of the inputs.
The XRA1202/1202P are enhanced versions of the
PCA9538.
The
XRA1202
is pin
and
software
compatible
with
the
PCA9538
(note:
software
registers are compatible to the PCA9538, but the I2C
slave address is different).
The XRA1202 is available in 16-pin QFN and 16-pin
TSSOP packages. The XRA1202P is available in the
16-pin QFN package.
FEATURES
1.65V to 3.6V operating voltage
8 General Purpose I/Os (GPIOs)
5V tolerant inputs
Maximum stand-by current of 1uA at +1.8V
I2C/SMBus bus interface
s
I2C clock frequency up to 400kHz
s
Noise filter on SDA and SCL inputs
s
Up to 16 I2C Slave Addresses
Individually programmable inputs
s
Internal pull-up resistors
s
Polarity inversion
s
Individual interrupt enable
s
Rising edge and/or Falling edge interrupt
s
Input filter
Individually programmable outputs
s
Output Level Control
s
Output Three-State Control
Open-drain active low interrupt output
Active-low reset input
Pin and software compatible with PCA9538
3kV HBM ESD protection per JESD22-A114F
200mA latch-up performance per JESD78B
APPLICATIONS
Personal Digital Assistants (PDA)
Cellular Phones/Data Devices
Battery-Operated Devices
Global Positioning System (GPS)
Bluetooth


Similar Part No. - XRA1202IL16-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRA1200 EXAR-XRA1200 Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1200IG16-F EXAR-XRA1200IG16-F Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1200IG16TR-F EXAR-XRA1200IG16TR-F Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1200IL16-F EXAR-XRA1200IL16-F Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1200IL16TR-F EXAR-XRA1200IL16TR-F Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
More results

Similar Description - XRA1202IL16-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRA1203 EXAR-XRA1203 Datasheet
472Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER WITH RESET
XRA1200 EXAR-XRA1200 Datasheet
462Kb / 16P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1206 EXAR-XRA1206 Datasheet
433Kb / 15P
   8-BIT I2C/SMBUS GPIO EXPANDER
XRA1201 EXAR-XRA1201 Datasheet
493Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER
XRA1207 EXAR-XRA1207 Datasheet
464Kb / 17P
   16-BIT I2C/SMBUS GPIO EXPANDER
logo
ON Semiconductor
FXL6408 ONSEMI-FXL6408 Datasheet
805Kb / 17P
   Fully Configurable 8-Bit I2C-Controlled GPIO Expander
October 2012 Rev. 1.0.0
logo
Exar Corporation
XRA1403 EXAR-XRA1403 Datasheet
440Kb / 16P
   16-BIT SPI GPIO EXPANDER WITH RESET INPUT
XRA1402IG16-0B EXAR-XRA1402IG16-0B Datasheet
409Kb / 14P
   8-BIT SPI GPIO EXPANDER
logo
NXP Semiconductors
PCA9574 NXP-PCA9574 Datasheet
180Kb / 32P
   8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 02-27 July 2009
PCA9574 NXP-PCA9574_V01 Datasheet
412Kb / 29P
   8-bit I2C-bus and SMBus, level translating, low voltage GPIO with reset and interrupt
Rev. 6.0 - 31 May 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com