Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR79206EL-F Datasheet(PDF) 2 Page - Exar Corporation

Part # XR79206EL-F
Description  40V, 6A Synchronous Step-Down
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR79206EL-F Datasheet(HTML) 2 Page - Exar Corporation

  XR79206EL-F Datasheet HTML 1Page - Exar Corporation XR79206EL-F Datasheet HTML 2Page - Exar Corporation XR79206EL-F Datasheet HTML 3Page - Exar Corporation XR79206EL-F Datasheet HTML 4Page - Exar Corporation XR79206EL-F Datasheet HTML 5Page - Exar Corporation XR79206EL-F Datasheet HTML 6Page - Exar Corporation XR79206EL-F Datasheet HTML 7Page - Exar Corporation XR79206EL-F Datasheet HTML 8Page - Exar Corporation XR79206EL-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
XR
79206
2/19
REV1B
Absolute Maximum Ratings
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Stresses beyond those listed under
absolute maximum ratings may cause permanent damage
to the device. Exposure to any absolute maximum rating
condition for extended periods may affect device reliability
and lifetime.
PVIN, VIN.........................................................................-0.3V to 43V
VCC ..................................................................................-0.3V to 6.0V
BST................................................................-0.3V to 48V(1)
BST-SW............................................................. -0.3V to 6V
SW, ILIM........................................................ -1V to 43V(1)(2)
All other pins......................................... -0.3V to VCC + 0.3V
Storage temperature.................................... -65°C to 150°C
Junction temperature................................................. 150°C
Power dissipation ...................................... Internally limited
Lead temperature (soldering, 10 seconds)................ 300°C
ESD rating (HBM – human body model) ....................... 2kV
ESD rating (CDM – charged device model) .................. 2kV
Operating Conditions
PVIN, VIN...............................................................5V to 40V
SW, ILIM ....................................................... -1V to 40V(1)(2)
PGOOD, VCC, TON, SS, EN, FB................... -0.3V to 5.5V
Switching frequency ................................ 400kHz-800kHz(3)
Junction temperature range (TJ).................. -40°C to 125°C
Package power dissipation max at 25°C..................... 5.5W
Package thermal resistance
θJA...........................18.1°C/W
NOTES:
1. No external voltage applied.
2. SW pin’s DC range is -1V, transient is -5V for less than 50ns.
3. Recommended frequency for optimum performance.
Electrical Characteristics
TJ = 25°C, VIN = 24V, BST = VCC, SW = AGND = PGND = 0V, CVCC = 4.7μF, unless otherwise specified. Limits applying
over the full operating temperature range are denoted by a •.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Power Supply Characteristics
VIN
Input voltage range
VCC regulating
5
40
V
IVIN
VIN supply current
Not switching, VIN = 24V, VFB = 0.7V
0.7
2
mA
f = 500kHz, RON = 124kΩ, VFB = 0.58V
10
mA
IOFF
Shutdown current
Enable = 0V, PVIN = VIN = 24V
1
µA
Enable and Undervoltage Lock-Out (UVLO)
VIH_EN_1
EN pin rising threshold
1.8
1.9
2.0
V
VEN_HYS_1 EN pin hysteresis
70
mV
VIH_EN_2
EN pin rising threshold for DCM/
CCM
2.8
3.0
3.1
V
VEN_HYS_2 EN pin hysteresis
110
mV
VCC UVLO start threshold
Rising edge
4.00
4.25
4.40
V
VCC UVLO hysteresis
195
mV


Similar Part No. - XR79206EL-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR79206EL-F EXAR-XR79206EL-F Datasheet
2Mb / 20P
   40V, 6A Synchronous Step-Down COT Power Module
More results

Similar Description - XR79206EL-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR79206EL-F EXAR-XR79206EL-F Datasheet
2Mb / 20P
   40V, 6A Synchronous Step-Down COT Power Module
logo
Eutech Microelectronics...
EUP3216 EUTECH-EUP3216 Datasheet
785Kb / 1P
   6A Synchronous Step-Down Converter
logo
Exar Corporation
XR79106 EXAR-XR79106 Datasheet
2Mb / 19P
   22V, 6A Synchronous Step-Down
XR79203 EXAR-XR79203 Datasheet
2Mb / 19P
   40V, 3A Synchronous Step-Down
SP7663 EXAR-SP7663_12 Datasheet
763Kb / 18P
   6A 600KHz Synchronous Step Down Regulator
logo
Richtek Technology Corp...
RT7298A RICHTEK-RT7298A Datasheet
323Kb / 21P
   6A, 18V, Synchronous Step-Down Converter
June 2019
logo
Monolithic Power System...
MP9186 MPS-MP9186 Datasheet
866Kb / 16P
   20V, 6A Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2856H RICHTEK-RT2856H Datasheet
241Kb / 19P
   6A, 18V, Synchronous Step-Down Converter
June 2019
logo
SHANGHAI BELLING CO., L...
BL9341 BELLING-BL9341 Datasheet
8Mb / 8P
   600mA, 40V Synchronous Step-Down Converter
logo
E-CMOS Corporation
EC5015A E-CMOS-EC5015A Datasheet
555Kb / 10P
   2A, 40V Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com