Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR79120EL-F Datasheet(PDF) 10 Page - Exar Corporation

Part # XR79120EL-F
Description  22V, 20A Synchronous Step Down COT Power Module
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR79120EL-F Datasheet(HTML) 10 Page - Exar Corporation

Back Button XR79120EL-F Datasheet HTML 6Page - Exar Corporation XR79120EL-F Datasheet HTML 7Page - Exar Corporation XR79120EL-F Datasheet HTML 8Page - Exar Corporation XR79120EL-F Datasheet HTML 9Page - Exar Corporation XR79120EL-F Datasheet HTML 10Page - Exar Corporation XR79120EL-F Datasheet HTML 11Page - Exar Corporation XR79120EL-F Datasheet HTML 12Page - Exar Corporation XR79120EL-F Datasheet HTML 13Page - Exar Corporation XR79120EL-F Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
© 2014 Exar Corporation
XR79120
10 / 19
exar.com/XR79120
Rev 1A
Typical Performance Characteristics
Unless otherwise noted: VIN = 12V, VOUT=1.8V, IOUT=20A, f=500kHz, TA = 25°C. Schematic from the application information
section.
Figure 13: Steady state, IOUT=20A
Figure 14: Steady state, DCM, IOUT=0A
Figure 15: Power up, Forced CCM
Figure 16: Power up, DCM/CCM
Figure 17: Load step, Forced CCM, 0A-10A-0A
Figure 18: Load step, DCM/CCM, 0A-10A-0A


Similar Part No. - XR79120EL-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR79103 EXAR-XR79103 Datasheet
1Mb / 9P
   22V, 3A Synchronous Step-Down COT Power Module
XR79103EL-F EXAR-XR79103EL-F Datasheet
2Mb / 20P
   22V, 3A Synchronous Step-Down COT Power Module
XR79106 EXAR-XR79106 Datasheet
2Mb / 19P
   22V, 6A Synchronous Step-Down
XR79106EL-F EXAR-XR79106EL-F Datasheet
2Mb / 19P
   22V, 6A Synchronous Step-Down
XR79106EVB EXAR-XR79106EVB Datasheet
2Mb / 19P
   22V, 6A Synchronous Step-Down
More results

Similar Description - XR79120EL-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR79103 EXAR-XR79103 Datasheet
1Mb / 9P
   22V, 3A Synchronous Step-Down COT Power Module
XR79110 EXAR-XR79110_17 Datasheet
1Mb / 19P
   22V, 10A Synchronous Step Down COT Power Module
XR79110 EXAR-XR79110 Datasheet
1Mb / 20P
   22V, 10A Synchronous Step Down COT Power Module
XR79115 EXAR-XR79115 Datasheet
2Mb / 19P
   22V, 15A Synchronous Step Down COT Power Module
XR79103EL-F EXAR-XR79103EL-F Datasheet
2Mb / 20P
   22V, 3A Synchronous Step-Down COT Power Module
XR76121ELMTR-F EXAR-XR76121ELMTR-F Datasheet
1Mb / 19P
   PowerBlox 20A Synchronous Step-Down COT Regulators
XR76121 EXAR-XR76121 Datasheet
1Mb / 18P
   PowerBloxTM 20A Synchronous Step-Down COT Regulators
XR79206EL-F EXAR-XR79206EL-F Datasheet
2Mb / 20P
   40V, 6A Synchronous Step-Down COT Power Module
XR79106 EXAR-XR79106 Datasheet
2Mb / 19P
   22V, 6A Synchronous Step-Down
logo
TECHCODE SEMICONDUCTOR,...
TD2776B TECHCODE-TD2776B Datasheet
935Kb / 14P
   22V Synchronous Rectified Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com