Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR79106 Datasheet(PDF) 8 Page - Exar Corporation

Part # XR79106
Description  22V, 6A Synchronous Step-Down
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR79106 Datasheet(HTML) 8 Page - Exar Corporation

Back Button XR79106 Datasheet HTML 4Page - Exar Corporation XR79106 Datasheet HTML 5Page - Exar Corporation XR79106 Datasheet HTML 6Page - Exar Corporation XR79106 Datasheet HTML 7Page - Exar Corporation XR79106 Datasheet HTML 8Page - Exar Corporation XR79106 Datasheet HTML 9Page - Exar Corporation XR79106 Datasheet HTML 10Page - Exar Corporation XR79106 Datasheet HTML 11Page - Exar Corporation XR79106 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
XR
79106
8/19
REV1B
Typical Performance Characteristics (Continued)
TA = 25°C, VIN = 12V, VOUT = 1.2V, IOUT = 6A, f = 600kHz, unless otherwise specified. Schematic shown in Figure 27.
Figure 14. Steady State CCM, IOUT = 6A
SW
VOUT
AC coupled 20MHz
IOUT
11mVp-p
Figure 15. Steady State DCM, IOUT = 0A
SW
VOUT
AC coupled 20MHz
IOUT
20mVp-p
Figure 16. Power Up, IOUT = 6A
VIN
EN
IOUT
VOUT
4ms/div
Figure 17. Power Up, IOUT = 0A
VIN
EN
IOUT
VOUT
4ms/div
Figure 18. Load Step, CCM, 0A-3A-0A
SW
VOUT
AC coupled 20MHz
IOUT
64mV
-60mV
Di/Dt = 2.5A/us
20 us/div
Figure 19. Load Step, DCM/CCM, 0.05A-3A-0.05A
SW
VOUT
AC coupled 20MHz
IOUT
66mV
-74mV
Di/Dt = 2.5A/us
40 us/div


Similar Part No. - XR79106

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR79103 EXAR-XR79103 Datasheet
1Mb / 9P
   22V, 3A Synchronous Step-Down COT Power Module
XR79103EL-F EXAR-XR79103EL-F Datasheet
2Mb / 20P
   22V, 3A Synchronous Step-Down COT Power Module
More results

Similar Description - XR79106

ManufacturerPart #DatasheetDescription
logo
TECHCODE SEMICONDUCTOR,...
TD2776B TECHCODE-TD2776B Datasheet
935Kb / 14P
   22V Synchronous Rectified Step-Down Converter
logo
Eutech Microelectronics...
EUP3216 EUTECH-EUP3216 Datasheet
785Kb / 1P
   6A Synchronous Step-Down Converter
logo
Exar Corporation
XR79206 EXAR-XR79206 Datasheet
2Mb / 19P
   40V, 6A Synchronous Step-Down
XR79115 EXAR-XR79115 Datasheet
2Mb / 19P
   22V, 15A Synchronous Step Down COT Power Module
XR79103EL-F EXAR-XR79103EL-F Datasheet
2Mb / 20P
   22V, 3A Synchronous Step-Down COT Power Module
XR79120 EXAR-XR79120 Datasheet
2Mb / 19P
   22V, 20A Synchronous Step Down COT Power Module
XR79103 EXAR-XR79103 Datasheet
1Mb / 9P
   22V, 3A Synchronous Step-Down COT Power Module
XR79110 EXAR-XR79110_17 Datasheet
1Mb / 19P
   22V, 10A Synchronous Step Down COT Power Module
XR79110 EXAR-XR79110 Datasheet
1Mb / 20P
   22V, 10A Synchronous Step Down COT Power Module
SP7663 EXAR-SP7663_12 Datasheet
763Kb / 18P
   6A 600KHz Synchronous Step Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com