Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR76205EL-F Datasheet(PDF) 5 Page - Exar Corporation

Part # XR76205EL-F
Description  3A/5A/8A Synchronous Step Down COT Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR76205EL-F Datasheet(HTML) 5 Page - Exar Corporation

  XR76205EL-F Datasheet HTML 1Page - Exar Corporation XR76205EL-F Datasheet HTML 2Page - Exar Corporation XR76205EL-F Datasheet HTML 3Page - Exar Corporation XR76205EL-F Datasheet HTML 4Page - Exar Corporation XR76205EL-F Datasheet HTML 5Page - Exar Corporation XR76205EL-F Datasheet HTML 6Page - Exar Corporation XR76205EL-F Datasheet HTML 7Page - Exar Corporation XR76205EL-F Datasheet HTML 8Page - Exar Corporation XR76205EL-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
© 2015 Exar Corporation
XR76203/5/8
5 / 20
exar.com/XR76203/5/8
Rev 1A
Pin Configuration, Top View
1
2
3
4
5
6
7
8
9
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
30
PVIN PAD
SW PAD
AGND PAD
PGND
PAD
PVIN PVIN PVIN PVIN PVIN PVIN
PVIN
PVIN
PGND
PGND
PGND
PGND
PGND
SW
SW
SW
SW
SW
SW
BST
ILIM
EN
TON
SS
PGOOD
FB
AGND
VIN
VCC AGND
10
29


Similar Part No. - XR76205EL-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR76205EL-Q EXAR-XR76205EL-Q Datasheet
1Mb / 25P
   Power Management
XR76205EL-Q EXAR-XR76205EL-Q Datasheet
689Kb / 20P
   AEC-Q100 Qualified 40V PowerBlox 3A/5A/8A Synchronous Step Down COT Regulator
More results

Similar Description - XR76205EL-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR76208EL-Q EXAR-XR76208EL-Q Datasheet
689Kb / 21P
   AEC-Q100 Qualified 40V PowerBloxTM 3A/5A/8A Synchronous Step Down COT Regulator
XR76203-Q EXAR-XR76203-Q Datasheet
689Kb / 20P
   AEC-Q100 Qualified 40V PowerBlox 3A/5A/8A Synchronous Step Down COT Regulator
XR76108 EXAR-XR76108 Datasheet
1Mb / 17P
   8A and 12A Synchronous Step Down COT Regulator
XR76115 EXAR-XR76115 Datasheet
2Mb / 16P
   15A Synchronous Step Down COT Regulator
XR79103 EXAR-XR79103 Datasheet
1Mb / 9P
   22V, 3A Synchronous Step-Down COT Power Module
XR79103EL-F EXAR-XR79103EL-F Datasheet
2Mb / 20P
   22V, 3A Synchronous Step-Down COT Power Module
logo
Monolithic Power System...
MP2187 MPS-MP2187 Datasheet
440Kb / 18P
   Dual 3A, 5.5V, 1.2MHz, COT Synchronous Step-Down Switcher
logo
Exar Corporation
XR76201 EXAR-XR76201 Datasheet
1Mb / 16P
   40V PowerBloxTM 1.5A Synchronous Step-Down COT Regulator
logo
Linear Technology
LTC3605A LINER-LTC3605A_15 Datasheet
372Kb / 22P
   20V, 5A Synchronous Step-Down Regulator
LTC3605 LINER-LTC3605_15 Datasheet
354Kb / 22P
   15V, 5A Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com