Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR77103EVB-A0R5 Datasheet(PDF) 2 Page - Exar Corporation

Part # XR77103EVB-A0R5
Description  Universal PMIC 3-Output Buck Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR77103EVB-A0R5 Datasheet(HTML) 2 Page - Exar Corporation

  XR77103EVB-A0R5 Datasheet HTML 1Page - Exar Corporation XR77103EVB-A0R5 Datasheet HTML 2Page - Exar Corporation XR77103EVB-A0R5 Datasheet HTML 3Page - Exar Corporation XR77103EVB-A0R5 Datasheet HTML 4Page - Exar Corporation XR77103EVB-A0R5 Datasheet HTML 5Page - Exar Corporation XR77103EVB-A0R5 Datasheet HTML 6Page - Exar Corporation XR77103EVB-A0R5 Datasheet HTML 7Page - Exar Corporation XR77103EVB-A0R5 Datasheet HTML 8Page - Exar Corporation XR77103EVB-A0R5 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
XR
77103-A0R5
2/19
REV1A
Typical Application
Figure 1. Typical Application
XR77103-A0R5
VIN = 5.5 to 14V
25
26
OSC
PGOOD
Internal
Supply
31
15
10
6
24
27
19
5
EP
VIN3
VIN2
VIN1
VCC
PGOOD
GND
DGND
AGND
EN
SYNC
Start-up
BGR
28
4
VIN
VIN
PGOOD
BUCK2
17
18
VOUT2 = 0.8 to 6V
COMP2
VFB2
LX2
BST2
LX2
16
14
13
BUCK1
8
7
VOUT1 = 0.8 to 6V
COMP1
VFB1
LX1
BST1
LX1
9
12
11
BUCK3
1
2
VOUT3 = 0.8 to 6V
COMP3
VFB3
LX3
BST3
LX3
32
30
29


Similar Part No. - XR77103EVB-A0R5

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR77103EVB-A1R0 EXAR-XR77103EVB-A1R0 Datasheet
1Mb / 19P
   Universal PMIC 3-Output Buck Regulator
More results

Similar Description - XR77103EVB-A0R5

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR77103-A1R0 EXAR-XR77103-A1R0 Datasheet
1Mb / 19P
   Universal PMIC 3-Output Buck Regulator
XR77103 EXAR-XR77103 Datasheet
1Mb / 28P
   3-Output Programmable Buck Regulator
XRP7720 EXAR-XRP7720 Datasheet
1Mb / 28P
   Quad Output Universal Customizable PMIC with PFM
logo
Advanced Analogic Techn...
AAT2782 ANALOGICTECH-AAT2782 Datasheet
3Mb / 22P
   Triple Output PMIC: Dual Buck with Low-VIN LDO
AAT2783 ANALOGICTECH-AAT2783 Datasheet
1Mb / 22P
   Triple Output PMIC: Dual Buck with Low-VIN LDO
logo
Skyworks Solutions Inc.
AAT2782 SKYWORKS-AAT2782_12 Datasheet
3Mb / 22P
   Triple-Output PMIC Dual Buck with Low-VIN LDO
AAT2783 SKYWORKS-AAT2783_12 Datasheet
3Mb / 22P
   Triple-Output PMIC Dual Buck with Low-VIN LDO
logo
Allegro MicroSystems
A81407 ALLEGRO-A81407 Datasheet
3Mb / 58P
   Multi-Output Regulator with Buck or Buck-Boost Pre-Regulator
logo
Unisonic Technologies
USR1051 UTC-USR1051 Datasheet
179Kb / 4P
   3 A SYNCHRONOUS BUCK REGULATOR
logo
ON Semiconductor
NCP3155BDR2G ONSEMI-NCP3155BDR2G Datasheet
419Kb / 25P
   3 A Synchronous Buck Regulator
February, 2012 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com