Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR77103 Datasheet(PDF) 7 Page - Exar Corporation

Part # XR77103
Description  3-Output Programmable Buck Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR77103 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XR77103 Datasheet HTML 3Page - Exar Corporation XR77103 Datasheet HTML 4Page - Exar Corporation XR77103 Datasheet HTML 5Page - Exar Corporation XR77103 Datasheet HTML 6Page - Exar Corporation XR77103 Datasheet HTML 7Page - Exar Corporation XR77103 Datasheet HTML 8Page - Exar Corporation XR77103 Datasheet HTML 9Page - Exar Corporation XR77103 Datasheet HTML 10Page - Exar Corporation XR77103 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
XR
77103
7/28
REV1B
Pin Configuration
Pin Functions
Pin Number
Pin Name
Description
1
VOUT3
Buck 3 output sense pin.
2
COMP3
Compensation pin for Buck 3. Connect a series RC circuit to this pin for compensation.
3
A0
I2C address select pin. A0 is internally pulled HIGH through a 100kΩ pull up resistor.
4
VIN(1)
IC supply pin. Connect a capacitor as close as possible to this pin and AGND.
5
GND
Ground.
6
VCC
Internal supply. Connect a ceramic capacitor from this pin to AGND. VCC tied to VIN for VIN = 5V
7
COMP1
Compensation pin for Buck 1. Connect a series RC circuit to this pin for compensation.
8
VOUT1
Buck 1 output sense pin.
9
BST1
Bootstrap capacitor for Buck 1. Connect a bootstrap capacitor from this pin to LX1.
10
VIN1(1)
Input supply for Buck 1. Connect a capacitor as close as possible to this pin and PGND.
11
LX1
Switching node for Buck 1.
12
LX1
Switching node for Buck 1.
13
LX2
Switching node for Buck 2.
14
LX2
Switching node for Buck 2.
15
VIN2(1)
Input supply for Buck 2. Connect a capacitor as close as possible to this pin and PGND.
16
BST2
Bootstrap capacitor for Buck 2. Connect a bootstrap capacitor from this pin to LX2.
17
VOUT2
Buck 2 output sense pin.
18
COMP2
Compensation pin for Buck 2. Connect a series RC circuit to this pin for compensation.
19
DGND
Digital ground.
20
nWR
Write protection input for NVM. The data can be written to NVM when this pin is low. This pin is internally
pulled high through 100kΩ pull up resistance.
NOTE:
1. VIN, VIN1, VIN2, and VIN3 must be tied together.
COMP3
1
2
3
4
5
6
7
8
32
31
30
29
28
27
26
25
9
10
11
12
13
14
15
16
24
23
22
21
20
19
18
17
VOUT3
VL
PGOOD
GND
VOUT1
COMP1
A0
DGND
SCL
SDA
nWR
VOUT2
COMP2
VIN
VCC


Similar Part No. - XR77103

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR77103-A0R5 EXAR-XR77103-A0R5 Datasheet
1Mb / 19P
   Universal PMIC 3-Output Buck Regulator
XR77103-A1R0 EXAR-XR77103-A1R0 Datasheet
1Mb / 19P
   Universal PMIC 3-Output Buck Regulator
XR77103ELB-A0R5 EXAR-XR77103ELB-A0R5 Datasheet
1Mb / 19P
   Universal PMIC 3-Output Buck Regulator
XR77103ELB-A1R0 EXAR-XR77103ELB-A1R0 Datasheet
1Mb / 19P
   Universal PMIC 3-Output Buck Regulator
XR77103ELBTR-A0R5 EXAR-XR77103ELBTR-A0R5 Datasheet
1Mb / 19P
   Universal PMIC 3-Output Buck Regulator
More results

Similar Description - XR77103

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR77103-A1R0 EXAR-XR77103-A1R0 Datasheet
1Mb / 19P
   Universal PMIC 3-Output Buck Regulator
XR77103-A0R5 EXAR-XR77103-A0R5 Datasheet
1Mb / 19P
   Universal PMIC 3-Output Buck Regulator
logo
Texas Instruments
TPS5210 TI1-TPS5210_16 Datasheet
748Kb / 31P
[Old version datasheet]   PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
TPS5210 TI-TPS5210 Datasheet
417Kb / 29P
[Old version datasheet]   PROGRAMMABLE SYNCHRONOUS-BUCK REGULATOR CONTROLLER
logo
Sipex Corporation
SP6656 SIPEX-SP6656 Datasheet
185Kb / 17P
   High Efficiency 400mA Synchronous Buck Regulator with Bit Programmable Output
logo
Linear Technology
DC1023A LINER-DC1023A_15 Datasheet
294Kb / 1P
   36V BUCK REGULATOR WITH PROGRAMMABLE FREQUENCY
logo
Allegro MicroSystems
A81407 ALLEGRO-A81407 Datasheet
3Mb / 58P
   Multi-Output Regulator with Buck or Buck-Boost Pre-Regulator
logo
Semtech Corporation
SC190 SEMTECH-SC190 Datasheet
1Mb / 18P
   Synchronous Buck Converter with Programmable Output
logo
Richtek Technology Corp...
RT9032 RICHTEK-RT9032 Datasheet
264Kb / 13P
   Programmable Dual Output Linear Regulator
logo
National Semiconductor ...
LM2635 NSC-LM2635 Datasheet
288Kb / 13P
   5-Bit Programmable Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com