Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR76117EVB Datasheet(PDF) 9 Page - Exar Corporation

Part # XR76117EVB
Description  PowerBloxTM 15A Synchronous
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR76117EVB Datasheet(HTML) 9 Page - Exar Corporation

Back Button XR76117EVB Datasheet HTML 5Page - Exar Corporation XR76117EVB Datasheet HTML 6Page - Exar Corporation XR76117EVB Datasheet HTML 7Page - Exar Corporation XR76117EVB Datasheet HTML 8Page - Exar Corporation XR76117EVB Datasheet HTML 9Page - Exar Corporation XR76117EVB Datasheet HTML 10Page - Exar Corporation XR76117EVB Datasheet HTML 11Page - Exar Corporation XR76117EVB Datasheet HTML 12Page - Exar Corporation XR76117EVB Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
XR
76117
9/18
REV1A
Typical Performance Characteristics (Continued)
All data taken at VIN = 12V, VOUT = 1.8V, f = 800kHz, TA = 25°C, no airflow, forced CCM. (Unless otherwise specified).
Schematic from the Applications Information section of this datasheet.
Figure 17. Load Regulation
Figure 18. Line Regulation
IOUT (A)
1.750
1.760
1.770
1.780
1.790
1.800
1.810
1.820
1.830
1.840
1.850
0
2
4
6
8
10
12
14 15
1.750
1.760
1.770
1.780
1.790
1.800
1.810
1.820
1.830
1.840
1.850
4
6
8
10
12
14
16
18
20
22
VIN (V)
Figure 19. tON vs. RON
Figure 20. tON vs. VIN, RON = 5.9kΩ
RON (kΩ)
0
100
200
300
400
500
600
700
800
900
1,000
0
5
10
15
20
25
35
30
Calculated
Typical
100
150
200
250
300
350
400
450
4
6
8
10
12
14
16
18
20
22
VIN (V)
Calculated
Typical
Figure 21. Frequency vs. IOUT
Figure 22. Frequency vs. VIN
IOUT (A)
0
2
4
6
8
10
12
14 15
0
100
200
300
400
500
600
700
800
900
VIN (V)
0
100
200
300
400
500
600
700
800
900
4
6
8
10
12
14
16
18
20
22


Similar Part No. - XR76117EVB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR76115 EXAR-XR76115 Datasheet
2Mb / 16P
   15A Synchronous Step Down COT Regulator
XR76115EL-F EXAR-XR76115EL-F Datasheet
2Mb / 16P
   15A Synchronous Step Down COT Regulator
XR76115ELMTR-F EXAR-XR76115ELMTR-F Datasheet
2Mb / 16P
   15A Synchronous Step Down COT Regulator
XR76115ELTR-F EXAR-XR76115ELTR-F Datasheet
2Mb / 16P
   15A Synchronous Step Down COT Regulator
XR76115EVB EXAR-XR76115EVB Datasheet
2Mb / 16P
   15A Synchronous Step Down COT Regulator
More results

Similar Description - XR76117EVB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR76116 EXAR-XR76116 Datasheet
1,003Kb / 19P
   PowerBloxTM 15A and 20A Synchronous
XR76121 EXAR-XR76121 Datasheet
1Mb / 18P
   PowerBloxTM 20A Synchronous Step-Down COT Regulators
XR76201 EXAR-XR76201 Datasheet
1Mb / 16P
   40V PowerBloxTM 1.5A Synchronous Step-Down COT Regulator
logo
ON Semiconductor
FAN23SV65AMPX ONSEMI-FAN23SV65AMPX Datasheet
1Mb / 22P
   15A Synchronous Buck Regulator
September 2015 Rev. 1.0
FAN23SV15MAMPX ONSEMI-FAN23SV15MAMPX Datasheet
1Mb / 21P
   15A Synchronous Buck Regulator
Rev. 1.1
logo
Alpha & Omega Semicondu...
AOZ2264QI-10 AOSMD-AOZ2264QI-10 Datasheet
911Kb / 16P
   24V/15A Synchronous EZBuckTM Regulator
AOZ2264QI-20 AOSMD-AOZ2264QI-20 Datasheet
1Mb / 16P
   24V/15A Synchronous EZBuckTM Regulator
Rev. 2.0 March 2019
AOZ2264QI-18 AOSMD-AOZ2264QI-18 Datasheet
1Mb / 16P
   24V/15A Synchronous EZBuckTM Regulator
Rev. 2.0 March 2019
AOZ2264NQI-11 AOSMD-AOZ2264NQI-11 Datasheet
2Mb / 17P
   24V/15A Synchronous EZBuckTM Regulator
Rev. 3.1 August 2022
AOZ22555QI AOSMD-AOZ22555QI Datasheet
2Mb / 16P
   25V/15A Synchronous EZBuckTM Regulator
Rev. 1.0 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com