Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF11-DO41 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # SF11-DO41
Description  50 to 600 Volts 1.0 Amp Super Fast Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

SF11-DO41 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  SF11-DO41 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SF11-DO41 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SF11-DO41 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
42
600V
SF18
50 to 600 Volts
SF18
SF11
THRU
1.0 Amp Super Fast
Rectifier
Features
High reliability
High current capability
Low forward voltage drop
High surge capability
Maximum Ratings
Operating Temperature: -55
°C to +125°C
Storage Temperature: -55
°C to +150°C
For capacitive load, derate current by 20%
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum DC
Blocking
Voltage
SF11
50V
35V
50V
SF12
100V
70V
100V
SF13
150V
105V
150V
SF14
200V
140V
200V
SF15
300V
210V
300V
0V
600V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TC = 55
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
SF11-SF14
SF15-SF18
VF
0.95V
1.3V
IFM = 1.0A;
TC = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0uA
100uA
TC = 25
°C
TC = 100
°C
Typical Junction
Capacitance
SF11-SF14
SF15-SF18
CJ
30pF
25pF
Measured at
1.0MHz, VR=4.0V
Maximum Reverse
Recovery Time
TRR
35nS
IF=0.5A, IR=1.0A,
IRR=0.25A
Pulse Test: Pulse width 300 usec, Duty cycle 1%.
A
B
C
D
D
Cathode
Mark
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.166
.205
4.10
5.20
B
.080
.107
2.00
2.70
C
.028
.034
.70
.90
D
1.000
---
25.40
---
DO-41
SF16
400V
280V
400V
www.yfwdiode.com


Similar Part No. - SF11-DO41

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SF11-B RECTRON-SF11-B Datasheet
422Kb / 5P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Jiangsu High diode Semi...
SF11-SF18 HDSEMI-SF11-SF18 Datasheet
1Mb / 4P
   D O - 4 1 Plastic-Encapsulate Diodes
logo
Rectron Semiconductor
SF11-T RECTRON-SF11-T Datasheet
422Kb / 5P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Won-Top Electronics
SF11-T3 WTE-SF11-T3 Datasheet
46Kb / 3P
   1.0A SUPER-FAST RECTIFIER
SF11-T3 WTE-SF11-T3 Datasheet
51Kb / 4P
   1.0A SUPERFAST DIODE
More results

Similar Description - SF11-DO41

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MUR105GP MCC-MUR105GP_13 Datasheet
406Kb / 4P
   1.0 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
MUR105GP MCC-MUR105GP Datasheet
359Kb / 4P
   1.0 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
SF11 MCC-SF11_11 Datasheet
460Kb / 4P
   1.0 Amp Super Fast Recovery Rectifiers 50 to 600 Volts
logo
Gaomi Xinghe Electronic...
SF11 GXELECTRONICS-SF11 Datasheet
518Kb / 3P
   1.0 Amp Super Fast Rectifier 50 to 400 Volts
logo
Micro Commercial Compon...
SF11 MCC-SF11 Datasheet
93Kb / 3P
   1.0 Amp Super Fast Rectifier 50 to 400 Volts
SF21 MCC-SF21_11 Datasheet
189Kb / 4P
   2.0 Amp Super Fast Rectifier 50 to 600 Volts
SF31 MCC-SF31_11 Datasheet
475Kb / 4P
   3.0 Amp Super Fast Rectifier 50 to 600 Volts
SF31 MCC-SF31 Datasheet
155Kb / 3P
   3.0 Amp Super Fast Rectifier 50 to 600 Volts
SF51 MCC-SF51 Datasheet
90Kb / 2P
   5.0 Amp Super Fast Rectifier 50 to 600 Volts
logo
DONGGUAN YOU FENG WEI E...
SF31 YFWDIODE-SF31 Datasheet
90Kb / 3P
   3.0 Amp Super Fast Rectifier 50 to 600 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com