Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD105T125NP-220MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CD105T125NP-220MC
Description  SMD Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CD105T125NP-220MC Datasheet(HTML) 2 Page - Sumida Corporation

  CD105T125NP-220MC Datasheet HTML 1Page - Sumida Corporation CD105T125NP-220MC Datasheet HTML 2Page - Sumida Corporation CD105T125NP-220MC Datasheet HTML 3Page - Sumida Corporation CD105T125NP-220MC Datasheet HTML 4Page - Sumida Corporation CD105T125NP-220MC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Revised: 14-Jan-16
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CD105/T125
Electrical Characteristics
※1 Measuring frequency 10μH ~ 82μH ; at 2.52 MHz
100
μH ~820μH ; at 1 kHz
※2 Saturation current: This indicates the actual value of D.C. current when the inductance becomes 10% lower
than its initial value.(Ta
=20℃)
※3 Temperature rise current: The actual value of D.C. current when the temperature of coil becomes
△T=40℃ (Ta=20℃).
0.54
0.48
2.55
820
μH±10%
821K
CD105T125NP-821KC
0.56
0.52
2.25
680
μH±10%
681K
CD105T125NP-681KC
0.59
0.56
1.90
560
μH±10%
561K
CD105T125NP-561KC
0.61
0.60
1.48
470
μH±10%
471K
CD105T125NP-471KC
0.65
0.63
1.30
390
μH±10%
391K
CD105T125NP-391KC
0.76
0.72
1.15
330
μH±10%
331K
CD105T125NP-331KC
0.83
0.81
0.97
270
μH±10%
271K
CD105T125NP-271KC
1.01
0.89
0.73
220
μH±10%
221K
CD105T125NP-221KC
1.12
0.99
0.63
180
μH±10%
181K
CD105T125NP-181KC
1.20
1.10
0.47
150
μH±10%
151K
CD105T125NP-151KC
1.40
1.22
0.40
120
μH±10%
121K
CD105T125NP-121KC
1.42
1.31
0.35
100
μH±10%
101K
CD105T125NP-101KC
1.76
1.50
0.25
82
μH±10%
820K
CD105T125NP-820KC
1.80
1.65
0.22
68
μH±10%
680K
CD105T125NP-680KC
2.06
1.81
0.19
56
μH±10%
560K
CD105T125NP-560KC
2.25
1.92
0.17
47
μH±10%
470K
CD105T125NP-470KC
2.55
2.02
0.14
39
μH±20%
390M
CD105T125NP-390MC
2.58
2.20
0.12
33
μH±20%
330M
CD105T125NP-330MC
2.84
2.45
0.11
27
μH±20%
270M
CD105T125NP-270MC
3.30
2.66
0.10
22
μH±20%
220M
CD105T125NP-220MC
3.50
3.00
0.09
18
μH±20%
180M
CD105T125NP-180MC
3.57
3.17
0.08
15
μH±20%
150M
CD105T125NP-150MC
3.93
3.54
0.07
12
μH±20%
120M
CD105T125NP-120MC
4.00
4.00
0.06
10
μH±20%
100M
CD105T125NP-100MC
Temperature
rise current
(A)
※3
Saturation
current (A)
(at 20
℃)
※2
D.C.R.
(
Ω)
[Max.]
(at 20
℃)
Inductance
[Within]
(
μH) ※1
Stamp
Part No.


Similar Part No. - CD105T125NP-220MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CD105 SUMIDA-CD105 Datasheet
174Kb / 6P
   CD105
logo
ECM Electronics Limited...
CD105 ECM-CD105 Datasheet
80Kb / 4P
   Surface Mount Power Inductors
logo
Sumida Corporation
CD105B SUMIDA-CD105B Datasheet
600Kb / 8P
   CD105B
CD105BNP-100MC SUMIDA-CD105BNP-100MC Datasheet
409Kb / 5P
   SMD Power Inductor
CD105BNP-101KC SUMIDA-CD105BNP-101KC Datasheet
409Kb / 5P
   SMD Power Inductor
More results

Similar Description - CD105T125NP-220MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com