Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD105T125NP-330MC Datasheet(PDF) 1 Page - Sumida Corporation

Part # CD105T125NP-330MC
Description  SMD Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CD105T125NP-330MC Datasheet(HTML) 1 Page - Sumida Corporation

  CD105T125NP-330MC Datasheet HTML 1Page - Sumida Corporation CD105T125NP-330MC Datasheet HTML 2Page - Sumida Corporation CD105T125NP-330MC Datasheet HTML 3Page - Sumida Corporation CD105T125NP-330MC Datasheet HTML 4Page - Sumida Corporation CD105T125NP-330MC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1 of 5
Revised: 14-Jan-16
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CD105/T125
Description
• Ferrite durm core construction.
• Magnetically unshielded.
• L
×W×H: 10.4×9.4×5.8mm Max.
• Product weight:1.3 g(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
• Qualification to AEC-Q200.
Environmental Data
• Operating temperature range: -40
℃~+125℃
(including coil’s self temperature rise)
• Storage temperature range: -40
℃~+125℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging.
• 13”diameter reel
• 500pcs per reel
Applications
• Automotive and other high temperature, high
reliability application.
Dimension - [mm]
Land pattern and Schematics - [mm]
9.0±0.4
5.4±0.4
※9.0
φ
10
.0
φ
10
.0
±
0.
4
2.
1
PART OF ELECTRODE
PART OF SILK
9.5
R1.0
2.
5
10
.0
RoHS


Similar Part No. - CD105T125NP-330MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CD105 SUMIDA-CD105 Datasheet
174Kb / 6P
   CD105
logo
ECM Electronics Limited...
CD105 ECM-CD105 Datasheet
80Kb / 4P
   Surface Mount Power Inductors
logo
Sumida Corporation
CD105B SUMIDA-CD105B Datasheet
600Kb / 8P
   CD105B
CD105BNP-100MC SUMIDA-CD105BNP-100MC Datasheet
409Kb / 5P
   SMD Power Inductor
CD105BNP-101KC SUMIDA-CD105BNP-101KC Datasheet
409Kb / 5P
   SMD Power Inductor
More results

Similar Description - CD105T125NP-330MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com