Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDEIR10D50MENP-2R2MC Datasheet(PDF) 5 Page - Sumida Corporation

Part # CDEIR10D50MENP-2R2MC
Description  SMD Power Inductor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEIR10D50MENP-2R2MC Datasheet(HTML) 5 Page - Sumida Corporation

  CDEIR10D50MENP-2R2MC Datasheet HTML 1Page - Sumida Corporation CDEIR10D50MENP-2R2MC Datasheet HTML 2Page - Sumida Corporation CDEIR10D50MENP-2R2MC Datasheet HTML 3Page - Sumida Corporation CDEIR10D50MENP-2R2MC Datasheet HTML 4Page - Sumida Corporation CDEIR10D50MENP-2R2MC Datasheet HTML 5Page - Sumida Corporation CDEIR10D50MENP-2R2MC Datasheet HTML 6Page - Sumida Corporation CDEIR10D50MENP-2R2MC Datasheet HTML 7Page - Sumida Corporation CDEIR10D50MENP-2R2MC Datasheet HTML 8Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SMD Power Inductor
CDEIR10D50ME
Note: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order.
Page 1 of 4
Ver. 1.0 (2015.09)
www.sumida.com
Description
 メタルアロイ(鉄系)コア
 閉磁構造
 L×W×H: 11.5×10.7×5.2mm Max.
 製品重量 : 2.7 g (Ref.)
 湿度感度レベル: 1
Applications
 ノート PC, PDA, 他大電流品
Environmental Data
 動作温度範囲: -40℃~+125℃ (コイル自己発熱を含む)
 保存温度範囲: -40℃~+125℃
Packaging
 キャリアテープ、リール梱包
 リール直径 13.0”
 1 リール 500 個
外形寸法図 - [mm]
推奨ランド図・
結線図- [mm]
11.0±0.5
5.2 Max.
6.0
2.2
13
5
S
F


Similar Part No. - CDEIR10D50MENP-2R2MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEIR10D47ME SUMIDA-CDEIR10D47ME Datasheet
141Kb / 2P
   SMD Power Inductor
CDEIR10D47MENP-1R2MC SUMIDA-CDEIR10D47MENP-1R2MC Datasheet
141Kb / 2P
   SMD Power Inductor
CDEIR10D48ME SUMIDA-CDEIR10D48ME Datasheet
223Kb / 3P
   SMD Power Inductor
CDEIR10D48MENP-4R7MC SUMIDA-CDEIR10D48MENP-4R7MC Datasheet
223Kb / 3P
   SMD Power Inductor
More results

Similar Description - CDEIR10D50MENP-2R2MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com