Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDEP159NP-8R2MC-130 Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDEP159NP-8R2MC-130
Description  SMD Power Inductor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP159NP-8R2MC-130 Datasheet(HTML) 3 Page - Sumida Corporation

  CDEP159NP-8R2MC-130 Datasheet HTML 1Page - Sumida Corporation CDEP159NP-8R2MC-130 Datasheet HTML 2Page - Sumida Corporation CDEP159NP-8R2MC-130 Datasheet HTML 3Page - Sumida Corporation CDEP159NP-8R2MC-130 Datasheet HTML 4Page - Sumida Corporation CDEP159NP-8R2MC-130 Datasheet HTML 5Page - Sumida Corporation CDEP159NP-8R2MC-130 Datasheet HTML 6Page - Sumida Corporation CDEP159NP-8R2MC-130 Datasheet HTML 7Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Page 3 of 7
Revised: 18-Jul-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDEP159
Electrical Characteristics 3 – Low D.C.R type
Electrical Characteristics
7.5
2.6
3.8
17.8
±20%
43.0
±20%
430ML
CDEP159NP-430MC-220
8.0
2.9
4.2
14.0
±20%
36.0
±20%
360ML
CDEP159NP-360MC-220
8.5
3.1
4.5
12.5
±20%
33.0
±20%
330ML
CDEP159NP-330MC-220
9.5
3.4
4.9
10.0
±20%
27.0
±20%
270ML
CDEP159NP-270MC-220
10.0
3.7
5.4
8.3
±20%
22.0
±20%
220ML
CDEP159NP-220MC-220
10.5
4.2
6.1
7.2
±20%
18.0
±20%
180ML
CDEP159NP-180MC-220
11.5
4.8
6.9
5.5
±20%
15.0
±20%
150ML
CDEP159NP-150MC-220
14.0
5.4
7.7
4.1
±20%
10.0
±20%
100ML
CDEP159NP-100MC-220
15.5
6.1
8.9
3.1
±20%
8.2
±20%
8R2ML
CDEP159NP-8R2MC-220
18.0
7.5
11.0
2.3
±20%
5.4
±20%
5R4ML
CDEP159NP-5R4MC-220
20.5
9.7
14.4
1.85
±20%
3.6
±20%
3R6ML
CDEP159NP-3R6MC-220
24.0
12.3
16.0
1.55
±20%
2.0
±20%
2R0ML
CDEP159NP-2R0MC-220
(at 150
℃)
(at 20
℃)
Temperature
Rise current
(
A) ※4
(
△T=25℃)
The saturation
current
(A)※3
D.C.R.
(m
Ω)
[Within]
(at 20
℃)
Inductance
(
μH)
[Within
※2
Stamp
Part No.
※1
※1. Measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 75% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=25℃(Ta=20℃).


Similar Part No. - CDEP159NP-8R2MC-130

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEP15D90 SUMIDA-CDEP15D90 Datasheet
676Kb / 4P
   Low-Profile High Current Power Inductor
CDEP15D90T150 SUMIDA-CDEP15D90T150 Datasheet
595Kb / 6P
   Low-Profile High Current Power Inductor
CDEP15D90T150NP-0R5MC-125 SUMIDA-CDEP15D90T150NP-0R5MC-125 Datasheet
595Kb / 6P
   Low-Profile High Current Power Inductor
CDEP15D90T150NP-100MC-100 SUMIDA-CDEP15D90T150NP-100MC-100 Datasheet
676Kb / 4P
   Low-Profile High Current Power Inductor
CDEP15D90T150NP-100MC-100 SUMIDA-CDEP15D90T150NP-100MC-100 Datasheet
595Kb / 6P
   Low-Profile High Current Power Inductor
More results

Similar Description - CDEP159NP-8R2MC-130

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com