Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST16C654DCQ64 Datasheet(PDF) 1 Page - Exar Corporation

Part # ST16C654DCQ64
Description  2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C654DCQ64 Datasheet(HTML) 1 Page - Exar Corporation

  ST16C654DCQ64 Datasheet HTML 1Page - Exar Corporation ST16C654DCQ64 Datasheet HTML 2Page - Exar Corporation ST16C654DCQ64 Datasheet HTML 3Page - Exar Corporation ST16C654DCQ64 Datasheet HTML 4Page - Exar Corporation ST16C654DCQ64 Datasheet HTML 5Page - Exar Corporation ST16C654DCQ64 Datasheet HTML 6Page - Exar Corporation ST16C654DCQ64 Datasheet HTML 7Page - Exar Corporation ST16C654DCQ64 Datasheet HTML 8Page - Exar Corporation ST16C654DCQ64 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538(510) 668-7000 FAX (510) 668-7017 www.exar.com







ST16C654/654D
2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
OCTOBER 2003
REV. 5.0.0
GENERAL DESCRIPTION
The ST16C654/654D1 (654) is an enhanced quad
Universal Asynchronous Receiver and Transmitter
(UART) each with 64 bytes of transmit and receive
FIFOs, transmit and receive FIFO trigger levels,
automatic hardware and software flow control, and
data rates of up to 1.5 Mbps. Each UART has a set of
registers that provide the user with operating status
and control, receiver error indications, and modem
serial interface controls. Selectable interrupt polarity
provides flexibility to meet design requirements. An
internal
loopback
capability
allows
onboard
diagnostics. The 654 is available in 64 pin TQFP, 68
pin PLCC and 100 pin QFP packages. The 64 pin
package only offers the 16 mode interface, but the 68
and 100 pin packages offer an additional 68 mode
interface which allows easy integration with Motorola
processors.
The ST16C654CQ64 (64 pin) offers
three
state
interrupt
output
while
the
ST16C654DCQ64
provides
continuous
interrupt
output.
The 100 pin package provides additional
FIFO status outputs (TXRDY# and RXRDY# A-D),
separate infrared transmit data outputs (IRTX A-D)
and channel C external clock input (CHCCLK). The
ST16C654/654D is compatible with the industry
standard ST16C454 and ST16C654/554D.
NOTE: 1 Covered by U.S. Patent #5,649,122.
FEATURES
Pin-to-pin compatible with ST16C454, ST16C554
and TI’s TL16C554AFN and TL16C754BFN
Intel or Motorola Data Bus Interface select
Four independent UART channels
s
Register Set Compatible to 16C550
s
Data rates of up to 1.5 Mbps
s
64 Byte Transmit FIFO
s
64 Byte Receive FIFO with error tags
s
4 Selectable TX and RX FIFO Trigger Levels
s
Automatic Hardware (RTS/CTS) Flow Control
s
Automatic Software (Xon/Xoff) Flow Control
s
Progammable Xon/Xoff characters
s
Wireless Infrared (IrDA 1.0) Encoder/Decoder
s
Full modem interface
2.97V to 5.5V supply operation
Sleep Mode (200 uA typical)
Crystal oscillator or external clock input
APPLICATIONS
Portable Appliances
Telecommunication Network Routers
Ethernet Network Routers
Cellular Data Devices
Factory Automation and Process Controls
FIGURE 1. ST16C654 BLOCK DIAGRAM
XTAL1
XTAL2
Crystal Osc/Buffer
Data Bus
Interface
UART Channel A
64 Byte TX FIFO
64 Byte RX FIFO
BRG
IR
ENDEC
TX & RX
UART
Regs
2.97V to 5.5V VCC
GND
654 BLK
TXB, RXB, IRTXB, DTRB#,
DSRB#, RTSB#, CTSB#,
CDB#, RIB#
UART Channel B
(same as Channel A)
A2:A0
D7:D0
CSA#
16/68#
CSB#
INTA
INTB
IOW#
IOR#
Reset
INTSEL
CHCCLK
TXRDY# A-D
RXRDY# A-D
UART Channel C
(same as Channel A)
TXA, RXA, IRTXA, DTRA#,
DSRA#, RTSA#, CTSA#,
CDA#, RIA#
TXC, RXC, IRTXC, DTRC#,
DSRC#, RTSC#, CTSC#,
CDC#, RIC#
UART Channel D
(same as Channel A)
TXD, RXD, IRTXD, DTRD#,
DSRD#, RTSD#, CTSD#,
CDD#, RID#
CSC#
CSD#
INTC
INTD
CLKSEL


Similar Part No. - ST16C654DCQ64

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C654DCQ64 EXAR-ST16C654DCQ64 Datasheet
444Kb / 49P
   QUAD UART WITH 64-BYTE FIFO AND INFRARED (IrDA) ENCODER/DECODER
ST16C654DCQ64 EXAR-ST16C654DCQ64 Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
More results

Similar Description - ST16C654DCQ64

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C654IJ68-F EXAR-ST16C654IJ68-F Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
XRT16C854 EXAR-XRT16C854 Datasheet
1Mb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C554DIQ64-F EXAR-ST16C554DIQ64-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554 EXAR-ST16C554 Datasheet
757Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
XR16C864IQ-F EXAR-XR16C864IQ-F Datasheet
440Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C854D EXAR-XR16C854D Datasheet
689Kb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com