Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0734151261 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0734151261
Description  50 Ohms, MMCX Edge Mount PCB Jack Receptacle, Half Round Center Contact, Tray
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0734151261 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0734151261 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 06/30/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0734151261
Status:
Active
Overview:
MMCX RF Connectors
Description:
50 Ohms, MMCX Edge Mount PCB Jack Receptacle, Half Round Center Contact, Tray
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
RF/Coax Connectors
Series
73415
Comments
Surface Mount
Overview
MMCX RF Connectors
Product Name
MMCX
Style
PCB
UPC
756054341711
Wire/Cable Type
N/A
Physical
Gender
Jack
Keying to Mating Part
None
Net Weight
0.390/g
Orientation
Right Angle
PCB Mounting
Edge Mount
Packaging Type
Tray
Panel Mount
No
Panel Mount Method
N/A
Reverse Polar
No
Electrical
Impedance
50#
Solder Process Data
Duration at Max. Process Temperature (seconds)
010
Lead-freeProcess Capability
REFLOW
Max. Cycles at Max. Process Temperature
001
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-73415-126
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant with
Exemption 6(c)
REACH SVHC
Not Contained Per
-ED/79/2015 (17
December 2015)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
50 Image
ELV
Not Relevant
Search Parts in this Series
73415 Series
This document was generated on 06/30/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0734151261

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0734151261 MOLEX-0734151261_V01 Datasheet
40Kb / 1P
   50 Ohms, MMCX Straight Jack, PCB, Edge Mount, Half Round Center Contact, Tray
More results

Similar Description - 0734151261

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0734151260 MOLEX11-0734151260 Datasheet
48Kb / 1P
   50 Ohms, MMCX Edge Mount PCB Jack Receptacle, Half Round Center Contact, Tray
0734151260 MOLEX-0734151260_V01 Datasheet
39Kb / 1P
   50 Ohms, MMCX Straight Jack, PCB, Edge Mount, Half Round Center Contact, Tray
0734151261 MOLEX-0734151261_V01 Datasheet
40Kb / 1P
   50 Ohms, MMCX Straight Jack, PCB, Edge Mount, Half Round Center Contact, Tray
73415-1261 MOLEX11-73415-1261 Datasheet
32Kb / 1P
   50 Ohms, MMCX Edge Mount PCB Jack Receptacle, Half Round Center Contact
0734151262 MOLEX11-0734151262 Datasheet
49Kb / 1P
   50 Ohms, MMCX Edge Mount PCB Jack Receptacle, Half Round Center Contact
0734151262 MOLEX-0734151262_V01 Datasheet
39Kb / 1P
   50 Ohms, MMCX Straight Jack, PCB, Edge Mount, Half Round Center Contact, Tape and Reel
0734150967 MOLEX11-0734150967 Datasheet
49Kb / 1P
   50 Ohms, MMCX Jack, Edge Mount PCB Receptacle,
0734150960 MOLEX11-0734150960 Datasheet
45Kb / 1P
   50 Ohms, MMCX Jack, Edge Mount PCB Receptacle, Plating per Military Requirements, Tray
0734150961 MOLEX11-0734150961 Datasheet
49Kb / 1P
   50 Ohms, MMCX Jack, Edge Mount PCB Receptacle, Plating per Commercial Requirements, Tray
73415-0965 MOLEX11-73415-0965 Datasheet
32Kb / 1P
   50 Ohms, MMCX Jack, PCB Edge Mount
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com