Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR32431EHCR-F Datasheet(PDF) 9 Page - Exar Corporation

Part # XR32431EHCR-F
Description  3-Driver/5-Receiver Intelligent RS-232 Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR32431EHCR-F Datasheet(HTML) 9 Page - Exar Corporation

Back Button XR32431EHCR-F Datasheet HTML 5Page - Exar Corporation XR32431EHCR-F Datasheet HTML 6Page - Exar Corporation XR32431EHCR-F Datasheet HTML 7Page - Exar Corporation XR32431EHCR-F Datasheet HTML 8Page - Exar Corporation XR32431EHCR-F Datasheet HTML 9Page - Exar Corporation XR32431EHCR-F Datasheet HTML 10Page - Exar Corporation XR32431EHCR-F Datasheet HTML 11Page - Exar Corporation XR32431EHCR-F Datasheet HTML 12Page - Exar Corporation XR32431EHCR-F Datasheet HTML 13Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
© 2014 Exar Corporation
XR32430/XR32431
9 / 13
exar.com/XR32430_XR32431
Rev 1A
Figure 7: Charge Pump - Phase 1
Phase 2
V- transfer — Phase two of the clock connects the negative
terminal of C2 to the VSS storage capacitor and the posi-
tive terminal of C2 to GND. This transfers a negative gener-
ated voltage to C3. This generated voltage is regulated to a
minimum voltage of -5.5V. Simultaneous with the transfer of
the voltage to C3, the positive side of capacitor C1 is
switched to VCC and the negative side is connected to
GND.
Figure 8: Charge Pump - Phase 2
Phase 3
V+ charge storage — The third phase of the clock is identi-
cal to the first phase — the charge transferred in C1 pro-
duces –VCC in the negative terminal of C1, which is applied
to the negative side of capacitor C2. Since C2+ is at VCC,
the voltage potential across C2 is 2 times VCC.
Figure 9: Charge Pump - Phase 3
Phase 4
V+ transfer — The fourth phase of the clock connects the
negative terminal of C2 to GND, and transfers this positive
generated voltage across C2 to C4, the V+ storage capaci-
tor. This voltage is regulated to +5.5V. At this voltage, the
internal oscillator is disabled. Simultaneous with the trans-
fer of the voltage to C4, the positive side of capacitor C1 is
switched to VCC and the negative side is connected to
GND, allowing the charge pump cycle to begin again. The
charge pump cycle will continue as long as the operational
conditions for the internal oscillator are present.
Figure 10: Charge Pump - Phase 4
Since both V+ and V– are separately generated from VCC,
in a no–load condition V+ and V– will be symmetrical. Older
charge pump approaches that generate V– from V+ will
show a decrease in the magnitude of V– compared to V+
due to the inherent inefficiencies in the design. The clock
rate for the charge pump typically operates at greater than
250kHz. The external capacitors can be as low as 0.1μF
with a 16V breakdown voltage rating.
The Exar-patented charge pumps are designed to operate
reliably with a range of low cost capacitors. Either polarized
or non polarized capacitors may be used. If polarized
capacitors are used they should be oriented as shown in
the Typical Applications Circuit. The V+ capacitor may be
connected to either ground or Vcc (polarity reversed.)
C1
C2
C4
C3
VCC
V+ Storage Capacitor
V- Storage Capacitor
+VCC
-VCC
-VCC
C1
C2
C4
C3
VCC
-5.5V
V+ Storage Capacitor
V- Storage Capacitor
C1
C2
C4
C3
VCC
V+ Storage Capacitor
V- Storage Capacitor
+VCC
-VCC
-VCC
C1
C2
C4
C3
VCC
+5.5V
V+ Storage Capacitor
V- Storage Capacitor


Similar Part No. - XR32431EHCR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR32431EHCR-F EXAR-XR32431EHCR-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32431EHCR-F EXAR-XR32431EHCR-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32431EHCR-F EXAR-XR32431EHCR-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32431EHCR-F EXAR-XR32431EHCR-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32431EHCR-F/TR EXAR-XR32431EHCR-F/TR Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
More results

Similar Description - XR32431EHCR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR32330 EXAR-XR32330 Datasheet
711Kb / 13P
   3-Driver/3-Receiver Intelligent RS-232 Transceiver
XR32430EBER-F EXAR-XR32430EBER-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32430EUCRTR-F EXAR-XR32430EUCRTR-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32430EBCRTR-F EXAR-XR32430EBCRTR-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32430EHCRTR-F EXAR-XR32430EHCRTR-F Datasheet
897Kb / 14P
   3-Driver/5-Receiver Intelligent RS-232 Transceiver with 1.65V-5.5V Interface
XR32220 EXAR-XR32220 Datasheet
874Kb / 13P
   2-Driver/2-Receiver Intelligent RS-232 Transceiver
SP3243EUEA-L-TR EXAR-SP3243EUEA-L-TR Datasheet
1,012Kb / 25P
   3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243E EXAR-SP3243E Datasheet
1Mb / 24P
   3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243EBCA-L-TR EXAR-SP3243EBCA-L-TR Datasheet
1,012Kb / 25P
   3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3243ECA-L-TR EXAR-SP3243ECA-L-TR Datasheet
1,012Kb / 25P
   3 Driver/5 Receiver Intelligent 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com