Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR33181ESBEVB Datasheet(PDF) 2 Page - Exar Corporation

Part # XR33181ESBEVB
Description  Receivers with 짹15kV ESD Protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR33181ESBEVB Datasheet(HTML) 2 Page - Exar Corporation

  XR33181ESBEVB Datasheet HTML 1Page - Exar Corporation XR33181ESBEVB Datasheet HTML 2Page - Exar Corporation XR33181ESBEVB Datasheet HTML 3Page - Exar Corporation XR33181ESBEVB Datasheet HTML 4Page - Exar Corporation XR33181ESBEVB Datasheet HTML 5Page - Exar Corporation XR33181ESBEVB Datasheet HTML 6Page - Exar Corporation XR33181ESBEVB Datasheet HTML 7Page - Exar Corporation XR33181ESBEVB Datasheet HTML 8Page - Exar Corporation XR33181ESBEVB Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
XR
33180/81/83/84
2/12
REV1A
Absolute Maximum Ratings
Stresses beyond those listed under Absolute Maximum
Ratings may cause permanent damage to the device.
Exposure to any Maximum Rating condition for extended
periods may affect device reliability and lifetime.
Supply voltage (VCC)...................................... -0.3V to 7.0V
Junction temperature................................................. 150°C
Input Voltages
EN and EN...................................................... -0.3V to 7.0V
Output Voltage
RO (XR33180/81/83)......................... -0.3V to (VCC + 0.3V)
RO (XR33184)......................................-0.3V to (VL + 0.3V)
Receiver Input Voltages
A, B..............................................................................±18V
Transient voltage pulse, through 100Ω (1) ..................±100V
NOTE:
1. Refer to Figure 3.
Operating Conditions
Operating temperature range ...................... -40°C to 125°C
VCC supply range .............................................3.0V to 5.5V
Thermal Information
5-pin TSOT23
θJA...............................................185.5°C/W
5-pin TSOT23
θJC ................................................61.6°C/W
6-pin TSOT23
θJA...............................................167.3°C/W
6-pin TSOT23
θJC ................................................61.6°C/W
Electrical Characteristics
Specifications are at TA = 25°C, VCC = 3.0V to 5.5V unless otherwise noted. Typical values represent the most likely
parametric norm at TA = 25°C, and are provided for reference purposes only.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Supply
VCC
Supply voltage range
3.0
5.5
V
VL
I/O supply voltage range
VL ≤ VCC
1.65
VCC
V
ICC
Supply current
No Load, XR33180/81/83/84
2.5
5
mA
IL
I/O supply
No Load, XR33184
10
μA
Receiver DC Characteristics
VTH
Receiver differential threshold voltage,
VA - VB
-7V ≤ VCM ≤ 12V
-200
-125
-50
mV
∆VOH
Receiver input hysteresis
VCM = 0V
25
mV
RIN
Receiver input resistance
-7V ≤ VCM ≤ 12V
48
IA,B
Input current, A and B
VOUT = 12V, VCC = 0V or 5.5V
250
μA
VOUT = -7V, VCC = 0V or 5.5V
-200
μA


Similar Part No. - XR33181ESBEVB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR33152 EXAR-XR33152 Datasheet
874Kb / 19P
   TIA-485/TIA-422 Transceivers
XR33152 EXAR-XR33152 Datasheet
775Kb / 21P
   60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
XR33152HD-F EXAR-XR33152HD-F Datasheet
775Kb / 21P
   60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
XR33152HDEVB EXAR-XR33152HDEVB Datasheet
775Kb / 21P
   60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
XR33152HDTR-F EXAR-XR33152HDTR-F Datasheet
775Kb / 21P
   60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
More results

Similar Description - XR33181ESBEVB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1284-XXA8 STMICROELECTRONICS-ST1284-XXA8_03 Datasheet
141Kb / 6P
   PARALLEL PORT SINGLE TERMINATION NETWORK WITH 짹15kV ESD PROTECTION
logo
Intersil Corporation
HIN202E INTERSIL-HIN202E Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN202E RENESAS-HIN202E Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN213ECAZ-T INTERSIL-HIN213ECAZ-T Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
STMicroelectronics
ST1284-XXA8T8 STMICROELECTRONICS-ST1284-XXA8T8 Datasheet
144Kb / 7P
   PARALLEL PORT SINGLE TERMINATION NETWORK WITH 짹15kV ESD PROTECTION
logo
Unisonic Technologies
URCZ1284L-01-SQ8-T UTC-URCZ1284L-01-SQ8-T Datasheet
232Kb / 6P
   PARALLEL PORT SINGLE TERMINATION NETWORK WITH 짹15KV ESD PROTECTION
logo
Maxim Integrated Produc...
MAX14979E MAXIM-MAX14979E Datasheet
1Mb / 10P
   High-Bandwidth,짹15kV ESD Protection LVDS Switch
Rev 0; 4/10
logo
Intersil Corporation
5962-0620701Q3A INTERSIL-5962-0620701Q3A Datasheet
195Kb / 9P
   짹15kV ESD Protected, 3.3V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
5962-0620705Q3A INTERSIL-5962-0620705Q3A Datasheet
194Kb / 9P
   짹15kV ESD Protected, 5.0V 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Linear Technology
LT1780 LINER-LT1780 Datasheet
276Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 짹15kV ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com