Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR3070XID-F Datasheet(PDF) 4 Page - Exar Corporation

Part # XR3070XID-F
Description  LOW POWER 18V TOLERANT RS-485/RS-422 3.3V TRANSCEIVERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR3070XID-F Datasheet(HTML) 4 Page - Exar Corporation

  XR3070XID-F Datasheet HTML 1Page - Exar Corporation XR3070XID-F Datasheet HTML 2Page - Exar Corporation XR3070XID-F Datasheet HTML 3Page - Exar Corporation XR3070XID-F Datasheet HTML 4Page - Exar Corporation XR3070XID-F Datasheet HTML 5Page - Exar Corporation XR3070XID-F Datasheet HTML 6Page - Exar Corporation XR3070XID-F Datasheet HTML 7Page - Exar Corporation XR3070XID-F Datasheet HTML 8Page - Exar Corporation XR3070XID-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ELECTRICAL CHARACTERISTICS
XR3070-78X
4
LOW POWER 18V TOLERANT RS-485/RS-422 +3.3V TRANSCEIVERS
REV. 1.0.2
Unless otherwise noted: VCC = +3.3V ±10%, TA = TMIN to TMAX. Typical values are at VCC = 3.3V, TA = +25°C.
SYMBOL
PARAMETERS
MIN.
TYP.
MAX.
UNITS
CONDITIONS
DRIVER DC CHARACTERISTICS
VCC
Supply Voltage Range
3.0
3.6
V
VOD
Differential Driver Output
3
VCC
V
No Load
2
VCC
V
RL = 100(RS-422), Figure 3
1.65
VCC
V
RL = 54(RS-485), Figure 3
1.5
VCC
V
-7V
V
CM +12V, Figure 4
DVOD
Change in Magnitude of
Differential Output Voltage
±0.2
V
RL = 100(RS-422), or
RL = 54(RS-485),
Figure 3, Note 1
VCM
Driver Common-Mode Output
Voltage (steady state)
VCC / 2
3
V
DVCM
Change in Magnitude of
Common-Mode Output Voltage
±0.2
V
VIH
Logic Input Thresholds (DI, DE, RE)
2.0
V
Logic Input High
VIL
0.8
V
Logic Input Low
VHYS
Input Hysteresis (DI, DE, RE)
100
mV
IIN
Logic Input Current (DI, DE, RE)
±1
μA
0V
V
IN VCC,
After first transition, Note 2
Logic Input Current (DE and RE)
100
±200
μA
Until first transition, Note 2
IA, B
Input Current (A and B)
125
μA
VOUT = +12V, DE = 0V,
VCC = 0V or 5.5V
-100
μA
VOUT = -7V, DE = 0V,
VCC = 0V or 5.5V
IOL
Output Leakage (Y and Z)
Full Duplex (Note 2)
125
μA
VOUT = +12V, DE = 0V,
VCC = 0V or 5.5V
-100
μA
VOUT = -7V, DE = 0V,
VCC = 0V or 5.5V
IOSD
Driver Short-Circuit Output Current
±250
mA
-7V
V
OUT +12V, Figure 5
DRIVER THERMAL CHARACTERISTICS
TTS
Thermal Shutdown Temperature
175
°C
Junction temperature, Note 4
TTSH
Thermal Shutdown Hysteresis
15
°C
Note 4


Similar Part No. - XR3070XID-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XR3000 ETC2-XR3000 Datasheet
358Kb / 3P
   USER FRIENDLY WEB INTERFACE
logo
Exar Corporation
XR3080-88X EXAR-XR3080-88X Datasheet
834Kb / 24P
   HIGH OUTPUT 18V TOLERANT RS-485/RS-422 5V TRANSCEIVERS
XR3080XED-F EXAR-XR3080XED-F Datasheet
834Kb / 24P
   HIGH OUTPUT 18V TOLERANT RS-485/RS-422 5V TRANSCEIVERS
XR3080XID-F EXAR-XR3080XID-F Datasheet
834Kb / 24P
   HIGH OUTPUT 18V TOLERANT RS-485/RS-422 5V TRANSCEIVERS
XR3081XED-F EXAR-XR3081XED-F Datasheet
834Kb / 24P
   HIGH OUTPUT 18V TOLERANT RS-485/RS-422 5V TRANSCEIVERS
More results

Similar Description - XR3070XID-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR33032 EXAR-XR33032 Datasheet
403Kb / 19P
   WIDE SUPPLY 18V TOLERANT RS-485/RS-422 TRANSCEIVERS
XR3080-88X EXAR-XR3080-88X Datasheet
834Kb / 24P
   HIGH OUTPUT 18V TOLERANT RS-485/RS-422 5V TRANSCEIVERS
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
   3.3V Low Power RS-485/RS-422 Transceivers
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
171Kb / 11P
   3.3V Low Power Slew Rate Limited RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL43485 INTERSIL-ISL43485 Datasheet
477Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422
logo
National Semiconductor ...
DS75176B NSC-DS75176B Datasheet
209Kb / 8P
   Multipoint RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL43485 INTERSIL-ISL43485_05 Datasheet
480Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com