Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR33181ESBTR Datasheet(PDF) 10 Page - Exar Corporation

Part # XR33181ESBTR
Description  Receivers with 짹15kV ESD Protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR33181ESBTR Datasheet(HTML) 10 Page - Exar Corporation

Back Button XR33181ESBTR Datasheet HTML 4Page - Exar Corporation XR33181ESBTR Datasheet HTML 5Page - Exar Corporation XR33181ESBTR Datasheet HTML 6Page - Exar Corporation XR33181ESBTR Datasheet HTML 7Page - Exar Corporation XR33181ESBTR Datasheet HTML 8Page - Exar Corporation XR33181ESBTR Datasheet HTML 9Page - Exar Corporation XR33181ESBTR Datasheet HTML 10Page - Exar Corporation XR33181ESBTR Datasheet HTML 11Page - Exar Corporation XR33181ESBTR Datasheet HTML 12Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
XR
33180/81/83/84
10/12
REV1A
1. All dimensioins are in Millimeters
2. Dimensions and tolerance per Jedec MO-193
SIDE VIEW-1
TOP VIEW
DETAIL "A"
TYPICAL RECOMMENDED LAND PATTERN
SIDE VIEW - 2
Package Description
5-Pin TSOT23


Similar Part No. - XR33181ESBTR

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR33152 EXAR-XR33152 Datasheet
874Kb / 19P
   TIA-485/TIA-422 Transceivers
XR33152 EXAR-XR33152 Datasheet
775Kb / 21P
   60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
XR33152HD-F EXAR-XR33152HD-F Datasheet
775Kb / 21P
   60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
XR33152HDEVB EXAR-XR33152HDEVB Datasheet
775Kb / 21P
   60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
XR33152HDTR-F EXAR-XR33152HDTR-F Datasheet
775Kb / 21P
   60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
More results

Similar Description - XR33181ESBTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1284-XXA8 STMICROELECTRONICS-ST1284-XXA8_03 Datasheet
141Kb / 6P
   PARALLEL PORT SINGLE TERMINATION NETWORK WITH 짹15kV ESD PROTECTION
logo
Intersil Corporation
HIN202E INTERSIL-HIN202E Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN202E RENESAS-HIN202E Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN213ECAZ-T INTERSIL-HIN213ECAZ-T Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
STMicroelectronics
ST1284-XXA8T8 STMICROELECTRONICS-ST1284-XXA8T8 Datasheet
144Kb / 7P
   PARALLEL PORT SINGLE TERMINATION NETWORK WITH 짹15kV ESD PROTECTION
logo
Unisonic Technologies
URCZ1284L-01-SQ8-T UTC-URCZ1284L-01-SQ8-T Datasheet
232Kb / 6P
   PARALLEL PORT SINGLE TERMINATION NETWORK WITH 짹15KV ESD PROTECTION
logo
Maxim Integrated Produc...
MAX14979E MAXIM-MAX14979E Datasheet
1Mb / 10P
   High-Bandwidth,짹15kV ESD Protection LVDS Switch
Rev 0; 4/10
logo
Intersil Corporation
5962-0620701Q3A INTERSIL-5962-0620701Q3A Datasheet
195Kb / 9P
   짹15kV ESD Protected, 3.3V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
5962-0620705Q3A INTERSIL-5962-0620705Q3A Datasheet
194Kb / 9P
   짹15kV ESD Protected, 5.0V 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Linear Technology
LT1780 LINER-LT1780 Datasheet
276Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 짹15kV ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com