Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR33202EEHBTR-F Datasheet(PDF) 6 Page - Exar Corporation

Part # XR33202EEHBTR-F
Description  Wide Supply TIA-485/TIA-422 Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR33202EEHBTR-F Datasheet(HTML) 6 Page - Exar Corporation

  XR33202EEHBTR-F Datasheet HTML 1Page - Exar Corporation XR33202EEHBTR-F Datasheet HTML 2Page - Exar Corporation XR33202EEHBTR-F Datasheet HTML 3Page - Exar Corporation XR33202EEHBTR-F Datasheet HTML 4Page - Exar Corporation XR33202EEHBTR-F Datasheet HTML 5Page - Exar Corporation XR33202EEHBTR-F Datasheet HTML 6Page - Exar Corporation XR33202EEHBTR-F Datasheet HTML 7Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
XR
33202
6/7
REV1A
VL
VCC
B
A/Y
XR33202
RO
RE
DE
DI
B/Z
A
Y
Z
Figure 2. Block Diagram
Receiver AC Characteristics - XR33202
Specifications are at TA = 25°C, VCC = 3.3V±10% or 5.0V±10%, VL = VCC unless otherwise noted. Typical values represent
the most likely parametric norm at TA = 25°C, and are provided for reference purposes only.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tRPLH
Receiver prop. delay (low to high)
CL = 50pF, RL = 54Ω
50
ns
tRPHL
Receiver prop. delay (high to low)
50
ns
|tRPLH-tRPHL|
Receiver propagation delay skew
5
ns
Maximum data rate
1/tUI, duty cycle 40% to 60%
20
Mbps
tRZH
Receiver enable to output high
CL = 50pF, RL = 1kΩ,
50
ns
tRZL
Receiver enable to output low
50
ns
tRHZ
Receiver disable from output high
50
ns
tRLZ
Receiver disable from output low
50
ns
tRZH(SHDN)
Receiver enable from shutdown to
output high
CL = 50pF, RL = 1kΩ,
2200
ns
tRZL(SHDN)
Receiver enable from shutdown to
output low
2200
ns
tSHDN
Time to shutdown
50
200
600
ns
Block Diagram


Similar Part No. - XR33202EEHBTR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR33202EEHBTR-F EXAR-XR33202EEHBTR-F Datasheet
670Kb / 16P
   Wide Supply RS-485/RS-422 Transceiver with 1.65V-5.5V I/O Interface
More results

Similar Description - XR33202EEHBTR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR33053 EXAR-XR33053 Datasheet
625Kb / 16P
   TIA-485/TIA-422 Transceiver
XR33152 EXAR-XR33152 Datasheet
874Kb / 19P
   TIA-485/TIA-422 Transceivers
logo
National Semiconductor ...
DS16F95A NSC-DS16F95A Datasheet
363Kb / 10P
   TIA/EIA-485-A (RS-485) Extended Temperature Differential Bus Transceiver
logo
Integrated Device Techn...
GX32222 IDT-GX32222 Datasheet
76Kb / 2P
   Linear TIA
logo
Linear Technology
LTC1327 LINER-LTC1327 Datasheet
223Kb / 8P
   3.3V Micropower EIA/TIA-562 Transceiver
logo
Texas Instruments
SN75HVD08 TI-SN75HVD08_08 Datasheet
446Kb / 19P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
SN75HVD08 TI-SN75HVD08 Datasheet
316Kb / 17P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
SN75HVD08 TI-SN75HVD08_07 Datasheet
417Kb / 19P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
logo
TriQuint Semiconductor
TGA4817-EPU TRIQUINT-TGA4817-EPU Datasheet
411Kb / 9P
   10Gb/s Wide Dynamic Range Differential TIA
logo
Linear Technology
LTC1327 LINER-LTC1327_15 Datasheet
204Kb / 8P
   3.3V Micropower EIA/TIA-562 Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com