Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR33152IDTR-F Datasheet(PDF) 2 Page - Exar Corporation

Part # XR33152IDTR-F
Description  TIA-485/TIA-422 Transceivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR33152IDTR-F Datasheet(HTML) 2 Page - Exar Corporation

  XR33152IDTR-F Datasheet HTML 1Page - Exar Corporation XR33152IDTR-F Datasheet HTML 2Page - Exar Corporation XR33152IDTR-F Datasheet HTML 3Page - Exar Corporation XR33152IDTR-F Datasheet HTML 4Page - Exar Corporation XR33152IDTR-F Datasheet HTML 5Page - Exar Corporation XR33152IDTR-F Datasheet HTML 6Page - Exar Corporation XR33152IDTR-F Datasheet HTML 7Page - Exar Corporation XR33152IDTR-F Datasheet HTML 8Page - Exar Corporation XR33152IDTR-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
XR
33152/56/58
2/19
REV1A
Absolute Maximum Ratings
These are stress ratings only and functional operation of the device at these ratings or any other above those indicated
in the operation sections to the specifications below is not implied. Exposure to absolute maximum rating conditions for
extended periods of time may affect reliability and cause permanent damage to the device.
VCC
-0.3V to 7.0V
VL
VL ≤ VCC
Input voltage at control and driver input (DE, DI and INV) XR33152/58
-0.3V to (VCC + 0.3V)
Receiver output voltage (RO) XR33152/58
-0.3V to (VCC + 0.3V)
Input voltage at control (RE) XR33156
-0.3V to (VL + 0.3V)
Input voltage at control and driver input (DE, DI, RINV, DINV, and INV)
XR33156
-0.3V to 7.0V
Receiver output voltage (RO) XR33156
-0.3V to (VL + 0.3V)
Driver output voltage (A, B, Y and Z)
±60V
Receiver input voltage (A and B, half or full duplex)
±60V
Transient voltage pulse, through 100Ω (Figure 7)
±100V
Driver output current
±250mA
Storage temperature range
-65°C to 150°C
Lead temperature (soldering, 10s)
300°C
Package power dissipation
8-pin NSOIC θJA = 128.4°C/W
14-pin NSOIC θJA = 86°C/W
Maximum junction temperature = 150°C
CAUTION:
ESD-sensitive (electrostatic discharge) device. Permanent damage may occur on unconnected devices subject to high energy electrostatic fields. Unused devices must be
stored in conductive foam or shunts. Personnel should be properly grounded prior to handling this device. The protective foam should be discharged to the destination socket
before devices are removed.


Similar Part No. - XR33152IDTR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR33152IDTR-F EXAR-XR33152IDTR-F Datasheet
775Kb / 21P
   60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
More results

Similar Description - XR33152IDTR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR33053 EXAR-XR33053 Datasheet
625Kb / 16P
   TIA-485/TIA-422 Transceiver
XR33202 EXAR-XR33202 Datasheet
299Kb / 7P
   Wide Supply TIA-485/TIA-422 Transceiver
logo
Integrated Device Techn...
GX32222 IDT-GX32222 Datasheet
76Kb / 2P
   Linear TIA
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
logo
Integrated Device Techn...
GX36220 IDT-GX36220 Datasheet
120Kb / 2P
   Linear TIA
logo
National Semiconductor ...
DS16F95A NSC-DS16F95A Datasheet
363Kb / 10P
   TIA/EIA-485-A (RS-485) Extended Temperature Differential Bus Transceiver
LMS202 NSC-LMS202 Datasheet
114Kb / 5P
   5V Single Supply TIA/EIA-232 Dual Transceivers
logo
TriQuint Semiconductor
TIA56A TRIQUINT-TIA56A Datasheet
261Kb / 1P
   TIA for photoreceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com