Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM2019BRN Datasheet(PDF) 5 Page - Analog Devices

Part # SSM2019BRN
Description  Self-Contained Audio Preamplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2019BRN Datasheet(HTML) 5 Page - Analog Devices

  SSM2019BRN Datasheet HTML 1Page - Analog Devices SSM2019BRN Datasheet HTML 2Page - Analog Devices SSM2019BRN Datasheet HTML 3Page - Analog Devices SSM2019BRN Datasheet HTML 4Page - Analog Devices SSM2019BRN Datasheet HTML 5Page - Analog Devices SSM2019BRN Datasheet HTML 6Page - Analog Devices SSM2019BRN Datasheet HTML 7Page - Analog Devices SSM2019BRN Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
REV. 0
–5–
SSM2019
TEMPERATURE – C
0
–50
V+/V– =
15V
0.005
0.010
0.015
0.020
0.025
0.030
0.035
0.040
–25
0
25
50
75
100
TPC 12. VIOS vs. Temperature
SUPPLY VOLTAGE (VCC – VEE) – V
0
510
2030
3540
–20
20
30
–30
–10
0
10
15
25
TA = 25 C
TPC 15. VOOS vs. Supply Voltage
TEMPERATURE – C
–50
2
6
8
–2
–4
–6
–8
0
4
–25
0
25
50
75
100
I– @ V+/V– =
15V
I– @ V+/V– =
18V
I+ @ V+/V– =
18V
I+ @ V+/V– =
15V
TPC 18. Supply Current vs.
Temperature
SUPPLY VOLTAGE (VCC – VEE) – V
–0.06
0
10
20
25
30
35
40
515
–0.05
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
TA = 25 C
TPC 13. VIOS vs. Supply Voltage
TEMPERATURE – C
–50
4
5
3
2
1
0
–25
0
25
50
75
100
V+/V– =
15V
IB+ OR IB–
TPC 16. IB vs. Temperature
SUPPLY VOLTAGE (VCC – VEE) – V
05
10
20
30
35
40
–6
6
8
–8
–4
–2
0
2
4
15
25
I+
I–
TA = 25 C
TPC 19. Supply Current vs. Supply
Voltage
TEMPERATURE – C
–8
–25
–50
25
75
100
V+/V– =
15V
050
–7
–6
–5
–4
–3
–2
–1
0
TPC 14. VOOS vs. Temperature
SUPPLY VOLTAGE (VCC – VEE) – V
0
0
3
6
5
1
10
20
30
40
2
4
TA = 25 C
TPC 17. IB vs. Supply Voltage
SUPPLY VOLTAGE – V
5
0
8
10
12
10
15
20
6
4
2
0
TA = 25 C
14
16
TPC 20. ISY vs. Supply Voltage


Similar Part No. - SSM2019BRN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2019BRNZ AD-SSM2019BRNZ Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
SSM2019BRNZ AD-SSM2019BRNZ Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
SSM2019BRNZ AD-SSM2019BRNZ Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
SSM2019BRNZRL AD-SSM2019BRNZRL Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
SSM2019BRNZRL AD-SSM2019BRNZRL Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
More results

Similar Description - SSM2019BRN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2017 AD-SSM2017_15 Datasheet
325Kb / 8P
   Self-Contained Audio Preamplifier
REV. B
SSM2019BRWZRL AD-SSM2019BRWZRL Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
SSM2017 AD-SSM2017 Datasheet
243Kb / 8P
   Self-Contained Audio Preamplifier
REV. C
SSM2019BRWZRL AD-SSM2019BRWZRL Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
SSM2019BRNZRL AD-SSM2019BRNZRL Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
SSM2019 AD-SSM2019_15 Datasheet
207Kb / 10P
   Self-Contained Audio Preamplifier
AD612 AD-AD612_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
AD614 AD-AD614_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
logo
Texas Instruments
PT79SR100 TI1-PT79SR100_09 Datasheet
701Kb / 8P
[Old version datasheet]   Self-Contained Inductor
logo
List of Unclassifed Man...
AITT-500G ETC2-AITT-500G Datasheet
1Mb / 1P
   Thermoelectric Self-contained Current Source
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com