Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR22802IL56TR-F Datasheet(PDF) 6 Page - Exar Corporation

Part # XR22802IL56TR-F
Description  Hi-Speed USB to 10/100 Ethernet Bridge
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR22802IL56TR-F Datasheet(HTML) 6 Page - Exar Corporation

Back Button XR22802IL56TR-F Datasheet HTML 2Page - Exar Corporation XR22802IL56TR-F Datasheet HTML 3Page - Exar Corporation XR22802IL56TR-F Datasheet HTML 4Page - Exar Corporation XR22802IL56TR-F Datasheet HTML 5Page - Exar Corporation XR22802IL56TR-F Datasheet HTML 6Page - Exar Corporation XR22802IL56TR-F Datasheet HTML 7Page - Exar Corporation XR22802IL56TR-F Datasheet HTML 8Page - Exar Corporation XR22802IL56TR-F Datasheet HTML 9Page - Exar Corporation XR22802IL56TR-F Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
© 2015 Exar Corporation
XR22802
6 / 46
exar.com/XR22802
Rev 1B
8
GND
PWR
Power supply common, ground
9
USBD–
I/O
USB port differential data negative
10
USBD+
I/O
USB port differential data positive
11
VCC
PWR
5.0V power supply input
12
E26
I/O
Enhanced general purpose IO
13
ETH_SPD
O
Ethernet 100 Mbps Speed Indicator. Asserted high for 100 Mbps.
14
E27
I/O
Enhanced general purpose IO
15
XTALOUT
O
Crystal or buffered clock output
16
XTALIN
I
25 MHz +/- 50 ppm Crystal or external clock input
17
E24
I/O
Enhanced general purpose IO
18
E25
I/O
Enhanced general purpose IO
19
3V3_OUT
PWR
3.3 V output power. Connect externally to CAP1 and CAP2 using short trace and decouple
with minimum of 4.7uF capacitor
20
GND
PWR
Power supply common, ground
21
ETH_TX–
O
Ethernet transmit data out negative
22
ETH_TX+
O
Ethernet transmit data out positive
23
ETH_RX+
I
Ethernet receive data in positive
24
ETH_RX–
I
Ethernet receive data in negative
25
E22
I/O
Enhanced general purpose IO
26
E23
I/O
Enhanced general purpose IO
27
E21
I/O
Enhanced general purpose IO
28
E20
I/O
Enhanced general purpose IO
29
E0/RIA#/RWKA#/GA0
I/O
Enhanced general purpose IO, or UART channel A Ring Indicator, or remote wakeup, or gen-
eral purpose IO. Defaults to UART GPIO input. Refer to Remote Wakeup section on page 10.
30
E1/CDA#/GA1
I/O
Enhanced general purpose IO, or UART channel A Carrier Detect, or general purpose IO.
Defaults to UART GPIO input.
31
E17
I/O
Enhanced general purpose IO, or UART channel C Carrier Detect, or general purpose IO.
Defaults to UART GPIO input.
32
E16
I/O
Enhanced general purpose IO
33
ETH_LINK
O
Ethernet 10/100 Activity Indicator. Toggles with activity
34
E19
I/O
Enhanced general purpose IO
35
CAP2
I
Connect externally to CAP1 and 3V3_OUT using short trace
36
GND
PWR
Power supply common, ground
37
E18
I/O
Enhanced general purpose IO
38
E8/RIB#/RWKB#/GB0
I/O
Enhanced general purpose IO, or UART channel B Ring Indicator, or remote wakeup, or gen-
eral purpose IO. Defaults to UART GPIO input. Refer to Remote Wakeup section on page 10.
39
E9/CDB#/GB1
I/O
Enhanced general purpose IO, or UART channel B Carrier Detect, or general purpose IO.
Defaults to UART GPIO input.
Pin No.
Pin Name
Type
Description


Similar Part No. - XR22802IL56TR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR22800 EXAR-XR22800 Datasheet
350Kb / 29P
   Hi-Speed USB to 10/100 Ethernet Bridge
XR22800IL32-F EXAR-XR22800IL32-F Datasheet
350Kb / 29P
   Hi-Speed USB to 10/100 Ethernet Bridge
XR22800IL32TR-F EXAR-XR22800IL32TR-F Datasheet
350Kb / 29P
   Hi-Speed USB to 10/100 Ethernet Bridge
XR22801 EXAR-XR22801 Datasheet
418Kb / 42P
   Hi-Speed USB to 10/100 Ethernet Bridge
XR22801IL32-F EXAR-XR22801IL32-F Datasheet
418Kb / 42P
   Hi-Speed USB to 10/100 Ethernet Bridge
More results

Similar Description - XR22802IL56TR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR22800 EXAR-XR22800 Datasheet
350Kb / 29P
   Hi-Speed USB to 10/100 Ethernet Bridge
XR22801 EXAR-XR22801 Datasheet
418Kb / 42P
   Hi-Speed USB to 10/100 Ethernet Bridge
XR22804 EXAR-XR22804 Datasheet
456Kb / 47P
   Hi-Speed USB to 10/100 Ethernet Bridge with 4 UARTs
logo
Microchip Technology
LAN7500 MICROCHIP-LAN7500 Datasheet
1Mb / 58P
   Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
03/25/14
logo
SMSC Corporation
LAN7500-ABZJ SMSC-LAN7500-ABZJ Datasheet
688Kb / 2P
   Hi-Speed USB 2.0 to 10/100/1000 Gigabit Ethernet Controller
logo
Tripp Lite. All Rights ...
U236000R TRIPPLITE-U236000R Datasheet
493Kb / 2P
   USB 2.0 Hi-Speed to Ethernet NIC Network Adapter,10-100 Mbps
logo
JMicron Technology Corp...
JM20329 JMICRON-JM20329 Datasheet
126Kb / 2P
   Hi-Speed USB to SATA Bridge
JM20339 JMICRON-JM20339 Datasheet
185Kb / 2P
   Hi-Speed USB to SATA Bridge
May 2004 Version 1.2
logo
List of Unclassifed Man...
STIR4220 ETC1-STIR4220 Datasheet
67Kb / 2P
   USB 2.0 Hi-Speed to irDA Bridge
PL-2507 ETC1-PL-2507 Datasheet
39Kb / 1P
   Hi-Speed USB to IDE Bridge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com