Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR28V384IM48TR-F Datasheet(PDF) 4 Page - Exar Corporation

Part # XR28V384IM48TR-F
Description  3.3V QUAD LPC UART WITH 128-BYTE FIFO
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR28V384IM48TR-F Datasheet(HTML) 4 Page - Exar Corporation

  XR28V384IM48TR-F Datasheet HTML 1Page - Exar Corporation XR28V384IM48TR-F Datasheet HTML 2Page - Exar Corporation XR28V384IM48TR-F Datasheet HTML 3Page - Exar Corporation XR28V384IM48TR-F Datasheet HTML 4Page - Exar Corporation XR28V384IM48TR-F Datasheet HTML 5Page - Exar Corporation XR28V384IM48TR-F Datasheet HTML 6Page - Exar Corporation XR28V384IM48TR-F Datasheet HTML 7Page - Exar Corporation XR28V384IM48TR-F Datasheet HTML 8Page - Exar Corporation XR28V384IM48TR-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
XR28V384
4
REV. 1.0.0
3.3V QUAD LPC UART WITH 128-BYTE FIFO
RTSC# /
PS_CONF_KEY0/
RS485
23
O
UART Channel C Request-to-Send (active low) or general purpose output or
Automatic RS485 Half-Duplex control pin.
See ’Section 1.4.4, Auto RS-485
Half-Duplex Control’.
This pin has an internal pull-up resistor and is sampled upon power-up or reset.
See Table 1 ’UART Power On Configuration’.
DTRC# /
PS_WDT
24
O
UART Channel C Data-Terminal-Ready (active low) or general purpose output.
This pin has an internal pull-up resistor and is sampled upon power-up or reset.
The registers can later be modified by the software.
See Table 1 ’UART Power
On Configuration’.
RXC
25
I
UART Channel C Receive data. Normal receive data input must idle at logic 1
condition. This input should be connected to VCC or GND when not used.
TXC /
PS_3E8_IRQC
26
O
UART Channel C Transmit Data. The TXC signal will be a logic 1 during reset or
idle (no data). If it is not used, leave it unconnected.
This pin has an internal pull-up resistor and is sampled upon power-up or reset.
This will determine the default register settings for UART channel C. The regis-
ters can later be modified by the software.
See Table 1 ’UART Power On Con-
figuration’.
CDC#
27
I
UART Channel C Carrier-Detect (active low) or general purpose input. This input
should be connected to VCC or GND when not used.
RIC#
28
I
UART Channel C Ring-Indicator (active low) or general purpose input. This input
should be connected to VCC or GND when not used.
CTSB#
31
I
UART Channel B Clear-to-Send (active low) or general purpose input. This input
should be connected to VCC or GND when not used.
DSRB#
32
I
UART Channel B Data-Set-Ready (active low) or general purpose input. This
input should be connected to VCC or GND when not used.
RTSB# /
PS_CONF_KEY1/
RS485
33
O
UART Channel B Request-to-Send (active low) or general purpose output or aut-
matic RS485 Half-Duplex control pin.
See ’Section 1.4.4, Auto RS-485 Half-
Duplex Control’.
This pin has an internal pull-up resistor and is sampled upon power-up or reset
See Table 1 ’UART Power On Configuration’.
DTRB# /
PS_2E0_IRQB
34
O
UART Channel B Data-Terminal-Ready (active low) or general purpose output.
This pin has an internal pull-up resistor and is sampled upon power-up or reset.
This will determine the default register settings for UART channel B. The regis-
ters can later be modified by the software.
See Table 1 ’UART Power On Con-
figuration’.
RXB
35
I
UART Channel B Receive data. Normal receive data input must idle at logic 1
condition. This input should be connected to VCC or GND when not used.
TXB /
PS_2F8_IRQB
36
O
UART Channel B Transmit Data. The TXB signal will be a logic 1 during reset or
idle (no data). If it is not used, leave it unconnected.
This pin has an internal pull-up resistor and is sampled upon power-up or reset.
This will determine the default register settings for UART Channel B. The regis-
ters can later be modified by the software.
See Table 1 ’UART Power On Con-
figuration’.
CDB#
37
I
UART Channel B Carrier-Detect (active low) or general purpose input. This input
should be connected to VCC or GND when not used.
Pin Description
NAME
48-TQFP
PIN#
TYPE
DESCRIPTION


Similar Part No. - XR28V384IM48TR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR28V384IM48TR-F EXAR-XR28V384IM48TR-F Datasheet
511Kb / 42P
   XR28V384 3.3V QUAD LPC UART WITH 128-BYTE FIFO
More results

Similar Description - XR28V384IM48TR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR28V384IM48-0A EXAR-XR28V384IM48-0A Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V384IM48-0A-EB EXAR-XR28V384IM48-0A-EB Datasheet
511Kb / 42P
   XR28V384 3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V382IL32-0A EXAR-XR28V382IL32-0A Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR28V382 EXAR-XR28V382 Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR16C854 EXAR-XR16C854 Datasheet
476Kb / 51P
   QUAD UART WITH RX/TX FIFO COUNTERS,128-BYTE FIFO
logo
Texas Instruments
TL16C750E TI1-TL16C750E Datasheet
1Mb / 59P
[Old version datasheet]   TL16C750E UART with 128-Byte FIFO
logo
Exar Corporation
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XRT16C854 EXAR-XRT16C854 Datasheet
1Mb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C864IQ-F EXAR-XR16C864IQ-F Datasheet
440Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C854D EXAR-XR16C854D Datasheet
689Kb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com