Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR21B1421IL28TR-F Datasheet(PDF) 8 Page - Exar Corporation

Part # XR21B1421IL28TR-F
Description  Enhanced 1-Ch Full-Speed
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR21B1421IL28TR-F Datasheet(HTML) 8 Page - Exar Corporation

Back Button XR21B1421IL28TR-F Datasheet HTML 4Page - Exar Corporation XR21B1421IL28TR-F Datasheet HTML 5Page - Exar Corporation XR21B1421IL28TR-F Datasheet HTML 6Page - Exar Corporation XR21B1421IL28TR-F Datasheet HTML 7Page - Exar Corporation XR21B1421IL28TR-F Datasheet HTML 8Page - Exar Corporation XR21B1421IL28TR-F Datasheet HTML 9Page - Exar Corporation XR21B1421IL28TR-F Datasheet HTML 10Page - Exar Corporation XR21B1421IL28TR-F Datasheet HTML 11Page - Exar Corporation XR21B1421IL28TR-F Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
© 2014 Exar Corporation
XR21B1421
8 / 50
exar.com/XR21B1421
Rev 1B
1. Pin type: I=Input, O=Push-pull Output, I/O= Input/output, PWR=Power, OD=Open Drain Output with weak internal pull-up
2. All GPIO pins as well as USB_STAT1 and USB_STAT2 may be configured for a variety of pin type options using the GPIO_MODE register or by writing
to the OTP using XR_SET_OTP.
3. All enabled pull-up and pull-down resistors are maintained during USB suspend state.
4. Pin configurations set using XR_SET_OTP are enabled following the next power up reset and are permanent. During USB bus reset, resistors are dis-
abled and re-enabled after bus reset is deasserted. Pin configurations set using the GPIO_MODE register will be lost after POR or USB bus reset.
16
GPIO8/DTR#
I/O
General purpose I/O, or UART Data-Terminal-Ready push-pull output (active low). Defaults to
GPIO push-pull output. See “Automatic DTR/DSR Hardware Flow Control” on page 16.
17
GPIO7/RI#/RWK#
I/O
General purpose I/O, or UART Ring-Indicator input (active low) or Remote Wakeup input (active
low). Defaults to GPIO input with internal pull-up.
18
NC
No Connect
19
GPIO6/CD#
I/O
General purpose I/O, or UART Carrier-Detect input (active low). Defaults to GPIO input with inter-
nal pull-up.
20
NC
No Connect
21
NC
No Connect
22
NC
No Connect
23
GPIO2/CTS#
I/O
General purpose I/O, or UART Clear-to-Send input (active low). Defaults to CTS input with inter-
nal pull-up. See “Automatic RTS/CTS Hardware Flow Control” on page 15.
24
GPIO1/RTS#/RS485
I/O
General purpose I/O, or UART Request-to-Send output (active low) or auto. RS-485 half-duplex
enable. Defaults to open drain RTS output. See “GET / SET_GPIO_CONFIG” on page 28 and
“GET / SET_PIN_CONFIG” on page 41.
25
RX
I
UART Receive Data.
26
TX
O
UART Transmit Data.
27
GPIO5/RXT
I/O
General purpose I/O, or UART receive indicator. Defaults to receive indicator push-pull output.
When configured as receive indicator, this pin will toggle at ~10 Hz intervals while the UART is
receiving data.
28
GPIO4/TXT
I/O
General purpose I/O, or UART transmit indicator. Defaults to transmit indicator push-pull output.
When configured as transmit indicator, this pin will toggle at ~10 Hz intervals during UART data
transmission.
Center
Pad
GND
PWR
The center pad on the back side of the QFN package is metallic and should be connected to
GND on the PCB. The thermal pad size on the PCB should be the approximate size of this center
pad and should be solder mask defined. The solder mask opening should be at least 0.0025"
inwards from the edge of the PCB thermal pad.
28-pin QFN
Pin No.
Pin Name
Type
Description


Similar Part No. - XR21B1421IL28TR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR21B1420 EXAR-XR21B1420 Datasheet
522Kb / 60P
   Enhanced 1-Ch Full-Speed USB UART
XR21B1420IL28-0A EXAR-XR21B1420IL28-0A Datasheet
522Kb / 60P
   Enhanced 1-Ch Full-Speed USB UART
XR21B1420IL28-F EXAR-XR21B1420IL28-F Datasheet
522Kb / 60P
   Enhanced 1-Ch Full-Speed USB UART
XR21B1420IL28TR-F EXAR-XR21B1420IL28TR-F Datasheet
522Kb / 60P
   Enhanced 1-Ch Full-Speed USB UART
XR21B1422 EXAR-XR21B1422 Datasheet
517Kb / 60P
   Enhanced 2-Ch Full-Speed USB UART
More results

Similar Description - XR21B1421IL28TR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR21B1411 EXAR-XR21B1411_17 Datasheet
2Mb / 32P
   ENHANCED 1-CH FULL-SPEED USB UART
XR21B1420IL28-0A EXAR-XR21B1420IL28-0A Datasheet
522Kb / 60P
   Enhanced 1-Ch Full-Speed USB UART
XR21B1420 EXAR-XR21B1420 Datasheet
522Kb / 60P
   Enhanced 1-Ch Full-Speed USB UART
XR21B1411IL-0A-EB EXAR-XR21B1411IL-0A-EB Datasheet
796Kb / 30P
   ENHANCED 1-CH FULL-SPEED USB UART
XR21B1424 EXAR-XR21B1424_17 Datasheet
976Kb / 64P
   Enhanced 4-Ch Full-Speed USB UART
XR21B1422 EXAR-XR21B1422 Datasheet
517Kb / 60P
   Enhanced 2-Ch Full-Speed USB UART
XR21B1422IL40-0A EXAR-XR21B1422IL40-0A Datasheet
517Kb / 60P
   Enhanced 2-Ch Full-Speed USB UART
XR21B1424 EXAR-XR21B1424 Datasheet
512Kb / 61P
   Enhanced 4-Ch Full-Speed USB UART
XR21V1410IL16-F EXAR-XR21V1410IL16-F Datasheet
278Kb / 28P
   1-CH FULL-SPEED USB UART
XR21V1410IL-0C-EB EXAR-XR21V1410IL-0C-EB Datasheet
381Kb / 30P
   1-CH FULL-SPEED USB UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com