Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM2019BRW Datasheet(PDF) 4 Page - Analog Devices

Part # SSM2019BRW
Description  Self-Contained Audio Preamplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2019BRW Datasheet(HTML) 4 Page - Analog Devices

  SSM2019BRW Datasheet HTML 1Page - Analog Devices SSM2019BRW Datasheet HTML 2Page - Analog Devices SSM2019BRW Datasheet HTML 3Page - Analog Devices SSM2019BRW Datasheet HTML 4Page - Analog Devices SSM2019BRW Datasheet HTML 5Page - Analog Devices SSM2019BRW Datasheet HTML 6Page - Analog Devices SSM2019BRW Datasheet HTML 7Page - Analog Devices SSM2019BRW Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
REV. 0
SSM2019
–4–
GAIN
1
1
10
10
100
100
1k
0.1
TA = 25 C
VS = 15V
f = 1kHz OR 10kHz
TPC 3. RTI Voltage Noise Density
vs. Gain
LOAD RESISTANCE –
0
10
1k
10k
2
4
6
10
14
100k
G = 1
G
10
TA = 25 C
VS = 15V
100
8
12
16
TPC 6. Output Voltage vs. Load
Resistance
0
10
100k
20
40
60
80
100
120
140
160
180
200
100
1k
10k
G = 1000
G = 100
G = 10
G = 1
VCM = 100mV
VS = 15V
TA = 25 C
FREQUENCY– Hz
TPC 9. CMRR vs. Frequency
FREQUENCY – Hz
100
100
1M
1k
10k
100k
0
10
20
30
40
50
60
70
80
90
TPC 4. Output Impedance vs.
Frequency
SUPPLY VOLTAGE (V+ – V) – V
0
10
30
TA = 25 C
f = 100kHz
10
20
30
40
0
40
20
TPC 7. Input Voltage Range vs.
Supply Voltage
FREQUENCY – Hz
0
100
1k
10k
VCM = 100mV
TA = 25 C
VS = 15V
75
100k
G = 1
10
150
G = 1000
G = 10
G = 100
125
50
25
100
TPC 10. Positive PSRR vs. Frequency
FREQUENCY – Hz
100
30
1M
20
10
15
25
1k
10k
100k
TA = 25 C
RL = 2k
VS = 15V
GAIN
10
GAIN = 1
TPC 5. Maximum Output Swing
vs. Frequency
SUPPLY VOLTAGE (V+ – V) – V
0
10
30
TA = 25 C
5
10
15
40
0
20
20
TPC 8. Output Voltage Range vs.
Supply Voltage
FREQUENCY – Hz
0
100
1k
10k
VS = 100mV
TA = 25 C
VS = 15V
75
100
100k
G = 1
10
150
G = 1000
G = 10
G = 100
125
50
25
TPC 11. Negative PSRR vs. Frequency


Similar Part No. - SSM2019BRW

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2019BRWZ AD-SSM2019BRWZ Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
SSM2019BRWZ AD-SSM2019BRWZ Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
SSM2019BRWZ AD-SSM2019BRWZ Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
SSM2019BRWZRL AD-SSM2019BRWZRL Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
SSM2019BRWZRL AD-SSM2019BRWZRL Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
More results

Similar Description - SSM2019BRW

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2017 AD-SSM2017_15 Datasheet
325Kb / 8P
   Self-Contained Audio Preamplifier
REV. B
SSM2019BRWZRL AD-SSM2019BRWZRL Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
SSM2017 AD-SSM2017 Datasheet
243Kb / 8P
   Self-Contained Audio Preamplifier
REV. C
SSM2019BRWZRL AD-SSM2019BRWZRL Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
SSM2019BRNZRL AD-SSM2019BRNZRL Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
SSM2019 AD-SSM2019_15 Datasheet
207Kb / 10P
   Self-Contained Audio Preamplifier
AD612 AD-AD612_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
AD614 AD-AD614_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
logo
Texas Instruments
PT79SR100 TI1-PT79SR100_09 Datasheet
701Kb / 8P
[Old version datasheet]   Self-Contained Inductor
logo
List of Unclassifed Man...
AITT-500G ETC2-AITT-500G Datasheet
1Mb / 1P
   Thermoelectric Self-contained Current Source
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com