Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAN-011 Datasheet(PDF) 3 Page - Exar Corporation

Part # TAN-011
Description  A Comparison between Exar?셲 XR-88C681
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

TAN-011 Datasheet(HTML) 3 Page - Exar Corporation

  TAN-011 Datasheet HTML 1Page - Exar Corporation TAN-011 Datasheet HTML 2Page - Exar Corporation TAN-011 Datasheet HTML 3Page - Exar Corporation TAN-011 Datasheet HTML 4Page - Exar Corporation TAN-011 Datasheet HTML 5Page - Exar Corporation TAN-011 Datasheet HTML 6Page - Exar Corporation TAN-011 Datasheet HTML 7Page - Exar Corporation TAN-011 Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TAN - 011
A Comparison between Exar’s XR-88C681 and Motorola’s MC2681 DUART Devices
Table 1, Register Addressing of “Read Mode” Registers for the XR-88C681 and the
MC2681 devices
DUART Address Bits
DUART Device/Read Mode Registers
A3
A2
A1
A0
XR-88C681
MC2681
0
0
0
0
Mode Registers, Channel A
(MR1A, MR2A)
Mode Registers, Channel A
(MR1A, MR2A)
0
0
0
1
Status Register, Channel A,
(SRA)
Status Register, Channel A,
(SRA)
0
0
1
0
Masked Interrupt Status
Register (MISR)
Do not access
0
0
1
1
Receiver Holding Register,
Channel A (RHRA)
Receiver Holding Register,
Channel A (RHRA)
0
1
0
0
Input Port Change Register
(IPCR)
Input Port Change Register
(IPCR)
0
1
0
1
Interrupt Status Register
(ISR)
Interrupt Status Register
(ISR)
0
1
1
0
Counter/Timer Upper Byte
Register (CTUR)
Counter/Timer Upper Byte
Register (CTUR)
0
1
1
1
Counter/Timer Lower Byte
Register (CTLR)
Counter/Timer Lower Byte
Register (CTLR)
1
0
0
0
Mode Registers, Channel B
(MR1B, MR2B)
Mode Registers, Channel B
(MR1B, MR2B)
1
0
0
1
Status Register, Channel B
(SRB)
Status Register, Channel B
(SRB)
1
0
1
0
RESERVED
Do Not Access
1
0
1
1
Receiver Holding Register,
Channel B (RHRB)
Receiver Holding Register,
Channel B (RHRB)
1
1
0
0
Interrupt Vector Register
Do Not Access
1
1
0
1
Input Port
Input Port
1
1
1
0
Start Counter Command
Start Counter Command
1
1
1
1
Stop Counter Command
Stop Counter Command
Note: Differences between these two devices are in Bold-Italics
Shaded boxes denote “Address Triggered” Commands
Table 2 presents the DUART Address and the corresponding “Write” mode Register that
will be accessed for each of these two devices.


Similar Part No. - TAN-011

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
TAN-013 EXAR-TAN-013 Datasheet
52Kb / 6P
   A Comparison between Exar?셲 XR-88C681
TAN-014 EXAR-TAN-014 Datasheet
76Kb / 10P
   A Comparison between Exar?셲 XR-88C681
TAN-017 EXAR-TAN-017 Datasheet
105Kb / 9P
   Power Conditioning Requirements
May 23, 2001
More results

Similar Description - TAN-011

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
TAN-013 EXAR-TAN-013 Datasheet
52Kb / 6P
   A Comparison between Exar?셲 XR-88C681
TAN-014 EXAR-TAN-014 Datasheet
76Kb / 10P
   A Comparison between Exar?셲 XR-88C681
XRP7713 EXAR-XRP7713 Datasheet
2Mb / 6P
   Exar?셲 PowerXR D igital Power Solutions
DAN-113 EXAR-DAN-113 Datasheet
38Kb / 6P
   Exar?셲 XR17C158 Multiport Serial Device Windows API
logo
Vishay Siliconix
SI5404BDC VISHAY-SI5404BDC Datasheet
32Kb / 3P
   Specification Comparison
08-Sep-04
SI6880AEDQ VISHAY-SI6880AEDQ Datasheet
32Kb / 1P
   Specification Comparison
22-Mar-04
SI3850ADV VISHAY-SI3850ADV Datasheet
65Kb / 2P
   Specification Comparison
Revision: 31-Oct-06
logo
Vectron International, ...
XR-A VECTRON-XR-A Datasheet
627Kb / 4P
   XR-A (HC49) Series Resistance Weld
logo
Exar Corporation
DAN-136 EXAR-DAN-136 Datasheet
54Kb / 5P
   EXAR XR16L580 COMPARED
DAN-135 EXAR-DAN-135 Datasheet
23Kb / 2P
   EXAR XR16L580 COMPARED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com