Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPT9689 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # SPT9689
Description  DUAL ULTRAFAST VOLTAGE COMPARATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SPT9689 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  SPT9689 Datasheet HTML 1Page - Fairchild Semiconductor SPT9689 Datasheet HTML 2Page - Fairchild Semiconductor SPT9689 Datasheet HTML 3Page - Fairchild Semiconductor SPT9689 Datasheet HTML 4Page - Fairchild Semiconductor SPT9689 Datasheet HTML 5Page - Fairchild Semiconductor SPT9689 Datasheet HTML 6Page - Fairchild Semiconductor SPT9689 Datasheet HTML 7Page - Fairchild Semiconductor SPT9689 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
2/20/01
SPT9689
ABSOLUTE MAXIMUM RATINGS (Beyond which damage may occur)1 25 °C
Note: 1. Operation at any Absolute Maximum Rating is not implied. See
Electrical Specifications for proper nominal applied conditions
in typical applications.
ELECTRICAL SPECIFICATIONS
T A = +25 °C, VCC = +5.0 V, VEE =–5.20 V, RL = 50 Ohm to –2 V, unless otherwise specified.
TEST
TEST
SPT9689A
SPT9689B
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Input Offset Voltage
VIN, CM=0, RS=0 Ohms1
I
–10
±3.0
10
–25
±12
25
mV
Input Offset Voltage
VIN, CM=0, RS=0 Ohms1
TMIN<TA<TMAX
IV
–15
±4.5
15
–30
±15
30
mV
Offset Voltage Tempco
V
10
40
µV/°C
Input Bias Current
I
±8
±25
±8
±25
µA
Input Bias Current
TMIN<TA<TMAX
IV
±12
±38
±12
±38
µA
Input Offset Current
I
±1.0
±3.0
±2.0
±5.0
µA
Input Offset Current
TMIN<TA<TMAX
IV
±2.0
±5.0
±4.0
±7.0
µA
Positive Supply Current
Dual
I
18
30
18
35
mA
Negative Supply Current
Dual
I
40
55
40
60
mA
Positive Supply Voltage, VCC
IV
4.75
5.0
5.25
4.75
5.0
5.25
V
Negative Supply Voltage, VEE
IV
–4.95
–5.2 –5.45
–4.95
–5.2
–5.45
V
Input Common Mode Range
V
–2.5
+4.0
–2.5
+4.0
V
Latch Enable
Common Mode Range
IV
–2.0
0
–2.0
0
V
Open Loop Gain
V
66
66
dB
Differential Input Resistance
V
500
500
k
Input Capacitance
V
0.6
0.6
pF
Power Supply Sensitivity
V
70
70
dB
Common Mode Rejection Ratio
VCM=–2.5 to +4.0
V
70
70
dB
Power Dissipation
Dual, Without Load
I
350
425
350
475
mW
Power Dissipation
Dual, With Load
I
400
550
400
550
mW
Output High Level
ECL 50 Ohms to –2 V
I
–1.00
–.81
–1.00
–.81
V
Output Low Level
ECL 50 Ohms to –2 V
I
–1.95
–1.54
–1.95
–1.54
V
AC CHARACTERISTICS
Propagation Delay
20 mV O.D.
IV
650
850
750
950
ps
Latch Set-up Time
V
150
300
150
300
ps
Latch to Output Delay
250 mV O.D.
V
500
600
500
600
ps
Latch Pulse Width
V
500
500
ps
Latch Hold Time
V
0
0
ps
Rise Time
20% to 80%
V
180
180
ps
Fall Time
20% to 80%
V
80
80
ps
Slew Rate
V
10
10
V/ns
Bandwidth
–3 dB
V
900
900
MHz
1
RS = Source impedance
Supply Voltages
Positive Supply Voltage (VCC to GND) .... –0.5 to +6.0 V
Negative Supply Voltage (VEE to GND) .. –6.0 to +0.5 V
Ground Voltage Differential .................... –0.5 to +0.5 V
Input Voltages
Input Common Mode Voltage ................. –4.0 to +5.0 V
Differential Input Voltage ........................ –3.0 to +3.0 V
Input Voltage, Latch Controls .................... VEE to 0.5 V
Output
Output Current ................................................... 30 mA
Temperature
Operating Temperature, ambient ............ –40 to +85 °C
junction ..................... +150 °C
Lead Temperature, (soldering 60 seconds) ..... +300 °C
Storage Temperature ............................ –65 to +150 °C


Similar Part No. - SPT9689

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT9689 CADEKA-SPT9689 Datasheet
164Kb / 8P
   DUAL ULTRAFAST VOLTAGE COMPARATOR
SPT9689ACU CADEKA-SPT9689ACU Datasheet
164Kb / 8P
   DUAL ULTRAFAST VOLTAGE COMPARATOR
SPT9689AIC CADEKA-SPT9689AIC Datasheet
164Kb / 8P
   DUAL ULTRAFAST VOLTAGE COMPARATOR
SPT9689AIP CADEKA-SPT9689AIP Datasheet
164Kb / 8P
   DUAL ULTRAFAST VOLTAGE COMPARATOR
SPT9689BCU CADEKA-SPT9689BCU Datasheet
164Kb / 8P
   DUAL ULTRAFAST VOLTAGE COMPARATOR
More results

Similar Description - SPT9689

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP566 AD-ADCMP566 Datasheet
207Kb / 16P
   Dual Ultrafast Voltage Comparator
REV. 0
ADCMP567 AD-ADCMP567_15 Datasheet
369Kb / 17P
   Dual Ultrafast Voltage Comparator
REV. 0
ADCMP565 AD-ADCMP565_15 Datasheet
208Kb / 16P
   Dual Ultrafast Voltage Comparator
REV. 0
logo
List of Unclassifed Man...
SPT9687 ETC-SPT9687 Datasheet
111Kb / 8P
   DUAL ULTRAFAST VOLTAGE COMPARATOR
logo
Analog Devices
ADCMP567 AD-ADCMP567 Datasheet
362Kb / 17P
   Dual Ultrafast Voltage Comparator
REV. 0
ADCMP566 AD-ADCMP566_15 Datasheet
213Kb / 16P
   Dual Ultrafast Voltage Comparator
REV. 0
logo
Cadeka Microcircuits LL...
SPT9687 CADEKA-SPT9687 Datasheet
196Kb / 8P
   DUAL ULTRAFAST VOLTAGE COMPARATOR
SPT9689 CADEKA-SPT9689 Datasheet
164Kb / 8P
   DUAL ULTRAFAST VOLTAGE COMPARATOR
logo
Analog Devices
ADCMP565 AD-ADCMP565 Datasheet
202Kb / 16P
   Dual Ultrafast Voltage Comparator
REV. 0
ADCMP565BPZ AD-ADCMP565BPZ Datasheet
219Kb / 16P
   Dual Ultrafast Voltage Comparator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com