Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4140CCMX-1.0 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4140CCMX-1.0
Description  High Precision Low Noise Low Dropout Voltage
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4140CCMX-1.0 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM4140CCMX-1.0 Datasheet HTML 5Page - National Semiconductor (TI) LM4140CCMX-1.0 Datasheet HTML 6Page - National Semiconductor (TI) LM4140CCMX-1.0 Datasheet HTML 7Page - National Semiconductor (TI) LM4140CCMX-1.0 Datasheet HTML 8Page - National Semiconductor (TI) LM4140CCMX-1.0 Datasheet HTML 9Page - National Semiconductor (TI) LM4140CCMX-1.0 Datasheet HTML 10Page - National Semiconductor (TI) LM4140CCMX-1.0 Datasheet HTML 11Page - National Semiconductor (TI) LM4140CCMX-1.0 Datasheet HTML 12Page - National Semiconductor (TI) LM4140CCMX-1.0 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Application Hints
Input Capacitors
Although not always required, an input capacitor is recom-
mended. A supply bypass capacitor on the input assures that
the reference is working from a source with low impedance,
which improves stability. A bypass capacitor can also im-
prove transient response by providing a reservoir of stored
energy that the reference can utilize in case where the load
current demand suddenly increases. The value used for C
IN
may be used without limit. Refer to the typical application
section for examples of input capacitors.
Output Capacitors
The LM4140 requires a 1µF (nominally) output capacitor for
loop stability (compensation) as well as transient response.
During the sudden changes in load current demand, the out-
put capacitor must source or sink current during the time it
takes the control loop of the LM4140 to respond.
This capacitor must be selected to meet the requirements of
minimum capacitance and equivalent series resistance
(ESR) range.
In general, the capacitor value must be at least 0.2µF (over
the actual ambient operating temperature), and the ESR
must be within the range indicated in
Figure 1, Figure 2 and
Figure 3.
Tantalum Capacitors
Surface-mountable solid tantalum capacitors offer a good
combination of small physical size for the capacitance value,
and ESR in the range needed for by the LM4140. The results
of testing the LM4140 stability with surface mount solid tan-
talum capacitors show good stability with values in the range
of 0.1µF. However, optimum performance is achieved with a
1µF capacitor.
Tantalum capacitors that have been verified as suitable for
use with the LM4140 are shown in
Table 1.
TABLE 1. Surface-Mount Tantalum Capacitor Selection
Guide
1µF Surface-Mount Tantalums
Manufacturer
Part Number
Kemet
T491A105M010AS
NEC
NRU105N10
Siemens
B45196-E3105-K
Nichicon
F931C105MA
Sprague
293D105X0016A2T
2.2µF Surface-Mount Tantalums
Kemet
T491A225M010AS
NEC
NRU225M06
Siemens
B45196/2.2/10/10
Nichicon
F930J225MA
Sprague
293D225X0010A2T
Aluminum Electrolytic Capacitors
Although probably not a good choice for a production design,
because of relatively large physical size, an aluminium elec-
trolytic capacitor can be used in the design prototype for an
LM4140 reference. A 1µF capacitor meeting the ESR condi-
tions can be used. If the operating temperature drops below
0˚C, the reference may not remain stable, as the ESR of the
aluminium electrolytic capacitor will increase, and may ex-
ceed the limits indicated in the figures.
Multilayer Ceramic Capacitors
Surface-mountable multilayer ceramic capacitors may be an
attractive choice because of their relatively small physical
size and excellent RF characteristics.
DS101079-28
FIGURE 1. 0.22 µF ESR Range
DS101079-29
FIGURE 2. 1 µF ESR Range
DS101079-30
FIGURE 3. 10 µF ESR Range
www.national.com
9


Similar Part No. - LM4140CCMX-1.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4140CCMX-1.0 NSC-LM4140CCMX-1.0 Datasheet
878Kb / 15P
   High Precision Low Noise Low Dropout Voltage
logo
Texas Instruments
LM4140CCMX-1.0/NOPB TI-LM4140CCMX-1.0/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   High Precision Low Noise Low Dropout Voltage Reference
More results

Similar Description - LM4140CCMX-1.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4140 NSC-LM4140_05 Datasheet
878Kb / 15P
   High Precision Low Noise Low Dropout Voltage
logo
Texas Instruments
LM4140 TI-LM4140_15 Datasheet
1Mb / 23P
[Old version datasheet]   High Precision Low Noise Low Dropout Voltage Reference
LM4132 TI1-LM4132 Datasheet
1Mb / 41P
[Old version datasheet]   Precision Low Dropout Voltage Reference
logo
New Japan Radio
NJM2863 NJRC-NJM2863 Datasheet
134Kb / 7P
   Ultra Low Noise Low Dropout Voltage Regulator
logo
Nisshinbo Micro Devices...
RX5RZ NISSHINBO-RX5RZ Datasheet
716Kb / 20P
   LOW DROPOUT AND LOW NOISE VOLTAGE REGULATOR
logo
ams AG
AS13986 AMSCO-AS13986 Datasheet
650Kb / 13P
   Dual Low-Noise, Low-Dropout Voltage Regulator
logo
RICOH electronics devic...
RX5RZ RICOH-RX5RZ Datasheet
552Kb / 19P
   LOW DROPOUT AND LOW NOISE VOLTAGE REGULATOR
logo
Maxim Integrated Produc...
MAX6070 MAXIM-MAX6070_V01 Datasheet
6Mb / 26P
   Low-Noise, High-Precision Series Voltage References
2020
MAX6070 MAXIM-MAX6070 Datasheet
2Mb / 24P
   Low-Noise, High-Precision Series Voltage References
Rev 2; 3/13
MAX6070 MAXIM-MAX6070_19 Datasheet
5Mb / 26P
   Low-Noise, High-Precision Series Voltage References
19-6355; Rev 12; 3/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com