Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD403C14S15C Datasheet(PDF) 4 Page - International Rectifier

Part # SD403C14S15C
Description  FAST RECOVERY DIODES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD403C14S15C Datasheet(HTML) 4 Page - International Rectifier

  SD403C14S15C Datasheet HTML 1Page - International Rectifier SD403C14S15C Datasheet HTML 2Page - International Rectifier SD403C14S15C Datasheet HTML 3Page - International Rectifier SD403C14S15C Datasheet HTML 4Page - International Rectifier SD403C14S15C Datasheet HTML 5Page - International Rectifier SD403C14S15C Datasheet HTML 6Page - International Rectifier SD403C14S15C Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SD403C..C Series
4
Bulletin I2067 rev. C 04/00
www.irf.com
Outline Table
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
70
80
90
100
110
120
130
0
5 0
100
15 0
2 0 0
25 0
30°
60°
90°
1 20°
1 80°
A v e ra g e F o rw a r d C u rre n t ( A )
Co nd uc tio n An g le
S D 403C ..C S e ries
( S in g le Sid e C o o le d )
R
( D C ) = 0 .1 6 K / W
thJ - hs
50
60
70
80
90
100
110
120
130
0
5 0
100
150
2 0 0
2 5 0
3 0 0
3 50
30 °
60 °
90 °
180 °
DC
12 0 °
A v era g e F o r w a rd C u rr e n t ( A )
C o nd u ction Pe riod
S D 403C ..C Se rie s
( S in gle Sid e C o o led )
R
( D C ) = 0 .1 6 K /W
thJ -h s
Case Style DO-200AA
All dimensions in millimeters (inches)
0.3 (0.01) MIN.
BOTH ENDS
38 (1.50) DIA. MAX.
TWO PLACES
3.5(0.14) ± 0.1(0.004) DIA. NOM.x
1.8 (0.07) DEEP MIN. BOTH ENDS
19(0.75) DIA. MAX.
Quote between upper and lower
pole pieces has to be considered
after application of Mounting Force
(see Thermal and Mechanical
Specification)


Similar Part No. - SD403C14S15C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD403C14S15C VISHAY-SD403C14S15C Datasheet
218Kb / 8P
   Fast Recovery Diodes (Hockey PUK Version), 430 A
Revision: 04-Aug-08
SD403C14S15C VISHAY-SD403C14S15C Datasheet
230Kb / 9P
   Fast Recovery Diodes (Hockey PUK Version), 430 A
Revision: 04-Aug-08
More results

Similar Description - SD403C14S15C

ManufacturerPart #DatasheetDescription
logo
AEGIS SEMICONDUTORES LT...
A1C:70S.02.02 AEGIS-A1C:70S.02.02 Datasheet
803Kb / 4P
   Fast Recovery Diodes
A1C:70S.02.10 AEGIS-A1C:70S.02.10 Datasheet
990Kb / 4P
   Fast Recovery Diodes
logo
Sanken electric
CTU-34S SANKEN-CTU-34S Datasheet
324Kb / 5P
   Fast Recovery Diodes
logo
Rohm
RF601B2D ROHM-RF601B2D Datasheet
178Kb / 4P
   Fast recovery diodes
logo
International Rectifier
IRKL240 IRF-IRKL240_06 Datasheet
222Kb / 11P
   FAST RECOVERY DIODES
logo
Rohm
RF1005TF6S ROHM-RF1005TF6S Datasheet
164Kb / 1P
   Fast Recovery Diodes
RF601B2DTL ROHM-RF601B2DTL Datasheet
1Mb / 4P
   Fast recovery diodes
logo
Sanken electric
RF1A SANKEN-RF1A Datasheet
63Kb / 2P
   Fast Recovery Diodes
RU1B SANKEN-RU1B Datasheet
59Kb / 2P
   Fast Recovery Diodes
RH1Z SANKEN-RH1Z Datasheet
63Kb / 2P
   Fast Recovery Diodes
logo
AEGIS SEMICONDUTORES LT...
A1C:15S.02.02 AEGIS-A1C:15S.02.02 Datasheet
998Kb / 4P
   Fast Recovery Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com