Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4140BCMX-2.0 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4140BCMX-2.0
Description  High Precision Low Noise Low Dropout Voltage
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4140BCMX-2.0 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4140BCMX-2.0 Datasheet HTML 1Page - National Semiconductor (TI) LM4140BCMX-2.0 Datasheet HTML 2Page - National Semiconductor (TI) LM4140BCMX-2.0 Datasheet HTML 3Page - National Semiconductor (TI) LM4140BCMX-2.0 Datasheet HTML 4Page - National Semiconductor (TI) LM4140BCMX-2.0 Datasheet HTML 5Page - National Semiconductor (TI) LM4140BCMX-2.0 Datasheet HTML 6Page - National Semiconductor (TI) LM4140BCMX-2.0 Datasheet HTML 7Page - National Semiconductor (TI) LM4140BCMX-2.0 Datasheet HTML 8Page - National Semiconductor (TI) LM4140BCMX-2.0 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
LM4140
Electrical Charateristics (Continued)
Unless otherwise specified, V
IN = 3.0V for the LM4140-1.024 and LM4140-1.250, VIN = 5.0V for all other voltage options, VEN
=V
IN.COUT = 1µF (Note 4), ILOAD = 1mA, TA =TJ = 25˚C. Limits with standard typeface are for TA = 25˚C, and limits in
boldface type apply over 0˚C to 70˚C temperature range.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
Operating
Voltage
LM4140-1.024,
LM4140-1.250
I
L = 1 mA to 8 mA
1.8
5.5
V
V
IN-VREF
Dropout Voltage (Note 9)
LM4140-2.048,
LM4140-2.500
I
L = 1 mA
20
40
45
mV
I
L = 8 mA
160
235
400
LM4140-4.096
I
L = 1 mA
20
40
45
I
L = 8 mA
195
270
490
V
N
Output Noise Voltage
(Note 10)
0.1 Hz to 10 Hz
2.2
µV
PP
I
S(ON)
Supply Current
I
LOAD =0 mA
µA
All other voltage options
230
320
375
4.096V Option
265
350
400
I
S(OFF)
Supply Current
V
Enable < 0.4V
.01
1
µA
V
H
Logic High Input Voltage
0.8V
IN
V
I
H
Logic High Input Current
2
nA
V
L
Logic Low Input Voltage
0.4
V
I
L
Logic Low Input Current
1
nA
I
SC
Short Circuit Current
8.5
20
35
40
mA
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is in-
tended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see Electrical Characteristics. The guar-
anteed specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
Note 2: Without PCB copper enhancements. The maximum power dissipation must be de-rated at elevated temperatures and is limited by TJMAX (maximum junction
temperature),
θJ-A (junction to ambient thermal resistance) and TA (ambient temperature). The maximum power dissipation at any temperature is: PDissMAX =(TJMAX
−TA)/θJ-A up to the value listed in the Absolute Maximum Ratings. The θJ-A for the SO-8 package is 160˚C/W.
Note 3: The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF capacitor discharged di-
rectly into each pin.
Note 4: For proper operation, a 1µF capacitor is required between the output pin and the GND pin of the device. (See Application Section for details)
Note 5: Typical numbers are at 25˚C and represent the most likely parametric norm.
Note 6: Limits are 100% production tested at 25˚C. Limits over the operating temperature range are guaranteed through correlation using Statistical Quality Control
(SQC) methods. The limits are used to calculate National’s Average Outgoing Quality Level (AOQL).
Note 7: High temperature and mechanical stress associated with PCB assembly can have significant impact on the initial accuracy of the LM4140 and may create
significant shifts in VREF. See Application Hints section regarding accuracy and PCB layout consideration.
Note 8: Thermal hysteresis is defined as the changes in +25˚C output voltage before and after the cycling of the device from 0˚C to 70˚C.
Note 9: Dropout voltage is defined as the minimum input to output differential voltage at which the output voltage drops by 0.5% below the value measured with VIN
= 3.0V for the LM4140-1.024 and LM4140-1.250, VIN = 5.0V for all other voltage options.
Note 10: The output noise is based on 1.024V option. Output noise is linearly proportional to VREF.
www.national.com
4


Similar Part No. - LM4140BCMX-2.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4140BCMX-2.0 NSC-LM4140BCMX-2.0 Datasheet
878Kb / 15P
   High Precision Low Noise Low Dropout Voltage
More results

Similar Description - LM4140BCMX-2.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4140 NSC-LM4140_05 Datasheet
878Kb / 15P
   High Precision Low Noise Low Dropout Voltage
logo
Texas Instruments
LM4140 TI-LM4140_15 Datasheet
1Mb / 23P
[Old version datasheet]   High Precision Low Noise Low Dropout Voltage Reference
LM4132 TI1-LM4132 Datasheet
1Mb / 41P
[Old version datasheet]   Precision Low Dropout Voltage Reference
logo
New Japan Radio
NJM2863 NJRC-NJM2863 Datasheet
134Kb / 7P
   Ultra Low Noise Low Dropout Voltage Regulator
logo
Nisshinbo Micro Devices...
RX5RZ NISSHINBO-RX5RZ Datasheet
716Kb / 20P
   LOW DROPOUT AND LOW NOISE VOLTAGE REGULATOR
logo
ams AG
AS13986 AMSCO-AS13986 Datasheet
650Kb / 13P
   Dual Low-Noise, Low-Dropout Voltage Regulator
logo
RICOH electronics devic...
RX5RZ RICOH-RX5RZ Datasheet
552Kb / 19P
   LOW DROPOUT AND LOW NOISE VOLTAGE REGULATOR
logo
Maxim Integrated Produc...
MAX6070 MAXIM-MAX6070_V01 Datasheet
6Mb / 26P
   Low-Noise, High-Precision Series Voltage References
2020
MAX6070 MAXIM-MAX6070 Datasheet
2Mb / 24P
   Low-Noise, High-Precision Series Voltage References
Rev 2; 3/13
MAX6070 MAXIM-MAX6070_19 Datasheet
5Mb / 26P
   Low-Noise, High-Precision Series Voltage References
19-6355; Rev 12; 3/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com