Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC04PWT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC04PWT
Description  SNx4HC04 Hex Inverters
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC04PWT Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74HC04PWT Datasheet HTML 7Page - Texas Instruments SN74HC04PWT Datasheet HTML 8Page - Texas Instruments SN74HC04PWT Datasheet HTML 9Page - Texas Instruments SN74HC04PWT Datasheet HTML 10Page - Texas Instruments SN74HC04PWT Datasheet HTML 11Page - Texas Instruments SN74HC04PWT Datasheet HTML 12Page - Texas Instruments SN74HC04PWT Datasheet HTML 13Page - Texas Instruments SN74HC04PWT Datasheet HTML 14Page - Texas Instruments SN74HC04PWT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Vcc
Unused Input
Input
Output
Input
Unused Input
Output
SN54HC04, SN74HC04
www.ti.com
SCLS078G – DECEMBER 1982 – REVISED SEPTEMBER 2015
10 Power Supply Recommendations
The power supply can be any voltage between the MIN and MAX supply voltage rating located in Recommended
Operating Conditions.
Each VCC pin should have a good bypass capacitor to prevent power disturbance. For devices with a single
supply, TI recommends a 0.1-
μF bypass capacitor. If there are multiple VCC pins, TI recommends a 0.01-μF or
0.022-
μF bypass capacitors for each power pin. It is acceptable to parallel multiple bypass capacitors to reject
different frequencies of noise. A 0.1
μF and 1 μF bypass capacitors are commonly used in parallel. For best
results, install the bypass capacitor as close to the power pin as possible for best.
11 Layout
11.1 Layout Guidelines
When using multiple bit logic devices, inputs should not float. In many cases, functions or parts of functions of
digital logic devices are unused. Some examples are when only two inputs of a triple-input AND gate are used,
or when only 3 of the 4-buffer gates are used. Such input pins should not be left unconnected because the
undefined voltages at the outside connections result in undefined operational states.
Specified in Figure 7 are rules that must be observed under all circumstances. All unused inputs of digital logic
devices must be connected to a high or low bias to prevent them from floating. The logic level that should be
applied to any particular unused input depends on the function of the device. Generally they will be tied to GND
or VCC, whichever makes more sense or is more convenient. It is acceptable to float outputs unless the part is a
transceiver. If the transceiver has an output enable pin, it will disable the outputs section of the part when
asserted. This will not disable the input section of the I/Os so they also cannot float when disabled.
11.2 Layout Example
Figure 7. Layout Diagram
Copyright © 1982–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN54HC04 SN74HC04


Similar Part No. - SN74HC04PWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC04PWT TI-SN74HC04PWT Datasheet
76Kb / 15P
[Old version datasheet]   HEX INVERTERS
SN74HC04PWT TI1-SN74HC04PWT Datasheet
1Mb / 21P
[Old version datasheet]   HEX INVERTERS
SN74HC04PWTE4 TI1-SN74HC04PWTE4 Datasheet
1Mb / 21P
[Old version datasheet]   HEX INVERTERS
SN74HC04PWTG4 TI1-SN74HC04PWTG4 Datasheet
1Mb / 21P
[Old version datasheet]   HEX INVERTERS
More results

Similar Description - SN74HC04PWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC04-SP TI-SN54HC04-SP_15 Datasheet
1Mb / 29P
[Old version datasheet]   SNx4HC04 Hex Inverters
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com