Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC08N3 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74HC08N3
Description  SNx4HC08 Quadruple 2-Input Positive-AND Gates
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC08N3 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74HC08N3 Datasheet HTML 6Page - Texas Instruments SN74HC08N3 Datasheet HTML 7Page - Texas Instruments SN74HC08N3 Datasheet HTML 8Page - Texas Instruments SN74HC08N3 Datasheet HTML 9Page - Texas Instruments SN74HC08N3 Datasheet HTML 10Page - Texas Instruments SN74HC08N3 Datasheet HTML 11Page - Texas Instruments SN74HC08N3 Datasheet HTML 12Page - Texas Instruments SN74HC08N3 Datasheet HTML 13Page - Texas Instruments SN74HC08N3 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Copyright © 2016, Texas Instruments Incorporated
10
SN54HC08, SN74HC08
SCLS081G – DECEMBER 1982 – REVISED JUNE 2016
www.ti.com
Product Folder Links: SN54HC08 SN74HC08
Submit Documentation Feedback
Copyright © 1982–2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The SNx4HC08 is used to drive CMOS device and used for implementing AND logic. The HC family is low power
with the SNx4HC08 having 20-µA maximum supply current. The supply for SN74HC08 is wide, accepting 2-V to
6-V VCC. This device can be used for a multitude of bus-interface type applications where output ringing is a
concern.
9.2 Typical Application
Figure 4. Typical Application Diagram
9.2.1 Design Requirements
This device uses CMOS technology and has balanced output drive. Take care to avoid bus contention because it
can drive currents that would exceed maximum limits. The high drive also creates fast edges into light loads, so
consider routing and load conditions to prevent ringing.
9.2.2 Detailed Design Procedure
1. Recommended input conditions
Rise time and fall time specs: See (
Δt/ΔV) in Recommended Operating Conditions.
Specified high and low levels: See (VIH and VIL) in Recommended Operating Conditions.
2. Absolute Maximum Output Conditions
Load currents must not exceed 25 mA per output and 50 mA total for the part
Outputs must not be pulled above VCC


Similar Part No. - SN74HC08N3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC08N3 TI-SN74HC08N3 Datasheet
568Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results

Similar Description - SN74HC08N3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHCT08 TI-SN54AHCT08_10 Datasheet
900Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN5408 TI-SN5408 Datasheet
625Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI-CD54ACT08 Datasheet
302Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHC08 TI-SN54AHC08_10 Datasheet
771Kb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54ACT08 TI-SN54ACT08_10 Datasheet
658Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI1-SN54LVC08A_17 Datasheet
1Mb / 32P
[Old version datasheet]   Quadruple 2-Input Positive-AND Gates
CD54ACT08 TI1-CD54ACT08_14 Datasheet
871Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LS08 RENESAS-HD74LS08 Datasheet
65Kb / 6P
   Quadruple 2-Input Positive AND Gates
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com