Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3447BDV Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI3447BDV
Description  P-Channel 12-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3447BDV Datasheet(HTML) 2 Page - Vishay Siliconix

  SI3447BDV Datasheet HTML 1Page - Vishay Siliconix SI3447BDV Datasheet HTML 2Page - Vishay Siliconix SI3447BDV Datasheet HTML 3Page - Vishay Siliconix SI3447BDV Datasheet HTML 4Page - Vishay Siliconix SI3447BDV Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si3447BDV
Vishay Siliconix
www.vishay.com
2
Document Number: 72020
S-40424—Rev. B, 15-Mar-04
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = −250 mA
−0.45
1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "8 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = −12 V, VGS = 0 V
−1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = −12 V, VGS = 0 V, TJ = 85_C
−5
mA
On-State Drain Currenta
ID(on)
VDS = −5 V, VGS = −4.5 V
−20
A
VGS = −4.5 V, ID = −6.0 A
0.033
0.040
Drain-Source On-State Resistancea
rDS(on)
VGS = −2.5 V, ID = −5.2 A
0.044
0.053
W
DS(on)
VGS = −1.8 V, ID = −2.0 A
0.060
0.072
Forward Transconductancea
gfs
VDS = −5 V, ID = −6.0 A
15
S
Diode Forward Voltagea
VSD
IS = −1.7 A, VGS = 0 V
−0.7
−1.2
V
Dynamicb
Total Gate Charge
Qg
9.3
14
Gate-Source Charge
Qgs
VDS = −6 V, VGS = −4.5 V, ID = −6.0 A
1.5
nC
Gate-Drain Charge
Qgd
2.6
Turn-On Delay Time
td(on)
20
30
Rise Time
tr
VDD = −6 V, RL = 6 W
46
70
Turn-Off Delay Time
td(off)
VDD = −6 V, RL = 6 W
ID ^ −1 A, VGEN = −4.5 V, Rg = 6 W
62
95
ns
Fall Time
tf
62
95
Source-Drain Reverse Recovery Time
trr
IF = −1.7 A, di/dt = 100 A/ms
40
80
Notes
a.
Pulse test; pulse width v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
4
8
12
16
20
0.0
0.5
1.0
1.5
2.0
2.5
0
4
8
12
16
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VGS = 5 thru 2.5 V
TC = −55_C
125_C
1.5 V
25_C
Output Characteristics
Transfer Characteristics
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)
1 V
2 V


Similar Part No. - SI3447BDV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SI3447 FAIRCHILD-SI3447 Datasheet
90Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
logo
Vishay Siliconix
SI3447CDV VISHAY-SI3447CDV Datasheet
139Kb / 7P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 04-Feb-08
SI3447CDV-T1-E3 VISHAY-SI3447CDV-T1-E3 Datasheet
139Kb / 7P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 04-Feb-08
logo
VBsemi Electronics Co.,...
SI3447CDV-T1-GE3 VBSEMI-SI3447CDV-T1-GE3 Datasheet
440Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Fairchild Semiconductor
SI3447DV FAIRCHILD-SI3447DV Datasheet
90Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
More results

Similar Description - SI3447BDV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2335DS VISHAY-SI2335DS Datasheet
48Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI6423DQ VISHAY-SI6423DQ Datasheet
42Kb / 5P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 07-Jul-03
SIA477EDJT VISHAY-SIA477EDJT Datasheet
264Kb / 8P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 29-Aug-16
SI2333CDS-T1-GE3 VISHAY-SI2333CDS-T1-GE3 Datasheet
225Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 16-Nov-0
SI3477DV VISHAY-SI3477DV Datasheet
226Kb / 11P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 19-Jul-10
SI2333DS VISHAY-SI2333DS Datasheet
243Kb / 3P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 21-Mar-05
SI2333DS-T1 VISHAY-SI2333DS-T1 Datasheet
195Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
SI2333CDS VISHAY-SI2333CDS Datasheet
104Kb / 6P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Jun-08
SI5475DC VISHAY-SI5475DC Datasheet
109Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 05-Aug-02
logo
VBsemi Electronics Co.,...
MMSF4P01HDR2G VBSEMI-MMSF4P01HDR2G Datasheet
878Kb / 6P
   P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI2333DS VISHAY-SI2333DS_17 Datasheet
199Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com