Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3447BDV Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI3447BDV
Description  P-Channel 12-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3447BDV Datasheet(HTML) 1 Page - Vishay Siliconix

  SI3447BDV Datasheet HTML 1Page - Vishay Siliconix SI3447BDV Datasheet HTML 2Page - Vishay Siliconix SI3447BDV Datasheet HTML 3Page - Vishay Siliconix SI3447BDV Datasheet HTML 4Page - Vishay Siliconix SI3447BDV Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
D TrenchFETr Power MOSFET: 1.8-V Rated
D Ultra Low On-Resistance
APPLICATIONS
D Load Switch
D PA Switch
Si3447BDV
Vishay Siliconix
Document Number: 72020
S-40424—Rev. B, 15-Mar-04
www.vishay.com
1
P-Channel 12-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
0.040 @ VGS = −4.5 V
−6.0
−12
0.053 @ VGS = −2.5 V
−5.2
0.072 @ VGS = −1.8 V
−4.5
(4) S
(3) G
(1, 2, 5, 6) D
P-Channel MOSFET
TSOP-6
Top View
6
4
1
2
3
5
2.85 mm
3 mm
Ordering Information: Si3447BDV-T1
Si3447BDV-T1—E3 (Lead Free)
Marking Code:
B7xxx
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
5 secs
Steady State
Unit
Drain-Source Voltage
VDS
−12
V
Gate-Source Voltage
VGS
"8
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
−6.0
−4.5
Continuous Drain Current (TJ = 150_C)a
TA = 85_C
ID
−4.3
−3.3
A
Pulsed Drain Current
IDM
−20
A
Continuous Diode Current (Diode Conduction)a
IS
−1.7
−0.9
Maximum Power Dissipationa
TA = 25_C
PD
2.0
1.1
W
Maximum Power Dissipationa
TA = 85_C
PD
1.0
0.6
W
Operating Junction and Storage Temperature Range
TJ, Tstg
−55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Mi
J
ti
t A bi ta
t v 5 sec
R
50
62.5
Maximum Junction-to-Ambienta
Steady State
RthJA
90
110
_C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
30
36
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


Similar Part No. - SI3447BDV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SI3447 FAIRCHILD-SI3447 Datasheet
90Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
logo
Vishay Siliconix
SI3447CDV VISHAY-SI3447CDV Datasheet
139Kb / 7P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 04-Feb-08
SI3447CDV-T1-E3 VISHAY-SI3447CDV-T1-E3 Datasheet
139Kb / 7P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 04-Feb-08
logo
VBsemi Electronics Co.,...
SI3447CDV-T1-GE3 VBSEMI-SI3447CDV-T1-GE3 Datasheet
440Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Fairchild Semiconductor
SI3447DV FAIRCHILD-SI3447DV Datasheet
90Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
More results

Similar Description - SI3447BDV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2335DS VISHAY-SI2335DS Datasheet
48Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI6423DQ VISHAY-SI6423DQ Datasheet
42Kb / 5P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 07-Jul-03
SIA477EDJT VISHAY-SIA477EDJT Datasheet
264Kb / 8P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 29-Aug-16
SI2333CDS-T1-GE3 VISHAY-SI2333CDS-T1-GE3 Datasheet
225Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 16-Nov-0
SI3477DV VISHAY-SI3477DV Datasheet
226Kb / 11P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 19-Jul-10
SI2333DS VISHAY-SI2333DS Datasheet
243Kb / 3P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 21-Mar-05
SI2333DS-T1 VISHAY-SI2333DS-T1 Datasheet
195Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
SI2333CDS VISHAY-SI2333CDS Datasheet
104Kb / 6P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Jun-08
SI5475DC VISHAY-SI5475DC Datasheet
109Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 05-Aug-02
logo
VBsemi Electronics Co.,...
MMSF4P01HDR2G VBSEMI-MMSF4P01HDR2G Datasheet
878Kb / 6P
   P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI2333DS VISHAY-SI2333DS_17 Datasheet
199Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com