Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIXA60WH1200TEH Datasheet(PDF) 11 Page - IXYS Corporation

Part # MIXA60WH1200TEH
Description  XPT IGBT Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MIXA60WH1200TEH Datasheet(HTML) 11 Page - IXYS Corporation

Back Button MIXA60WH1200TEH Datasheet HTML 3Page - IXYS Corporation MIXA60WH1200TEH Datasheet HTML 4Page - IXYS Corporation MIXA60WH1200TEH Datasheet HTML 5Page - IXYS Corporation MIXA60WH1200TEH Datasheet HTML 6Page - IXYS Corporation MIXA60WH1200TEH Datasheet HTML 7Page - IXYS Corporation MIXA60WH1200TEH Datasheet HTML 8Page - IXYS Corporation MIXA60WH1200TEH Datasheet HTML 9Page - IXYS Corporation MIXA60WH1200TEH Datasheet HTML 10Page - IXYS Corporation MIXA60WH1200TEH Datasheet HTML 11Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
MIXA60WH1200TEH
preliminary
600
800
1000
1200
200
300
400
500
600
700
0.001
0.01
0.1
1
10
0.01
0.1
1
0
50
100
150
200
0
5
10
15
20
600
800
1000
1200
0.0
0.8
1.6
2.4
3.2
4.0
600
800
1000
1200
20
30
40
50
60
70
80
90
600
800
1000
1200
2
4
6
8
10
12
14
0
123
0
20
40
60
80
100
120
T
VJ [°C]
t[s]
E
rec
[mJ]
I
RR
[A]
Q
rr
[μC]
I
C
[A]
V
CE [V]
-di
F /dt [A/μs]
t
rr
[ns]
Z
thJC
[K/W]
Fig. 1 Typ. Forward current
versus V
F
Fig. 2 Typ. reverse recovery
charge Q
rr versus di/dt
Fig. 3 Typ. peak reverse current
I
RM versus di/dt
Fig. 4 Dynamic parameters
Q
r,IRM versus TVJ
Fig. 5 Typ. recovery time
t
rr versus -diF /dt
Fig. 6 Typ. recovery energy
E
rec versus -di/dt
Fig. 7 Transient thermal impedance junction to case
30 A
60 A
120A
K
f
TVJ =125°C
25°C
I
C
= 50 A
V
CE = 600 V
-di
F /dt [A/μs]
T
VJ = 125°C
V
R =600 V
T
VJ =125°C
V
R =600 V
30 A
60 A
120A
-di
F /dt [A/μs]
-di
F /dt [A/μs]
30 A
60 A
120A
T
VJ =125°C
V
R =600 V
30 A
60 A
120A
T
VJ =125°C
V
R = 600 V
Inverter Diode
IXYS reserves the right to change limits, conditions and dimensions.
20111111b
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2011 IXYS all rights reserved


Similar Part No. - MIXA60WH1200TEH

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MIXA60W1200TED IXYS-MIXA60W1200TED Datasheet
196Kb / 6P
   Six-Pack
MIXA60WB1200TEH IXYS-MIXA60WB1200TEH Datasheet
265Kb / 8P
   Converter - Brake - Inverter
More results

Similar Description - MIXA60WH1200TEH

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MIXA80R1200VA IXYS-MIXA80R1200VA Datasheet
316Kb / 6P
   XPT IGBT Module
MIXA100PM650TMI IXYS-MIXA100PM650TMI Datasheet
142Kb / 4P
   XPT IGBT Module
MIXA150Q1200VA IXYS-MIXA150Q1200VA Datasheet
321Kb / 6P
   XPT IGBT Module
MIXA600AF650TSF IXYS-MIXA600AF650TSF Datasheet
125Kb / 4P
   XPT IGBT Module
MIXA600CF650TSF IXYS-MIXA600CF650TSF Datasheet
125Kb / 4P
   XPT IGBT Module
MIXA600PF650TSF IXYS-MIXA600PF650TSF Datasheet
125Kb / 4P
   XPT IGBT Module
MIXA20WB1200TMI IXYS-MIXA20WB1200TMI Datasheet
276Kb / 11P
   XPT IGBT Module
MIXA50PM650TMI IXYS-MIXA50PM650TMI Datasheet
2Mb / 4P
   XPT IGBT Module
MIXA50WB600TED IXYS-MIXA50WB600TED Datasheet
156Kb / 6P
   XPT IGBT Module
MIXA60HU1200VA IXYS-MIXA60HU1200VA Datasheet
320Kb / 6P
   XPT IGBT Module
MIXA150R1200VA IXYS-MIXA150R1200VA Datasheet
321Kb / 6P
   XPT IGBT Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com