Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC3S12C64 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC3S12C64
Description  16-Bit Microcontroller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC3S12C64 Datasheet(HTML) 1 Page - Motorola, Inc

  MC3S12C64 Datasheet HTML 1Page - Motorola, Inc MC3S12C64 Datasheet HTML 2Page - Motorola, Inc MC3S12C64 Datasheet HTML 3Page - Motorola, Inc MC3S12C64 Datasheet HTML 4Page - Motorola, Inc MC3S12C64 Datasheet HTML 5Page - Motorola, Inc MC3S12C64 Datasheet HTML 6Page - Motorola, Inc MC3S12C64 Datasheet HTML 7Page - Motorola, Inc MC3S12C64 Datasheet HTML 8Page - Motorola, Inc MC3S12C64 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© MOTOROLA 2004
This document contains information on a new product. Specifications and information herein are subject to change without notice.
MOTOROLA
SEMICONDUCTOR
TECHNICAL DATA
MC9S12C-FamilyPP
Rev. 3, 12-May-04
MC9S12C-Family
Product Proposal
16-Bit Microcontroller
Based on Motorola’s market-leading flash technology, members of the MC9S12C-Family deliver the
power and flexibility of our 16 Bit core (CPU12) family to a whole new range of cost and space sensitive,
general purpose Industrial and Automotive network applications. MC9S12C-Family members are com-
prised of standard on-chip peripherals including a 16-bit central processing unit (CPU12), up to 128K
bytes of Flash EEPROM or ROM, up to 4K bytes of RAM, an asynchronous serial communications in-
terface (SCI), a serial peripheral interface (SPI), an 8-channel 16-bit timer module (TIM), a 6-channel
8-bit Pulse Width Modulator (PWM), an 8-channel, 10-bit analog-to-digital converter (ADC) and up to
one CAN 2.0 A, B software compatible module (MSCAN12). The MC9S12C-Family has full 16-bit data
paths throughout. The inclusion of a PLL circuit allows power consumption and performance to be ad-
justed to suit operational requirements. In addition to the I/O ports available in each module, up to 10
dedicated I/O port bits are available with Wake-Up capability from STOP or WAIT mode. The
MC9S12C-Family is available in 48, 52 and 80 pin QFP packages, with the 80 Pin version pin compat-
ible to the HCS12 B and D- Family derivatives.
The C-Family includes ROM versions MC3S12C128/96/64/32/16 of all devices which provide a further
cost reduction path for applications with high volume and stable code.
Features
• 16-bit HCS12 CORE
— HCS12 CPU
— MMC (memory map and interface)
— INT (interrupt control)
— BDM (background debug mode)
— DBG12 (enhanced debug12 module including breakpoints and change-of-flow trace buffer)
— Multiplexed Expansion Bus (available only in 80 pin package version)
• 16-bit HCS12 CPU
— Upward compatible with M68HC11 instruction set
— Interrupt stacking and programmer’s model identical to M68HC11
— Instruction queue
— Enhanced indexed addressing
• Wake-up interrupt inputs
— Up to 10-port bits available for wake up interrupt function
• Memory options
— 16K, 32K, 64K, 96K and 128K Byte Flash EEPROM (erasable in 512-byte sectors) or
— 16K, 32K, 64K, 96K and 128K Byte ROM
— 2K and 4K Byte RAM
• Analog-to-Digital Converters
— One 8-channel module with 10-bit resolution.
— External conversion trigger capability
• Up to one 1M bit per second, CAN 2.0 A, B software compatible modules
— Five receive and three transmit buffers
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC3S12C64

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC3S12G128F0CFTR FREESCALE-MC3S12G128F0CFTR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
MC3S12G128F0CLCR FREESCALE-MC3S12G128F0CLCR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
MC3S12G128F0CLFR FREESCALE-MC3S12G128F0CLFR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
MC3S12G128F0CLHR FREESCALE-MC3S12G128F0CLHR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
MC3S12G128F0CLLR FREESCALE-MC3S12G128F0CLLR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
More results

Similar Description - MC3S12C64

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com