Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7375AUR375-T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX7375AUR375-T
Description  3-Pin Silicon Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7375AUR375-T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX7375AUR375-T Datasheet HTML 1Page - Maxim Integrated Products MAX7375AUR375-T Datasheet HTML 2Page - Maxim Integrated Products MAX7375AUR375-T Datasheet HTML 3Page - Maxim Integrated Products MAX7375AUR375-T Datasheet HTML 4Page - Maxim Integrated Products MAX7375AUR375-T Datasheet HTML 5Page - Maxim Integrated Products MAX7375AUR375-T Datasheet HTML 6Page - Maxim Integrated Products MAX7375AUR375-T Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3-Pin Silicon Oscillator
_______________________________________________________________________________________
3
DUTY CYCLE vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
46
47
48
49
50
51
52
53
54
55
45
-40
125
DUTY CYCLE vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.8
4.1
3.4
47
49
51
53
55
45
2.7
5.5
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
-40
125
V+ = 3.3V
V+ = 5V
V+ = 2.7V
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.8
4.1
3.4
2.0
2.5
3.0
3.5
4.0
1.0
1.5
2.7
5.5
FREQUENCY vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.8
4.1
3.4
0.994
0.996
0.998
1.000
1.002
0.990
0.992
2.7
5.5
0.980
0.990
0.985
1.000
0.995
1.015
1.010
1.005
1.020
-40
10
-15
35
60
85
110
135
FREQUENCY vs. TEMPERATURE
TEMPERATURE (
°C)
SETTLING TIME FROM START
MAX7375 toc08
1
µs/div
V+
2V/div
CLOCK
2V/div
V+ = 3.3V
CLOCK OUTPUT WAVEFORM
WITH CL = 10pF
MAX7375 toc09
40ns/div
CLOCK
1V/div
V+ = 3.3V
Typical Operating Characteristics
(V+ = 5V, TA = +25
°C, CL = 10pF, 8MHz output, unless otherwise noted.)
SUPPLY CURRENT vs. FREQUENCY
FREQUENCY (MHz)
6.5
4.5
2.5
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
0.5
8.5
V+ = 5.5V
V+ = 5V
V+ = 3.3V
V+ = 2.7V


Similar Part No. - MAX7375AUR375-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7375AXR105-T MAXIM-MAX7375AXR105-T Datasheet
1Mb / 7P
   3-Pin Silicon Oscillator
2014
MAX7375AXR185-T MAXIM-MAX7375AXR185-T Datasheet
1Mb / 7P
   3-Pin Silicon Oscillator
2014
MAX7375AXR365-T MAXIM-MAX7375AXR365-T Datasheet
1Mb / 7P
   3-Pin Silicon Oscillator
2014
MAX7375AXR375-T MAXIM-MAX7375AXR375-T Datasheet
1Mb / 7P
   3-Pin Silicon Oscillator
2014
MAX7375AXR405-T MAXIM-MAX7375AXR405-T Datasheet
1Mb / 7P
   3-Pin Silicon Oscillator
2014
More results

Similar Description - MAX7375AUR375-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7381 MAXIM-MAX7381 Datasheet
543Kb / 6P
   3-Pin Silicon Oscillator
Rev 0; 4/05
MAX7375 MAXIM-MAX7375_V01 Datasheet
1Mb / 7P
   3-Pin Silicon Oscillator
2014
logo
Jauch Quartz Gmbh
JCO8-3.3V JAUCH-JCO8-3.3V Datasheet
79Kb / 2P
   Pin Type Oscillator
logo
MMD Components
MAC5 MMD-MAC5 Datasheet
79Kb / 2P
   14 Pin DIP Oscillator
MAH1 MMD-MAH1 Datasheet
588Kb / 2P
   14 Pin DIP Oscillator
logo
Everlight Electronics C...
EAPDLP05RDDA0 EVERLIGHT-EAPDLP05RDDA0 Datasheet
287Kb / 8P
   5mm Silicon PIN Photodiode , T-1 3/4
PD333-3B-H0-L2 EVERLIGHT-PD333-3B-H0-L2 Datasheet
223Kb / 7P
   5mm Silicon PIN Photodiode , T-1 3/4
PD333-3C-H0-L2 EVERLIGHT-PD333-3C-H0-L2 Datasheet
223Kb / 7P
   5mm Silicon PIN Photodiode , T-1 3/4
PD333-3C EVERLIGHT-PD333-3C Datasheet
223Kb / 7P
   5mm Silicon PIN Photodiode , T-1 3/4
PD333-3B EVERLIGHT-PD333-3B Datasheet
154Kb / 5P
   5mm Silicon PIN Photosiode, T-1 3/4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com